Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W48S87 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W48S87
Description  Desktop/Notebook Frequency Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W48S87 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W48S87 Datasheet HTML 1Page - Cypress Semiconductor W48S87 Datasheet HTML 2Page - Cypress Semiconductor W48S87 Datasheet HTML 3Page - Cypress Semiconductor W48S87 Datasheet HTML 4Page - Cypress Semiconductor W48S87 Datasheet HTML 5Page - Cypress Semiconductor W48S87 Datasheet HTML 6Page - Cypress Semiconductor W48S87 Datasheet HTML 7Page - Cypress Semiconductor W48S87 Datasheet HTML 8Page - Cypress Semiconductor W48S87 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
W48S87-72
2
Pin Definitions
Pin Name
Pin
No.
Pin
Type
Pin Description
CPU0:3
42, 41, 39,
38
O
CPU Outputs 0 through 3: These four CPU outputs are controlled by the
CPU_STOP# control pin. Output voltage swing is controlled by voltage applied
to VDDQ2.
PCI0:5
9, 11, 12,
13, 14, 16
O
PCI Bus Outputs 0 through 5: These six PCI outputs are controlled by the
PCI_STOP# control pin. Output voltage swing is controlled by voltage applied
to VDDQ3.
PCI_F
8
O
Free Running PCI Output: Unlike PCI0:5 outputs, this output is not controlled
by the PCI_STOP# control pin. Output voltage swing is controlled by voltage
applied to VDDQ3.
SDRAM0:5
36, 35, 33,
32, 30, 29
O
SDRAM Clock Outputs 0 through 5: These six SDRAM clock outputs run
synchronous to the CPU clock outputs. Output voltage swing is controlled by
voltage applied to VDDQ3.
SDRAM6/
CPU_STOP#
27
I/O
SDRAM Clock Output 6 or CPU Clock Output Stop Control: This pin has
dual functions, selectable by the MODE input pin. When MODE = 0, this pin
becomes the CPU_STOP# input. When MODE = 1, this pin becomes SDRAM
clock output 6.
Regarding use as a CPU_STOP# input: When brought LOW, clock outputs
CPU0:3 are stopped LOW after completing a full clock cycle (2–3 CPU clock
latency). When brought HIGH, clock outputs CPU0:3 are started beginning with
a full clock cycle (2–3 CPU clock latency).
Regarding use as a SDRAM clock: Output voltage swing is controlled by voltage
applied to VDDQ3.
SDRAM7/
PCI_STOP#
26
I/O
SDRAM Clock Output 7 or PCI Clock Output Stop Control: This pin has
dual functions, selectable by the MODE input pin. When MODE = 0, this pin
becomes the PCI_STOP# input. When MODE = 1, this pin becomes SDRAM
clock output 7.
PCI_STOP# input: When brought LOW, clock outputs PCI0:5 are stopped LOW
after completing a full clock cycle. When brought HIGH, clock outputs PCI0:5
are started beginning with a full clock cycle. Clock latency provides one PCI_F
rising edge of PCI clock following PCI_STOP# state change.
Regarding use as a SDRAM clock: Output voltage swing is controlled by voltage
applied to VDDQ3.
IOAPIC
45
O
I/O APIC Clock Output: Provides 14.318-MHz fixed frequency. The output
voltage swing is controlled by VDDQ2.
48/24MHz
22, 23
O
48-MHz / 24-MHz Output: Fixed clock outputs that default to 48 MHz following
device power-up. Either or both can be changed to 24 MHz through use of the
serial data interface (Byte 0, bits 2 and 3). Output voltage swing is controlled
by voltage applied to VDDQ3
REF0:1
2, 1
O
Fixed 14.318-MHz Outputs 0 through 1: Used for various system applica-
tions. Output voltage swing is controlled by voltage applied to VDDQ3. REF0
is stronger than REF1 and should be used for driving ISA slots.
CPU_2.5#
47
I
Set to logic 0 for VDDQ2 = 2.5V (0 to 2.5V CPU output swing).
60/66_SEL
18
I
60- or 66-MHz Input Selection: Selects power-up default CPU clock frequency
as shown in Table 1 on page 1 (also determines SDRAM and PCI clock fre-
quency selections). Can be used to change CPU clock frequency while device
is in operation if serial data port bits 0–2 of Byte 7 are logic 1 (default power-
up condition).
X1
4
I
Crystal Connection or External Reference Frequency Input: This pin has
dual functions. It can be used as an external 14.318-MHz crystal connection
or as an external reference frequency input.
X2
5
I
Crystal Connection: An input connection for an external 14.318-MHz crystal.
If using an external reference, this pin must be left unconnected.


Similar Part No. - W48S87

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48S87 CYPRESS-W48S87 Datasheet
201Kb / 21P
   Spread Spectrum 3 DIMM Desktop Clock
W48S87-04 CYPRESS-W48S87-04 Datasheet
201Kb / 21P
   Spread Spectrum 3 DIMM Desktop Clock
More results

Similar Description - W48S87

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W164 SPECTRALINEAR-W164 Datasheet
129Kb / 11P
   Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Cypress Semiconductor
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
   Spread Spectrum Desktop/Notebook System Frequency Generator
W48S111-14 CYPRESS-W48S111-14 Datasheet
137Kb / 11P
   Spread Spectrum Desktop/Notebook System Frequency Generator
W164 CYPRESS-W164 Datasheet
137Kb / 11P
   Spread Spectrum Desktop/Notebook System Frequency Generator
logo
Integrated Circuit Syst...
AV9154A-60 ICST-AV9154A-60 Datasheet
148Kb / 7P
   OPTi Notebook Frequency Generator
logo
Cypress Semiconductor
W130 CYPRESS-W130 Datasheet
116Kb / 8P
   Spread Spectrum Desktop/Notebook System Clock
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com