Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQPJU05K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQPJU05K
Description  6.0mm x 3.5 mm Square Light Touch Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPJU05K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQPJU05K Datasheet HTML 1Page - Panasonic Semiconductor EVQPJU05K Datasheet HTML 2Page - Panasonic Semiconductor EVQPJU05K Datasheet HTML 3Page - Panasonic Semiconductor EVQPJU05K Datasheet HTML 4Page - Panasonic Semiconductor EVQPJU05K Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Light Touch Switches/EVQPJ
Japan
6.0 mm´3.5 mm Square Light Touch Switches
Type:
EVQPJ
n Features
l 6.0 mm´3.5 mm-type for space saving, high-density
installation
l Excellent distinct click feeling
l Wave soldering available
l Excellent soldering heat endurance due to
heat-resistant resin
l Excellent mounting efficiency with radial taping
package
n Recommended Applications
l Car Audio Equipment
l Compact Disc Players
l Operating switches for Electronic Equipment
Bulk Type
SMD
Ratial Taping
Height
1.0 N±0.5 N
EVQPJA
EVQPJS
EVQPJG
H=4.3 mm
1.6 N±0.5 N
EVQPJB
EVQPJX
EVQPJH
2.4 N±0.6 N
EVQPJC
EVQPJU
EVQPJJ
H=5.0 mm
Type
Operating Force
n Product Chart
n Explanation of Part Numbers
6.0 mm´3.5 mm size, narrow width type
E
V
Q
P
J


Similar Part No. - EVQPJU05K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0405M PANASONIC-EVQP0405M Datasheet
76Kb / 3P
   Light Touch Switches/EVQP0/P1/9P
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com