Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRWP220M350V125X20F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRWP220M350V125X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWP220M350V125X20F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRWP220M350V125X20F Datasheet HTML 1Page - NIC-Components Corp. NRWP220M350V125X20F Datasheet HTML 2Page - NIC-Components Corp. NRWP220M350V125X20F Datasheet HTML 3Page - NIC-Components Corp. NRWP220M350V125X20F Datasheet HTML 4Page - NIC-Components Corp. NRWP220M350V125X20F Datasheet HTML 5Page - NIC-Components Corp. NRWP220M350V125X20F Datasheet HTML 6Page - NIC-Components Corp. NRWP220M350V125X20F Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRWP Series
RADIAL LEADS, POLARIZED, NEW FURTHER REDUCED CASE SIZING,
FROM NRWS WIDE TEMPERATURE RANGE
CHARACTERISTICS
EXTENDED TEMPERATURE
NRWS
NRWP
(today’s standard)
(reduced sizes)
Rated Voltage Range
6.3 ~ 450VDC
Capacitance Range
0.47 ~ 33,000
μF
Operating Temperature
Range
6.3 ~ 100Vdc
-55°C ~ +105°C
160 ~ 400Vdc
-40°C ~ +105°C
450Vdc
-25°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage
Current
6.3 ~ 100Vdc
0.01CV or 3
μA whichever is greater (after 2 minutes)
160 ~ 450Vdc
For CV's < 1000 LC = 0.1CV + 40
μA (after 1 minute), 0.03CV + 15μA (after 5 minutes)
For CV's > 1000 LC = 0.04CV + 100
μA (after 1 minute), 0.02CV + 25μA (after 5 minutes)
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
All Part Numbers
See specifications tables
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
Z-25°C/Z+20°C
54322222
Z-40°C/Z+20°C
10
8643333
W.V. (Vdc)
160
200
250
350
400
450
N/A
Z-25°C/Z+20°C
334667
Z-40°C/Z+20°C
4488
10
-
Load Life Test
@ 105°C
Duration
φ D < 8: 1,000 hours, φ D > 10: 2,000 hours
Δ Capacitance
Within ±25% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
β = D < 16mm = 1.5mm, L > 16mm = 2.0mm
β for all 160V ~ 450V parts = 2.0mm
Case Dia. (D
φ)
5
6.3
8
10 12.5 16
18
Lead Dia. (D
φ)
0.5 0.5 0.6 0.6 0.6 0.8 0.8
Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5
Dim.
α
0.5 0.5 0.5 0.5 0.5 0.5 0.5
LEAD SPACING AND DIAMETER (mm)
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+
Size (D
∅xL)
Tape and Box*
NRWP 221 M 50V 10x12.5
Series
TB
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBERING SYSTEM
*see tape specification for details
New Expanded
High Voltage
(Up to 450V)


Similar Part No. - NRWP220M350V125X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWP221M100V10X12.5F NIC-NRWP221M100V10X12.5F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP221M100V10X20F NIC-NRWP221M100V10X20F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP221M100V12.5X20F NIC-NRWP221M100V12.5X20F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP221M100V16X25F NIC-NRWP221M100V16X25F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWP221M100V16X31.5F NIC-NRWP221M100V16X31.5F Datasheet
189Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWP220M350V125X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com