Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRWA221M100V16x25F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRWA221M100V16x25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWA221M100V16x25F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRWA221M100V16x25F Datasheet HTML 1Page - NIC-Components Corp. NRWA221M100V16x25F Datasheet HTML 2Page - NIC-Components Corp. NRWA221M100V16x25F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, STANDARD SIZE, EXTENDED TEMPERATURE
FEATURES
• REDUCED CASE SIZING
• -55°C ~ +105°C OPERATING TEMPERATURE
• HIGH STABILITY OVER LONG LIFE
NRWA Series
NRWA
NRWS
(today’s standard)
(reduced sizes)
CHARACTERISTICS
EXTENDED TEMPERATURE
Rated Voltage Range
6.3 ~ 100VDC
Capacitance Range
1.0 ~ 10,000
μF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current @ +20°c
After 1 min.
0.03CV or 4
μA whichever is greater
After 2 min.
0.01CV or 3
μA whichever is greater
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000
μF
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
C = 2,200
μF
0.24
0.21
0.18
0.16
0.14
0.12
-
-
C = 3,300
μF
0.26
0.23
0.20
0.18
0.16
-
-
-
C = 4,700
μF
0.28
0.25
0.22
0.20
-
-
-
-
C = 6,800
μF
0.32
0.29
0.26
-
-
-
-
-
C = 10,000
μF
0.40
0.37
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
4
3
2
2
2
2
2
2
Z-40°C/Z+20°C
8
6
4
3
3
3
3
3
Load Life Test at Rated W.V
+105°C 1,000 Hours: 5~12.5
φ
2,000 Hours: 16
φ
Δ Capacitance
Within ±20% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
Shelf Life Test
+105°C 1,000 Hours
No Load
Δ Capacitance
Within ±20% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
Cap. (
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
1.0
1R0
-
-
-
-
-
5x11
-
5x11
2.2
2R2
-
-
-
-
-
5x11
-
5x11
3.3
3R3
-
-
-
-
-
5x11
5x11
5x11
4.7
4R7
-
-
-
5x11
5x11
5x11
5x11
5x11
10
100
-
-
5x11
5x11
5x11
5x11
5x11
6.3x11
22
220
-
5x11
5x11
5x11
5x11
5x11
6.3x11
8x11.5
33
330
5x11
5x11
5x11
5x11
5x11
6.3x11
6.3x11
10x12.5
47
470
5x11
5x11
5x11
5x11
6.3x11
6.3x11
8x11.5
10x16
100
101
5x11
5x11
6.3x11
6.3x11
8x11.5
8x11.5
10x12.5
12.5x20
220
221
-
6.3x11
8x11.5
8x11.5
10x12.5
10x16
10x20
16x25
330
331
6.3x11
-
8x11.5
10x12.5
10x16
10x20
12.5x20
16x25
470
471
8x11.5
8x11.5
10x12.5
10x16
10x20
12.5x20
12.5x25
16x31.5
1,000
102
10x12.5
10x16
10x20
12.5x20
12.5x25
16x25
16x31.5
-
2,200
222
12.5x20
12.5x20
12.5x25
16x25
16x31
18x35.5
-
-
3,300
332
12.5x20
12.5x25
16x25
16x31
18x35.5
-
-
-
4,700
472
16x25
16x25
16x31.5
18x35.5
-
-
-
-
6,800
682
16x25
16x31
18x35.5
-
-
-
-
-
10,000
103
16x31
18x36
-
-
-
-
-
-
LEAD SPACING AND DIAMETER (mm)
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
Case Dia. (D
φ)
5
6.3
8
10 12.5 16
18
Lead Dia. (D
φ)
0.5 0.5 0.6 0.6 0.6 0.8 0.8
Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5
Dim.
α
0.5 0.5 0.5 0.5 0.5 0.5 0.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
-
+


Similar Part No. - NRWA221M100V16x25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWA221M100V16X25TBF NIC-NRWA221M100V16X25TBF Datasheet
207Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWA221M100V16x25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com