Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS123N3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # BSS123N3
Description  N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BSS123N3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BSS123N3 Datasheet HTML 1Page - Cystech Electonics Corp. BSS123N3 Datasheet HTML 2Page - Cystech Electonics Corp. BSS123N3 Datasheet HTML 3Page - Cystech Electonics Corp. BSS123N3 Datasheet HTML 4Page - Cystech Electonics Corp. BSS123N3 Datasheet HTML 5Page - Cystech Electonics Corp. BSS123N3 Datasheet HTML 6Page - Cystech Electonics Corp. BSS123N3 Datasheet HTML 7Page - Cystech Electonics Corp. BSS123N3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C580N3
Issued Date : 2011.09.16
Revised Date : 2013.10.17
Page No. : 4/8
BSS123N3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
1
2
3
4
5
6
7
8
012
34
56
Drain-Source Voltage -VDS(V)
10V
8V
7V
6V
4.5V
4V
3.5V
VGS=3V
Breakdown Voltage vs Junction Temperature
100
110
120
130
140
-60 -40 -20
0
20 40 60 80 100 120 140 160
Junction Temperature-Tj(°C)
ID=250μA
Static Drain-Source On-State resistance vs Drain Current
100
1000
10000
0.001
0.01
0.1
1
Drain Current-ID(A)
VGS=3V
VGS=4.5V
VGS=10V
VGS=2.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
0
0.1 0.2 0.3 0.4
0.5 0.6 0.7 0.8 0.9
1
Reverse Drain Current -IDR(A)
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
100
200
300
400
500
600
700
800
900
1000
02
46
8
10
Drain-Source On-State Resistance vs Junction Tempearture
100
150
200
250
300
350
400
450
500
550
600
650
700
-60
-20
20
60
100
140
180
Junction Temperature-Tj(°C)
VGS=10V, ID=170mA
VGS=4V, ID=400mA
VGS=10V, ID=700mA
Gate-Source Voltage-VGS(V)
ID=700mA
ID=400mA


Similar Part No. - BSS123N3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS123N INFINEON-BSS123N Datasheet
633Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.3 2012-11-21
More results

Similar Description - BSS123N3

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com