Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLM152M160V30X45F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRLM152M160V30X45F
Description  Large Can Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLM152M160V30X45F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRLM152M160V30X45F Datasheet HTML 1Page - NIC-Components Corp. NRLM152M160V30X45F Datasheet HTML 2Page - NIC-Components Corp. NRLM152M160V30X45F Datasheet HTML 3Page - NIC-Components Corp. NRLM152M160V30X45F Datasheet HTML 4Page - NIC-Components Corp. NRLM152M160V30X45F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLM101M350V20X35F
100
350
20x35
1.658
0.580
0.91
1.27
NRLM101M350V22X30F
22x30
NRLM151M350V22X35F
150
22x35
1.105
0.387
1.12
1.57
NRLM151M350V25X30F
25x30
NRLM151M350V30X25F
30x25
NRLM221M350V22X45F
220
22x45
0.754
0.264
1.44
2.02
NRLM221M350V25X40F
25x40
NRLM221M350V30X30F
30x30
NRLM221M350V35X25F
35x25
NRLM331M350V25X50F
330
25x50
0.502
0.176
1.88
2.63
NRLM331M350V30X40F
30x40
NRLM331M350V35X50F
35x30
NRLM471M350V30X50F
470
30x50
0.388
0.136
2.40
3.36
NRLM471M350V35X40F
35x40
NRLM561M350V35X45F
560
35x45
0.355
0.142
2.60
3.64
NRLM681M350V35X50F
680
35x50
0.293
0.117
2.96
4.14
NRLM680M400V20X30F
68
400
20x30
2.438
0.853
0.76
1.06
NRLM680M400V22X25F
22x25
NRLM820M400V20X30F
82
20x30
2.022
0.708
0.83
1.16
NRLM820M400V22X25F
22x25
NRLM101M400V20X35F
100
20x35
1.658
0.580
0.92
1.29
NRLM101M400V22X30F
22x30
NRLM101M400V25X25F
25x25
NRLM151M400V25X30F
150
25x30
1.105
0.387
1.16
1.62
NRLM151M400V30X25F
30x25
NRLM221M400V25X40F
220
25x40
0.754
0.264
1.49
2.09
NRLM221M400V30X30F
30x30
NRLM331M400V30X40F
330
30x40
0.553
0.193
1.90
2.66
NRLM331M400V35X45F
35x45
NRLM471M400V35X45F
470
35x45
0.388
0.136
2.39
3.35
NRLM560M450V20X30F
56
450
20x30
2.960
1.184
0.70
0.98
NRLM560M450V22X25F
22x25
NRLM680M450V22X25F
68
22x25*
2.438
0.975
0.76
1.06
NRLM680M450V22X30F
22x30
NRLM820M450V20X35F
82
20x35
2.022
0.809
0.83
1.16
NRLM820M450V22X30F
22x30
NRLM820M450V25X25F
25x25
NRLM101M450V22X35F
100
22x35
1.658
0.663
0.93
1.30
NRLM101M450V25X30F
25x30
NRLM101M450V30X25F
30x25
NRLM221M450V25X50F
220
25x50
0.754
0.301
1.55
2.17
NRLM221M450V30X40F
30x40
NRLM221M450V35X30F
35x30
NRLM331M450V30X50F
330
30x50
0.533
0.249
2.01
2.81
NRLM331M450V35X40F
35x40
NRLM471M450V35X50F
470
35x50
0.423
0.233
2.53
3.54
* Special Size.
Large Can Aluminum Electrolytic Capacitors
NRLM Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLM152M160V30X45F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLM153M100V20X25F NIC-NRLM153M100V20X25F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M100V20X30F NIC-NRLM153M100V20X30F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M100V20X35F NIC-NRLM153M100V20X35F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M100V20X40F NIC-NRLM153M100V20X40F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLM153M100V22X30F NIC-NRLM153M100V22X30F Datasheet
59Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLM152M160V30X45F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com