Electronic Components Datasheet Search |
|
NRWX470M350V16x315F Datasheet(PDF) 2 Page - NIC-Components Corp. |
|
NRWX470M350V16x315F Datasheet(HTML) 2 Page - NIC-Components Corp. |
2 / 3 page 2 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Miniature Aluminum Electrolytic Capacitors NRWX Series Part Number Cap. ( μF) W.V. (Vdc) Dissipation Factor +20°C/120Hz Ripple Current Rating (mA) +125°C/100KHz Max. ESR ( Ω) +20°C/100KHz Load Life Hours @+125°C NRWX221M10V8x12.5F 220 10 0.20 280 0.26 2,000 NRWX331M10V10x12.5F 330 0.20 350 0.20 3,000 NRWX471M10V10x12.5F 470 0.20 380 0.17 3,000 NRWX102M10V10x20F 1000 0.20 580 0.12 3,000 NRWX222M10V12.5x25F 2200 0.20 1050 0.05 4,000 NRWX332M10V16x25F 3300 0.20 1150 0.04 4,000 NRWX472M10V16x31.5F 4700 0.20 1500 0.03 4,000 NRWX101M16V8x11.5F 100 16 0.16 250 0.39 2,000 NRWX221M16V10x12.5F 220 0.16 350 0.20 3,000 NRWX331M16V10x12.5F 330 0.16 380 0.17 3,000 NRWX471M16V10x16F 470 0.16 490 0.15 3,000 NRWX102M16V12.5x20F 1000 0.16 770 0.07 4,000 NRWX222M16V16x25F 2200 0.16 1150 0.04 4,000 NRWX332M16V16x31.5F 3300 0.16 1500 0.03 2,000 NRWX101M25V8x12.5F 100 25 0.14 280 0.26 2,000 NRWX221M25V10x12.5F 220 0.14 380 0.17 3,000 NRWX331M25V10x16F 330 0.14 480 0.15 3,000 NRWX471M25V10x20F 470 0.14 580 0.12 3,000 NRWX102M25V12.5x25F 1000 0.14 1050 0.05 4,000 NRWX222M25V16x31.5F 2200 0.14 1500 0.03 4,000 NRWX470M35V8x12.5F 47 35 0.12 230 0.45 2,000 NRWX101M35V10x12.5F 100 0.12 315 0.35 3,000 NRWX221M35V10x16F 220 0.12 420 0.29 3,000 NRWX331M35V10x20F 330 0.12 580 0.20 3,000 NRWX471M35V12.5x20F 470 0.12 630 0.12 4,000 NRWX102M35V16x25F 1000 0.12 980 0.06 4,000 NRWX100M50V8x11.5F 10 50 0.10 150 0.95 2,000 NRWX220M50V8x11.5F 22 0.10 210 0.65 2,000 NRWX330M50V8x12.5F 33 0.10 230 0.45 2,000 NRWX470M50V8x12.5F 47 0.10 230 0.45 2,000 NRWX101M50V10x12.5F 100 0.10 315 0.35 3,000 NRWX221M50V10x20F 220 0.10 560 0.20 3,000 NRWX331M50V12.5x20F 330 0.10 630 0.12 4,000 NRWX471M50V12.5x25F 470 0.10 770 0.10 4,000 NRWX102M50V16x31.5F 1000 0.10 1200 0.045 4,000 NRWX100M100V8x11.5F 10 100 0.08 150 1.5 2,000 NRWX220M100V8x12.5F 22 0.08 190 1.5 2,000 NRWX330M100V10x12.5F 33 0.08 330 0.75 3,000 NRWX470M100V10x16F 47 0.08 400 0.57 3,000 NRWX101M100V12.5x20F 100 0.08 580 0.29 4,000 NRWX221M100V16x25F 220 0.08 670 0.22 4,000 NRWX331M100V16x31.5F 330 0.08 810 0.15 4,000 NRWX471M100V18x31.5F 470 0.08 950 0.11 4,000 NRWX220M160V10x20F 22 160 0.20 115 N/A 2,000 NRWX330M160V10x20F 33 0.20 125 2,000 NRWX470M160V12.5x20F 47 0.20 187 2,000 NRWX680M160V12.5x20F 68 0.20 200 2,000 NRWX101M160V16x25F 100 0.20 329 2,000 NRWX151M160V16x31.5F 150 0.20 434 2,000 NRWX100M200V10x20F 10 200 0.20 78 2,000 NRWX220M200V10x20F 22 0.20 95 2,000 NRWX330M200V12.5x20F 33 0.20 157 2,000 NRWX470M200V12.5x25F 47 0.20 204 2,000 NRWX680M200V16x21F 68 0.20 250 2,000 STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm) For Automotive Applications see part number system |
Similar Part No. - NRWX470M350V16x315F |
|
Similar Description - NRWX470M350V16x315F |