Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSH152M35V125x30F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRSH152M35V125x30F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSH152M35V125x30F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRSH152M35V125x30F Datasheet HTML 1Page - NIC-Components Corp. NRSH152M35V125x30F Datasheet HTML 2Page - NIC-Components Corp. NRSH152M35V125x30F Datasheet HTML 3Page - NIC-Components Corp. NRSH152M35V125x30F Datasheet HTML 4Page - NIC-Components Corp. NRSH152M35V125x30F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. ESR (
Ω)
+20°C/100KHz
Load Life Hours
@+105°C
NRSH120M80V5x11F
12
80
0.08
163
1.40
6,000
NRSH330M80V6.3x11F
33
0.08
267
0.57
6,000
NRSH560M80V8x11.5F
56
0.08
462
0.36
8,000
NRSH680M80V8x16F
68
0.08
585
0.25
8,000
NRSH820M80V10x12.5F
82
0.08
624
0.96
10,000
NRSH101M80V8x20F
100
0.08
735
0.19
8,000
NRSH121M80V10x16F
120
0.08
780
0.17
10,000
NRSH181M80V10x20F
180
0.08
1040
0.12
10,000
NRSH181M80V12.5x16F
180
0.08
975
0.13
10,000
NRSH221M80V10x23F
220
0.08
1170
0.11
10,000
NRSH271M80V12.5x20F
270
0.08
1430
0.085
10,000
NRSH331M80V12.5x25F
330
0.08
1620
0.060
10,000
NRSH391M80V12.5x30F
390
0.08
1950
0.058
10,000
NRSH391M80V16x20F
390
0.08
1750
0.058
10,000
NRSH471M80V12.5x35F
470
0.08
2140
0.043
10,000
NRSH561M80V12.5x40F
560
0.08
2340
0.036
10,000
NRSH561M80V16x25F
560
0.08
2210
0.044
10,000
NRSH561M80V18x20F
560
0.08
1950
0.054
10,000
NRSH681M80V16x31.5F
680
0.08
2400
0.033
10,000
NRSH821M80V16x35.5F
820
0.08
2600
0.029
10,000
NRSH821M80V18x25F
820
0.08
2270
0.038
10,000
NRSH102M80V16x40F
1000
0.08
2860
0.027
10,000
NRSH102M80V18x31.5F
1000
0.08
2470
0.031
10,000
NRSH122M80V18x35.5F
1200
0.08
2860
0.027
10,000
NRSH152M80V18x40F
1500
0.08
3510
0.026
10,000
NRSH8R2M100V5x11F
8.2
100
0.08
163
1.40
6,000
NRSH180M100V6.3x11F
18
0.08
267
0.57
6,000
NRSH330M100V8x11.5F
33
0.08
462
0.36
8,000
NRSH470M100V8x16F
47
0.08
585
0.25
8,000
NRSH560M100V10x12.5F
56
0.08
624
0.23
10,000
NRSH680M100V8x20F
68
0.08
735
0.19
8,000
NRSH820M100V10x16F
82
0.08
780
0.17
10,000
NRSH101M100V10x20F
100
0.08
1040
0.12
10,000
NRSH101M100V12.5x16F
100
0.08
975
0.13
10,000
NRSH121M100V10x23F
120
0.08
1170
0.11
10,000
NRSH151M100V12.5x20F
150
0.08
1430
0.085
10,000
NRSH221M100V12.5x25F
220
0.08
1620
0.060
10,000
NRSH271M100V12.5x30F
270
0.08
1950
0.051
10,000
NRSH271M100V16x20F
270
0.08
1750
0.058
10,000
NRSH331M100V12.5x35F
330
0.08
2140
0.043
10,000
NRSH391M100V12.5x40F
390
0.08
2340
0.036
10,000
NRSH391M100V16x25F
390
0.08
2210
0.044
10,000
NRSH391M100V18x20F
390
0.08
1950
0.054
10,000
NRSH471M100V16x31.5F
470
0.08
2400
0.033
10,000
NRSH471M100V18x25F
470
0.08
2270
0.038
10,000
NRSH561M100V16x35.5F
560
0.08
2600
0.029
10,000
NRSH681M100V16x40F
680
0.08
2860
0.027
10,000
NRSH681M100V18x35.5F
680
0.08
2860
0.027
10,000
NRSH821M100V18x40F
820
0.08
3510
0.026
10,000
Miniature Aluminum Electrolytic Capacitors
NRSH Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
Frequency (Hz)
120
1K
10K
<100K
8.2 ~ 33
μF
0.42
0.70
0.90
1.00
47 ~ 270
μF
0.50
0.73
0.92
1.00
330 ~ 680
μF
0.55
0.77
0.94
1.00
820 ~ 1800
μF
0.60
0.80
0.96
1.00
2200 ~ 8200
μF
0.70
0.85
0.98
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS


Similar Part No. - NRSH152M35V125x30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSH152M35V12.5X20F NIC-NRSH152M35V12.5X20F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRSH152M35V12.5X25F NIC-NRSH152M35V12.5X25F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRSH152M35V12.5X30F NIC-NRSH152M35V12.5X30F Datasheet
282Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSH152M35V125x30F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com