Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD-54 Datasheet(PDF) 5 Page - Clare, Inc.

Part # TD-54
Description  MICROWAVE NOISE TUBES & NOISE SOURCES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TD-54 Datasheet(HTML) 5 Page - Clare, Inc.

  TD-54 Datasheet HTML 1Page - Clare, Inc. TD-54 Datasheet HTML 2Page - Clare, Inc. TD-54 Datasheet HTML 3Page - Clare, Inc. TD-54 Datasheet HTML 4Page - Clare, Inc. TD-54 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MICROWAVE NOISE TUBES & NOISE SOURCES
575
www.cpclare.com
TD/TN Series
ORDERING INFORMATION
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES
with Filamentary Cathode Noise Tubes(5)
NOISE SOURCE POWER SUPPLIES
with Current Regulation
All characteristics at 25˚C
WAVE-GUIDE
PART
FREQUENCY
APPROX.
TUBE
DC ANODE
MINIMUM
REPLACEMENT
MOUNTING
FLANGE
NUMBER
RANGE
ENR
DROP
CURRENT
STARTING
TUBE
MATE
(GHz)
(dB)
(VDC)
(mA)
VOLTAGE
SPIKE (kV)
WR-42
TN-170
18.0-26.5
15.0
170
120
2.0
TD-170
7
°E
UG-595/U
WR-28
TN-162
26.5-40.0
15.4
170
120
2.0
TD-162
7
°E
UG-599/U
WR-22
TN-172
33.0-50.0
15.4
170
120
2.0
TD-172
7
°E
UG-599/U
WR-19
TN-163
40.0-60.0
15.4
170
120
2.0
TD-163
7
°E
UG-385/U
WR-15
TN-164
50.0-75.0
15.0
170
120
2.0
TD-164
7
°E
UG-385/U
WR-12
TN-171
60.0-90.0
15.0
210
100
2.5
TD-171
7
°E
UG-385/U
WR-10
TN-165
75.0-110.0
14.2
225
75
3.0
TD-165
7
°E
UG-385/U
WR-8
TN-167
90.0-140.0
13.0
225
75
3.0
TD-167
7
°E
UG-385/U
WR-6
TN-166A
110.0-170.0
13.0
225
50
3.0
TD-166A
7
°E
UG-385/U
WR-5
TN-173
140.0-220.0
9.0
225
50
3.0
TD-173
7
°E
UG-385/U
(5) CP Clare can usually refurbish noise sources (depending on condition of waveguide) and install replacement tubes.
A complete part number is represented by
the information in the Part Number column
of the specification table.
PART NUMBER
FOR NOISE TUBES(6)
AC INPUT
DC STARTING
DC OPERATING
VOLTAGE (kV)
CURRENT (mA)
PS-237
TN-162 thru TN-172
115VAC, 60Hz
5.0
150
PS-238
except TN-166A
220VAC, 50Hz
5.0
150
PS-239
TN-173, TN-166A
115VAC, 60Hz
5.0
120
PS-240
220VAC, 50Hz
5.0
75
(6) These power supplies, though designed for the TN-162 through TN-173, are capable of operating many other noise sources made by CP Clare.


Similar Part No. - TD-54

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TD-5 VISHAY-TD-5 Datasheet
104Kb / 6P
   Filter Inductors
Revision: 02-Jun-06
More results

Similar Description - TD-54

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
   FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
   FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
logo
Fairchild Semiconductor
AN-6605 FAIRCHILD-AN-6605 Datasheet
703Kb / 5P
   Noise of Sources
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
115Kb / 2P
   Fullband Microwave Noise Sources 1 GHz to 2 GHz
RFN25S MICRONETICS-RFN25S Datasheet
92Kb / 2P
   Fullband Microwave Noise Sources 2 GHz to 4 GHz
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Micronetics, Inc.
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
   NOIZEG BASEBAND NOISE SOURCES
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com