Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLRW333M25V35X40SF Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NRLRW333M25V35X40SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW333M25V35X40SF Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NRLRW333M25V35X40SF Datasheet HTML 3Page - NIC-Components Corp. NRLRW333M25V35X40SF Datasheet HTML 4Page - NIC-Components Corp. NRLRW333M25V35X40SF Datasheet HTML 5Page - NIC-Components Corp. NRLRW333M25V35X40SF Datasheet HTML 6Page - NIC-Components Corp. NRLRW333M25V35X40SF Datasheet HTML 7Page - NIC-Components Corp. NRLRW333M25V35X40SF Datasheet HTML 8Page - NIC-Components Corp. NRLRW333M25V35X40SF Datasheet HTML 9Page - NIC-Components Corp. NRLRW333M25V35X40SF Datasheet HTML 10Page - NIC-Components Corp. NRLRW333M25V35X40SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLRW101M420V20X35SF
100
420
20x35
3.316
2.551
0.61
0.85
NRLRW101M420V22X30SF
22x30
3.316
2.551
0.68
0.95
NRLRW101M420V25X25SF
25x25
3.316
2.551
0.67
0.93
NRLRW121M420V20X40SF
120
20x40
2.764
2.126
0.70
0.98
NRLRW121M420V22X35SF
22x35
2.764
2.126
0.73
1.02
NRLRW121M420V25X30SF
25x30
2.764
2.126
0.76
1.06
NRLRW121M420V30X25SF
30x25
2.764
2.126
0.81
1.13
NRLRW151M420V20X45SF
150
20x45
2.211
1.701
0.78
1.09
NRLRW151M420V22X40SF
22x40
2.211
1.701
0.86
1.20
NRLRW151M420V25X35SF
25x35
2.211
1.701
0.87
1.21
NRLRW151M420V30X25SF
30x25
2.211
1.701
0.84
1.17
NRLRW181M420V22X45SF
180
22x45
1.843
1.417
0.96
1.34
NRLRW181M420V25X35SF
25x35
1.843
1.417
0.95
1.33
NRLRW181M420V30X30SF
30x30
1.843
1.417
0.97
1.35
NRLRW181M420V35X25SF
35x25
1.843
1.417
0.91
1.27
NRLRW221M420V25X40SF
220
25x40
1.508
1.160
1.08
1.51
NRLRW221M420V30X35SF
30x35
1.508
1.160
1.14
1.59
NRLRW221M420V35X30SF
35x30
1.508
1.160
1.07
1.49
NRLRW271M420V25X50SF
270
25x50
1.229
0.945
1.38
1.93
NRLRW271M420V30X35SF
30x35
1.229
0.945
1.20
1.68
NRLRW271M420V35X35SF
35x35
1.229
0.945
1.29
1.80
NRLRW331M420V30X40SF
330
30x40
1.005
0.773
1.37
1.91
NRLRW331M420V35X35SF
35x35
1.005
0.773
1.44
2.01
NRLRW391M420V30X45SF
390
30x45
0.851
0.654
1.50
2.10
NRLRW391M420V35X40SF
35x40
0.851
0.654
1.63
2.28
NRLRW471M420V35X45SF
470
35x45
0.706
0.543
1.88
2.63
NRLRW470M450V20X25SF
47
450
20x25
7.055
5.427
0.39
0.54
NRLRW560M450V20X30SF
56
20x30
5.921
4.555
0.51
0.71
NRLRW560M450V22X25SF
22x25
5.921
4.555
0.44
0.61
NRLRW680M450V20X35SF
68
20x35
4.877
3.751
0.56
0.78
NRLRW680M450V22X30SF
22x30
4.877
3.751
0.53
0.74
NRLRW820M450V20X35SF
82
20x35
4.044
3.111
0.64
0.89
NRLRW820M450V22X30SF
22x30
4.044
3.111
0.64
0.89
NRLRW820M450V25X25SF
25x25
4.044
3.111
0.64
0.89
NRLRW101M450V20X45SF
100
20x45
3.316
2.551
0.69
0.96
NRLRW101M450V22X35SF
22x35
3.316
2.551
0.69
0.96
NRLRW101M450V25X30SF
25x30
3.316
2.551
0.69
0.96
NRLRW101M450V30X25SF
30x25
3.316
2.551
0.69
0.96
NRLRW121M450V20X50SF
120
20x50
2.764
2.126
0.75
1.05
NRLRW121M450V22X40SF
22x40
2.764
2.126
0.75
1.05
NRLRW121M450V25X30SF
25x30
2.764
2.126
0.75
1.05
NRLRW121M450V30X25SF
30x25
2.764
2.126
0.80
1.12
NRLRW151M450V22X45SF
150
22x45
2.211
1.701
0.88
1.23
NRLRW151M450V25X35SF
25x35
2.211
1.701
0.88
1.23
NRLRW151M450V30X30SF
30x30
2.211
1.701
0.88
1.23
NRLRW151M450V35X25SF
35x25
2.211
1.701
0.75
1.05
NRLRW181M450V25X40SF
180
25x40
1.843
1.417
0.95
1.33
NRLRW181M450V30X30SF
30x30
1.843
1.417
1.00
1.40
NRLRW181M450V35X30SF
35x30
1.843
1.417
0.86
1.20
NRLRW221M450V25X45SF
220
25x45
1.508
1.160
1.10
1.54
NRLRW221M450V30X35SF
30x35
1.508
1.160
1.12
1.56
NRLRW221M450V35X30SF
35x30
1.508
1.160
1.05
1.47
NRLRW271M450V30X40SF
270
30x40
1.229
0.945
1.28
1.79
NRLRW271M450V35X35SF
35x35
1.229
0.945
1.27
1.77
NRLRW331M450V30X50SF
330
30x50
1.005
0.773
1.45
2.03
NRLRW331M450V35X40SF
35x40
1.005
0.773
1.45
2.03
NRLRW391M450V35X40SF
390
35x40
0.851
0.654
1.65
2.31
NRLRW471M450V35X50SF
470
35x50
0.706
0.543
1.85
2.59
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLRW333M25V35X40SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW333M25V35X30F NIC-NRLRW333M25V35X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW333M25V35X40SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com