Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21CN3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # BAS21CN3
Description  High voltage switching (double) diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAS21CN3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  BAS21CN3 Datasheet HTML 1Page - Cystech Electonics Corp. BAS21CN3 Datasheet HTML 2Page - Cystech Electonics Corp. BAS21CN3 Datasheet HTML 3Page - Cystech Electonics Corp. BAS21CN3 Datasheet HTML 4Page - Cystech Electonics Corp. BAS21CN3 Datasheet HTML 5Page - Cystech Electonics Corp. BAS21CN3 Datasheet HTML 6Page - Cystech Electonics Corp. BAS21CN3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C335N3
Issued Date : 2009.04.07
Revised Date : 2014.02.24
Page No. : 7/7
BAS21/A/C/SN3
CYStek Product Specification
SOT-23 Dimension
Diagram:
Marking:
L4_
XXX
3-Lead SOT-23 Plastic Surface Mounted
Package.
CYStek Package Code: N3
• BAS21 N3 : Single Diode
(Marking Code JS)
• BAS21AN3 : Common Anode. (Marking Code JS2)
• BAS21CN3 : Common Cathode. (Marking Code JS3)
• BAS21SN3 : Series Connected. (Marking Code JS4)
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0032
0.0079
0.08
0.20
B
0.0472
0.0669
1.20
1.70
K
0.0118
0.0266
0.30
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1161
2.10
2.95
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0000
0.0040
0.00
0.10
L1
0.0118
0.0197
0.30
0.50
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - BAS21CN3

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21C WEITRON-BAS21C Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
Nanjing International G...
BAS21C DGNJDZ-BAS21C Datasheet
4Mb / 2P
   Fast Switching Speed
logo
Pan Jit International I...
BAS21C PANJIT-BAS21C Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Jiangsu Changjiang Elec...
BAS21C JIANGSU-BAS21C Datasheet
703Kb / 4P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
BAS21C BILIN-BAS21C Datasheet
177Kb / 3P
   Surface mount switching diode
More results

Similar Description - BAS21CN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CMBD2004XN3 CYSTEKEC-CMBD2004XN3 Datasheet
180Kb / 4P
   High voltage switching (double) diodes
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
   High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
   HIGH VOLTAGE SWITCHING DIODES
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
   High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
   HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
   High Voltage Switching Diodes
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
   High Voltage Switching Diodes
logo
Galaxy Semi-Conductor H...
BAS21H BILIN-BAS21H Datasheet
184Kb / 3P
   High Voltage Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com