Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LX333M035A052 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 380LX333M035A052
Description  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX333M035A052 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 380LX333M035A052 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX333M035A052 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX333M035A052 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX333M035A052 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX333M035A052 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX333M035A052 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX333M035A052 Datasheet HTML 10Page - List of Unclassifed Manufacturers 380LX333M035A052 Datasheet HTML 11Page - List of Unclassifed Manufacturers 380LX333M035A052 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Catalog Part Number
Catalog Part Number
120 Hz 20 kHz 120 Hz 20 kHz (mm)
120 Hz 20 kHz 120 Hz 20 kHz (mm)
80 Vdc (100 Vdc Surge)
100 Vdc (125 Vdc Surge)
5600
380LX562M080A032
0.055 0.040
4.60
5.20
35 x 35
3300
380LX332M100J052
0.090 0.060
4.10
4.70
25 x 50
6800
380LX682M080K052
0.045 0.035
5.20
5.90
30 x 50
3300
380LX332M100K042
0.090 0.060
4.10
4.70
30 x 40
6800
380LX682M080A042
0.045 0.035
5.20
5.90
35 x 40
3900
380LX392M100K452
0.080 0.050
4.50
5.20
30 x 45
8200
380LX822M080A052
0.040 0.030
5.80
6.70
35 x 50
3900
380LX392M100A032
0.080 0.050
4.50
5.20
35 x 35
8200
382LX822M080N042
0.040 0.030
5.83
6.70
40 x 40
4700
380LX472M100K052
0.070 0.050
5.10
5.90
30 x 50
10000
380LX103M080A062
0.033 0.025
6.40
7.34
35 x 63
4700
380LX472M100A042
0.070 0.050
5.10
5.90
35 x 40
12000
380L123M080A072
0.020 0.012
8.10
9.00
35 x 70
5600
382LX562M100N042
0.060 0.045
5.80
6.60
40 x 40
12000
382L123M080N052
0.025 0.016
7.50
8.00
40 x 50
5600
380LX562M100A452
0.060 0.040
5.80
6.60
35 x 45
15000
380L153M080A082
0.017 0.010
8.80
9.60
35 x 80
6800
380LX682M100A052
0.050 0.040
6.60
7.60
35 x 50
15000
382L153M080N062
0.020 0.013
8.50
9.20
40 x 63
6800
380L682M100A062
0.024 0.014
7.20
8.10
35 x 63
18000
382L183M080N082
0.014 0.009 10.30 10.80
40 x 80
6800
382L682M100N052
0.026 0.017
7.40
7.90
40 x 50
18000
382LX183M080B052V
0.023 0.017 10.00 11.50
50 x 50
8200
380LX822M100A062
0.040 0.030
7.00
8.10
35 x 63
22000
380LX223M080A102
0.015 0.011
9.86
11.34 35 x 105
8200
380L822M100A072
0.021 0.012
8.00
8.90
35 x 70
22000
382LX223M080B062V
0.019 0.014 11.08 12.74
50 x 63
8200
382LX822M100N052
0.040 0.030
7.30
8.40
40 x 50
27000
382LX273M080N102
0.015 0.012 11.35 13.05 40 x 105
8200
382L822M100N062
0.021 0.013
8.40
9.10
40 x 63
27000
382LX273M080B082V
0.015 0.012 12.33 14.18
50 x 80
10000
380LX103M100A082
0.033 0.025
8.70
9.60
35 x 80
33000
382LX333M080B092V
0.014 0.010 13.37 15.38
50 x 92
10000
382LX103M100N062
0.033 0.025
8.00
9.20
40 x 63
39000
382LX393M080B102V
0.013 0.010 14.34 16.49 50 x 105
10000
382LX103M100B052V
0.033 0.025
8.82
10.14
50 x 50
100 Vdc (125 Vdc Surge)
12000
382LX123M100N082
0.028 0.021
8.65
10.00
40 x 80
470
380LX471M100H202
0.450 0.300
1.00
1.20
22 x 20
12000
380LX123M100A102
0.028 0.021
8.57
9.86
35 x 105
470
380LX471M100H012
0.450 0.300
1.10
1.30
22 x 25
15000
382LX153M100N102
0.022 0.017 10.12 11.64 40 x 105
560
380LX561M100H012
0.400 0.250
1.30
1.50
22 x 25
15000
382LX153M100B062V
0.022 0.017 10.07 11.58
50 x 63
680
380LX681M100H012
0.320 0.210
1.60
1.85
22 x 25
18000
382LX183M100B082V
0.018 0.014 11.00 12.65
50 x 80
680
380LX681M100J202
0.390 0.295
1.10
1.30
25 x 20
22000
382LX223M100B092V
0.015 0.011 11.76 13.52
50 x 92
1000
380LX102M100H022
0.220 0.150
2.00
2.30
22 x 30
27000
382LX273M100B102V
0.014 0.010 12.53 14.41 50 x 105
1000
380LX102M100J012
0.220 0.150
2.00
2.30
25 x 25
160 Vdc (200 Vdc Surge)
1000
380LX102M100K202
0.250 0.165
1.20
1.40
30 x 20
220
380LX221M160H202
1.000 0.500
0.80
1.10
22 x 20
1200
380LX122M100H032
0.195 0.125
2.30
2.70
22 x 35
220
380LX221M160H012
0.850 0.420
0.90
1.25
22 x 25
1200
380LX122M100J022
0.180 0.120
2.30
2.70
25 x 30
270
380LX271M160H012
0.700 0.340
1.20
1.65
22 x 25
1500
380LX152M100H042
0.155 0.100
2.60
3.00
22 x 40
270
380LX271M160J202
0.800 0.400
0.90
1.20
25 x 20
1500
380LX152M100J022
0.155 0.100
2.60
3.00
25 x 30
330
380LX331M160H012
0.603 0.308
1.50
2.00
22 x 25
1500
380LX152M100K012
0.155 0.100
2.60
3.00
30 x 25
390
380LX391M160H012
0.470 0.240
1.60
2.30
22 x 25
1500
380LX152M100A202
0.177 0.120
1.50
1.70
35 x 20
390
380LX391M160H022
0.470 0.240
1.60
2.30
22 x 30
1800
380LX182M100H452
0.130 0.085
2.80
3.30
22 x 45
390
380LX391M160J012
0.470 0.240
1.60
2.30
25 x 25
1800
380LX182M100J032
0.140 0.090
2.80
3.30
25 x 35
390
380LX391M160K202
0.600 0.300
1.10
1.50
30 x 20
1800
380LX182M100K022
0.140 0.090
2.80
3.30
30 x 30
470
380LX471M160H022
0.423 0.216
2.10
3.00
22 x 30
2200
380LX222M100H052
0.121 0.080
3.10
3.60
22 x 50
470
380LX471M160J012
0.423 0.216
2.10
3.00
25 x 25
2200
380LX222M100J042
0.121 0.080
3.10
3.60
25 x 40
560
380LX561M160H022
0.355 0.178
2.25
3.15
22 x 30
2200
380LXM222100K022
0.121 0.080
3.10
3.60
30 x 30
560
380LX561M160J012
0.355 0.178
2.25
3.15
25 x 25
2200
380LX222M100A012
0.121 0.078
3.14
3.61
35 x 25
560
380LX561M160A202
0.420 0.210
1.30
1.80
35 x 20
2700
380LX272M100J452
0.104 0.068
3.70
4.30
25 x 45
680
380LX681M160H032
0.293 0.146
2.50
3.50
22 x 35
2700
380LX272M100K032
0.104 0.068
3.70
4.30
30 x 35
680
380LX681M160J022
0.293 0.146
2.50
3.50
25 x 30
2700
380LX272M100A022
0.104 0.068
3.70
4.30
35 x 30
680
380LX681M160K012
0.293 0.149
2.50
3.50
30 x 25
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 380LX333M035A052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX333M035A052 ETC2-380LX333M035A052 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LX333M035A052 CDE-380LX333M035A052 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
380LX333M035A052 CDE-380LX333M035A052 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX333M035A052 CDE-380LX333M035A052 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX333M035A052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com