Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLRW393M16V35X35SF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NRLRW393M16V35X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW393M16V35X35SF Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NRLRW393M16V35X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLRW393M16V35X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLRW393M16V35X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLRW393M16V35X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLRW393M16V35X35SF Datasheet HTML 7Page - NIC-Components Corp. NRLRW393M16V35X35SF Datasheet HTML 8Page - NIC-Components Corp. NRLRW393M16V35X35SF Datasheet HTML 9Page - NIC-Components Corp. NRLRW393M16V35X35SF Datasheet HTML 10Page - NIC-Components Corp. NRLRW393M16V35X35SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLRW182M180V30X50SF
1,800
180
30x50
0.139
0.107
3.00
4.50
NRLRW182M180V35X40SF
35x40
0.139
0.107
3.30
4.95
NRLRW222M180V35X50SF
2,200
35x50
0.114
0.087
3.65
5.47
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLRW221M200V20X25SF
220
200
20x25
1.131
0.870
1.00
1.50
NRLRW271M200V20X30SF
270
20x30
0.922
0.709
1.10
1.65
NRLRW271M200V22X25SF
22x25
0.922
0.709
1.10
1.65
NRLRW331M200V20X30SF
330
20x30
0.754
0.580
1.15
1.72
NRLRW331M200V22X30SF
22x30
0.754
0.580
1.25
1.87
NRLRW391M200V20X35SF
390
20x35
0.638
0.491
1.25
1.87
NRLRW391M200V22X30SF
22x30
0.638
0.491
1.31
1.96
NRLRW391M200V25X25SF
25x25
0.638
0.491
1.31
1.96
NRLRW471M200V20X40SF
470
20x40
0.530
0.408
1.42
2.13
NRLRW471M200V22X35SF
22x35
0.530
0.408
1.45
2.17
NRLRW471M200V25X30SF
25x30
0.530
0.408
1.45
2.17
NRLRW561M200V22X40SF
560
22x40
0.445
0.342
1.60
2.40
NRLRW561M200V25X30SF
25x30
0.445
0.342
1.60
2.40
NRLRW561M200V30X25SF
30x25
0.445
0.342
1.60
2.40
NRLRW681M200V22X45SF
680
22x45
0.366
0.282
1.75
2.62
NRLRW681M200V25X35SF
25x35
0.366
0.282
1.78
2.67
NRLRW681M200V30X30SF
30x30
0.366
0.282
1.78
2.67
NRLRW821M200V22X50SF
820
22x50
0.304
0.234
1.95
2.92
NRLRW821M200V25X40SF
25x40
0.304
0.234
1.95
2.92
NRLRW821M200V30X30SF
30x30
0.304
0.234
2.00
3.00
NRLRW102M200V25X45SF
1,000
25x45
0.249
0.192
2.10
3.15
NRLRW102M200V30X35SF
30x35
0.249
0.192
2.30
3.45
NRLRW102M200V35X30SF
35x30
0.249
0.192
2.30
3.45
NRLRW122M200V30X40SF
1,200
30x40
0.208
0.160
2.64
3.96
NRLRW122M200V35X35SF
35x35
0.208
0.160
2.65
3.97
NRLRW152M200V30X50SF
1,500
30x50
0.166
0.128
3.08
4.62
NRLRW152M200V35X40SF
35x40
0.166
0.128
3.08
4.62
NRLRW182M200V35X45SF
1,800
35x45
0.139
0.107
3.48
5.22
NRLRW222M200V35X50SF
2,200
35x50
0.114
0.087
3.55
5.32
NRLRW181M220V20X25SF
180
220
20x25
1.382
1.063
0.86
1.29
NRLRW221M220V20X30SF
220
20x30
1.131
0.870
1.04
1.56
NRLRW221M220V22X25SF
22x25
1.131
0.870
0.99
1.48
NRLRW271M220V20X30SF
270
20x30
0.922
0.709
1.08
1.62
NRLRW271M220V22X25SF
22x25
0.922
0.709
1.04
1.56
NRLRW331M220V20X35SF
330
20x35
0.754
0.580
1.30
1.95
NRLRW331M220V22X30SF
22x30
0.754
0.580
1.32
1.98
NRLRW331M220V25X25SF
25x25
0.754
0.580
1.26
1.89
NRLRW391M220V20X40SF
390
20x40
0.638
0.491
1.45
2.17
NRLRW391M220V22X35SF
22x35
0.638
0.491
1.42
2.13
NRLRW391M220V25X30SF
25x30
0.638
0.491
1.45
2.17
NRLRW471M220V20X45SF
470
20x45
0.530
0.408
1.63
2.44
NRLRW471M220V22X40SF
22x40
0.530
0.408
1.67
2.50
NRLRW471M220V25X30SF
25x30
0.530
0.408
1.54
2.31
NRLRW471M220V30X25SF
30x25
0.530
0.408
1.48
2.22
NRLRW561M220V22X45SF
560
22x45
0.445
0.342
1.77
2.65
NRLRW561M220V25X35SF
25x35
0.445
0.342
1.66
2.49
NRLRW561M220V30X30SF
30x30
0.445
0.342
1.65
2.47
NRLRW681M220V25X40SF
680
25x40
0.366
0.282
1.87
2.80
NRLRW681M220V30X30SF
30x30
0.366
0.282
1.82
2.73
NRLRW681M220V35X25SF
35x25
0.366
0.282
1.78
2.67
NRLRW821M220V25X45SF
820
25x45
0.304
0.234
2.04
3.06
NRLRW821M220V30X35SF
30x35
0.304
0.234
2.00
3.00
NRLRW821M220V35X30SF
35x30
0.304
0.234
1.93
2.89
220Vdc continued on next page


Similar Part No. - NRLRW393M16V35X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW393M16V35X30F NIC-NRLRW393M16V35X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW393M16V35X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com