Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRZX471M10V10X125F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRZX471M10V10X125F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRZX471M10V10X125F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRZX471M10V10X125F Datasheet HTML 1Page - NIC-Components Corp. NRZX471M10V10X125F Datasheet HTML 2Page - NIC-Components Corp. NRZX471M10V10X125F Datasheet HTML 3Page - NIC-Components Corp. NRZX471M10V10X125F Datasheet HTML 4Page - NIC-Components Corp. NRZX471M10V10X125F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRZX Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation
Factor
+20°C/120Hz
Maximum
Leakage Current
after 2 minutes (
μA)
Ripple Current Rating
+125°C/100KHz
(mA)
Max. ESR (
Ω)
Load Life
@+125°C
(Hours)
100KHz
+20°C
100KHz
-10°C
NRZX560M10V5X11F
56
10
0.2
16.8
250
0.400
1.30
1,000
NRZX121M10V6.3x11F
120
10
0.2
36
405
0.170
0.53
1,000
NRZX331M10V8X11.5F
330
10
0.2
99
760
0.094
0.29
2,000
NRZX471M10V8X16F
470
10
0.2
141
995
0.073
0.23
2,000
NRZX471M10V10X12.5F
470
10
0.2
141
1030
0.069
0.21
3,000
NRZX681M10V8X20F
680
10
0.2
204
1250
0.054
0.17
3,000
NRZX681M10V10X16F
680
10
0.2
204
1430
0.050
0.16
3,000
NRZX102M10V10X20F
1000
10
0.2
300
1500
0.030
0.09
3,000
NRZX122M10V10X23F
1200
10
0.2
360
1620
0.029
0.086
3,000
NRZX152M10V12.5X20F
1500
10
0.2
450
1720
0.028
0.069
4,000
NRZX222M10V12.5X25F
2200
10
0.22
660
1900
0.024
0.059
4,000
NRZX470M16V5X11F
47
16
0.16
22.6
250
0.400
1.30
1,000
NRZX101M16V6.3X11F
100
16
0.16
48
405
0.170
0.53
1,000
NRZX221M16V8X11.5F
220
16
0.16
105.6
760
0.094
0.29
2,000
NRZX331M16V8X16F
330
16
0.16
158.4
995
0.073
0.23
2,000
NRZX331M16V10X12.5F
330
16
0.16
158.4
1030
0.069
0.21
3,000
NRZX471M16V8X20F
470
16
0.16
225.6
1250
0.054
0.17
3,000
NRZX471M16V10X16F
470
16
0.16
225.6
1430
0.050
0.16
3,000
NRZX681M16V10X20F
680
16
0.16
326.4
1500
0.030
0.09
3,000
NRZX821M16V10X23F
820
16
0.16
393.6
1620
0.029
0.086
3,000
NRZX102M16V12.5X20F
1000
16
0.16
480
1720
0.028
0.069
4,000
NRZX152M16V12.5X25F
1500
16
0.16
720
1900
0.024
0.059
4,000
NRZX330M25V5X11F
33
25
0.14
24.8
250
0.400
1.30
1,000
NRZX560M25V6.3X11F
56
25
0.14
42
405
0.170
0.53
1,000
NRZX151M25V8X11.5F
150
25
0.14
112.5
760
0.094
0.29
2,000
NRZX221M25V8X16F
220
25
0.14
165
995
0.073
0.23
2,000
NRZX221M25V10X12.5F
220
25
0.14
165
1030
0.069
0.21
3,000
NRZX271M25V8X20F
270
25
0.14
202.5
1250
0.054
0.17
3,000
NRZX331M25V10X16F
330
25
0.14
247.5
1430
0.050
0.16
3,000
NRZX471M25V10X20F
470
25
0.14
352.5
1500
0.030
0.09
3,000
NRZX561M25V10X23F
560
25
0.14
420
1620
0.029
0.086
3,000
NRZX681M25V12.5X20F
680
25
0.14
510
1720
0.028
0.069
4,000
NRZX102M25V12.5X25F
1000
25
0.14
750
1900
0.024
0.059
4,000
NRZX220M35V5X11F
22
35
0.12
23.1
250
0.400
1.30
1,000
NRZX560M35V6.3X11F
56
35
0.12
58.8
405
0.170
0.53
1,000
NRZX101M35V8X11.5F
100
35
0.12
105
760
0.094
0.29
2,000
NRZX121M35V8X16F
120
35
0.12
126
995
0.073
0.23
2,000
NRZX151M35V10X12.5F
150
35
0.12
157.5
1030
0.069
0.21
3,000
NRZX181M35V8X20F
180
35
0.12
189
1250
0.054
0.17
3,000
NRZX221M35V10X16F
220
35
0.12
231
1430
0.050
0.16
3,000
NRZX271M35V10X20F
270
35
0.12
283.5
1500
0.030
0.09
3,000
NRZX331M35V10X23F
330
35
0.12
346.5
1620
0.029
0.086
3,000
NRZX471M35V12.5X20F
470
35
0.12
493.5
1720
0.028
0.069
4,000
NRZX561M35V12.5X25F
560
35
0.12
588
1900
0.024
0.059
4,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
For Automotive Applications see part number system
RIPPLE CURRENT CORRECTION FACTOR
Frequency (Hz)
120
1K
10K
100K
22 ~ 33
μF
0.20
0.50
0.80
1.00
39 ~ 100
μF
0.25
0.60
0.90
1.00
120 ~ 270
μF
0.35
0.70
0.92
1.00
330 ~ 680
μF
0.45
0.75
0.95
1.00
820 ~ 1800
μF
0.50
0.80
0.96
1.00
2200
μF
0.55
0.85
0.98
1.00


Similar Part No. - NRZX471M10V10X125F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRZX471M10V10X12.5F NIC-NRZX471M10V10X12.5F Datasheet
167Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRZX471M10V10X125F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com