Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLRW333M16V25X45SF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NRLRW333M16V25X45SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW333M16V25X45SF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NRLRW333M16V25X45SF Datasheet HTML 3Page - NIC-Components Corp. NRLRW333M16V25X45SF Datasheet HTML 4Page - NIC-Components Corp. NRLRW333M16V25X45SF Datasheet HTML 5Page - NIC-Components Corp. NRLRW333M16V25X45SF Datasheet HTML 6Page - NIC-Components Corp. NRLRW333M16V25X45SF Datasheet HTML 7Page - NIC-Components Corp. NRLRW333M16V25X45SF Datasheet HTML 8Page - NIC-Components Corp. NRLRW333M16V25X45SF Datasheet HTML 9Page - NIC-Components Corp. NRLRW333M16V25X45SF Datasheet HTML 10Page - NIC-Components Corp. NRLRW333M16V25X45SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLRW102M220V30X40SF
1,000
220
30x40
0.249
0.192
2.48
3.72
NRLRW102M220V35X35SF
35x35
0.249
0.192
2.33
3.49
NRLRW122M220V30X45SF
1,200
30x45
0.208
0.16
2.88
4.32
NRLRW122M220V35X40SF
35x40
0.208
0.16
2.65
3.97
NRLRW152M220V35X45SF
1,500
35x45
0.166
0.128
2.96
4.44
NRLRW152M220V35X50SF
1,800
35x50
0.139
0.107
3.39
5.08
NRLRW221M250V20X30SF
220
250
20x30
1.131
0.870
1.00
1.50
NRLRW221M250V22X25SF
22x25
1.131
0.870
1.00
1.50
NRLRW271M250V20X35SF
270
20x35
0.922
0.709
1.10
1.65
NRLRW271M250V22X30SF
22x30
0.922
0.709
1.15
1.72
NRLRW331M250V20X40SF
330
20x40
0.754
0.580
1.20
1.80
NRLRW331M250V22X35SF
22x35
0.754
0.580
1.28
1.92
NRLRW391M250V20X45SF
390
20x45
0.638
0.491
1.35
2.02
NRLRW391M250V22X40SF
22x40
0.638
0.491
1.49
2.23
NRLRW391M250V25X30SF
25x30
0.638
0.491
1.35
2.02
NRLRW391M250V30X25SF
30x25
0.638
0.491
1.49
2.23
NRLRW471M250V22X45SF
470
22x45
0.530
0.408
1.60
2.40
NRLRW471M250V25X35SF
25x35
0.530
0.408
1.57
2.35
NRLRW471M250V30X30SF
30x30
0.530
0.408
1.65
2.47
NRLRW561M250V22X50SF
560
22x50
0.445
0.342
1.72
2.58
NRLRW561M250V25X40SF
25x40
0.445
0.342
1.80
2.70
NRLRW561M250V30X30SF
30x30
0.445
0.342
1.80
2.70
NRLRW681M250V25X45SF
680
25x45
0.366
0.282
1.85
2.77
NRLRW681M250V30X35SF
30x35
0.366
0.282
2.00
3.00
NRLRW681M250V35X30SF
35x30
0.366
0.282
2.00
3.00
NRLRW821M250V25X50SF
820
25x50
0.304
0.234
2.10
3.15
NRLRW821M250V30X40SF
30x40
0.304
0.234
2.18
3.27
NRLRW821M250V35X35SF
35x35
0.304
0.234
2.30
3.45
NRLRW102M250V30X45SF
1,000
30x45
0.249
0.192
2.40
3.60
NRLRW102M250V35X35SF
35x35
0.249
0.192
2.35
3.52
NRLRW122M250V35X40SF
1,200
35x40
0.208
0.160
2.50
3.75
NRLRW152M250V35X50SF
1,500
35x50
0.166
0.128
3.00
4.50
NRLRW820M315V20X25SF
82
315
20x25
3.033
2.333
0.64
0.89
NRLRW101M315V20X30SF
100
20x30
2.487
1.913
0.69
0.96
NRLRW101M315V22X25SF
22x25
2.487
1.913
0.62
0.86
NRLRW121M315V20X30SF
120
20x30
2.073
1.595
0.75
1.05
NRLRW121M315V22X25SF
22x25
2.073
1.595
0.75
1.05
NRLRW121M315V25X25SF
25x25
2.073
1.595
0.76
1.06
NRLRW151M315V20X35SF
150
20x35
1.658
1.276
0.82
1.14
NRLRW151M315V22X30SF
22x30
1.658
1.276
0.82
1.14
NRLRW151M315V25X25SF
25x25
1.658
1.276
0.82
1.14
NRLRW181M315V20X40SF
180
20x40
1.382
1.063
0.90
1.26
NRLRW181M315V22X35SF
22x35
1.382
1.063
0.92
1.28
NRLRW181M315V25X25SF
25x25
1.382
1.063
0.90
1.26
NRLRW221M315V20X50SF
220
20x50
1.131
0.870
1.00
1.40
NRLRW221M315V22X40SF
22x40
1.131
0.870
1.04
1.45
NRLRW221M315V25X30SF
25x30
1.131
0.870
1.04
1.45
NRLRW221M315V30X25SF
30x25
1.131
0.870
1.04
1.45
NRLRW271M315V22X45SF
270
22x45
0.922
0.709
1.16
1.62
NRLRW271M315V25X35SF
25x35
0.922
0.709
1.15
1.61
NRLRW271M315V30X25SF
30x25
0.922
0.709
1.15
1.61
NRLRW271M315V35X25SF
35x25
0.922
0.709
1.15
1.61
NRLRW331M315V22X50SF
330
22x50
0.754
0.580
1.22
1.70
NRLRW331M315V25X40SF
25x40
0.754
0.580
1.23
1.72
NRLRW331M315V30X30SF
30x30
0.754
0.580
1.33
1.86
NRLRW331M315V35X25SF
35x25
0.754
0.580
1.32
1.84
315Vdc continued on next page


Similar Part No. - NRLRW333M16V25X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW333M16V20X25F NIC-NRLRW333M16V20X25F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW333M16V20X30F NIC-NRLRW333M16V20X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW333M16V22X25X30X40F NIC-NRLRW333M16V22X25X30X40F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW333M16V25X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com