Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-LX330M400V16x20F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRE-LX330M400V16x20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-LX330M400V16x20F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRE-LX330M400V16x20F Datasheet HTML 1Page - NIC-Components Corp. NRE-LX330M400V16x20F Datasheet HTML 2Page - NIC-Components Corp. NRE-LX330M400V16x20F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Load Life Hours
@ +85°C
NRE-LX4R7M160V8x9F
4.7
160
0.20
54
2,000
NRE-LX6R8M160V8x9F
6.8
0.20
60
2,000
NRE-LX100M160V10x9F
10
0.20
85
2,000
NRE-LX330M160V12.5x16F
33
0.20
175
2,000
NRE-LX470M160V12.5x16F
47
0.20
220
2,000
NRE-LX680M160V16x16F
68
0.20
353
2,000
NRE-LX101M160V16x20F
100
0.20
478
2,000
NRE-LX151M160V18x20F
150
0.20
595
2,000
NRE-LX221M160V18x25F
220
0.20
771
2,000
NRE-LX4R7M200V8x9F
4.7
200
0.20
54
2,000
NRE-LX6R8M200V8x9F
6.8
0.20
60
2,000
NRE-LX100M200V10x9F
10
0.20
85
2,000
NRE-LX330M200V12.5x16F
33
0.20
175
2,000
NRE-LX470M200V16x16F
47
0.20
313
2,000
NRE-LX680M200V18x16F
68
0.20
380
2,000
NRE-LX101M200V16x20F
100
0.20
478
2,000
NRE-LX151M200V18x25F
150
0.20
671
2,000
NRE-LX4R7M250V8x9F
4.7
250
0.20
54
2,000
NRE-LX6R8M250V10x9F
6.8
0.20
69
2,000
NRE-LX100M250V10x9F
10
0.20
85
2,000
NRE-LX220M250V12.5x16F
22
0.20
156
2,000
NRE-LX330M250V16x16F
33
0.20
270
2,000
NRE-LX470M250V18x16F
47
0.20
330
2,000
NRE-LX680M250V16x20F
68
0.20
414`
2,000
NRE-LX101M250V18x20F
100
0.20
507
2,000
NRE-LX151M250V18x25F
150
0.20
671
2,000
NRE-LX3R3M350V8x9F
3.3
350
0.20
37
2,000
NRE-LX4R7M350V10x9F
4.7
0.20
49
2,000
NRE-LX6R8M350V12.5x16F
6.8
0.20
94
2,000
NRE-LX100M350V12.5x16F
10
0.20
100
2,000
NRE-LX220M350V16x16F
22
0.20
220
2,000
NRE-LX330M350V18x16F
33
0.20
270
2,000
NRE-LX470M350V16x20F
47
0.20
330
2,000
NRE-LX680M350V18x25F
68
0.20
455
2,000
NRE-LX2R2M400V8x9F
2.2
400
0.20
35
2,000
NRE-LX3R3M400V10x9F
3.3
0.20
40
2,000
NRE-LX4R7M400V10x9F
4.7
0.20
49
2,000
NRE-LX6R8M400V12.5x16F
6.8
0.20
94
2,000
NRE-LX100M400V12.5x16F
10
0.20
100
2,000
NRE-LX220M400V18x16F
22
0.20
226
2,000
NRE-LX330M400V16x20F
33
0.20
282
2,000
NRE-LX470M400V18x20F
47
0.20
350
2,000
NRE-LX680M400V18x25F
68
0.20
455
2,000
NRE-LX1R5M450V8x9F
1.5
450
0.20
19
2,000
NRE-LX2R2M450V10x9F
2.2
0.20
29
2,000
NRE-LX3R3M450V10x9F
3.3
0.20
35
2,000
NRE-LX6R8M450V12.5x16F
6.8
0.20
77
2,000
NRE-LX100M450V16x16F
10
0.20
131
2,000
NRE-LX220M450V16x20F
22
0.20
208
2,000
NRE-LX330M450V18x20F
33
0.20
259
2,000
NRE-LX470M450V18x25F
47
0.20
333
2,000
Frequency (Hz)
60
120
500
1K
10K >
1.5 ~ 6.8
μF
0.65
1.00
1.20
1.30
1.50
10 ~ 68
μF
0.80
1.00
1.20
1.30
1.50
100 ~ 1,000
μF
0.80
1.00
1.10
1.15
1.20
2,200 ~ 10,000
μF
0.80
1.00
1.05
1.10
1.15
RIPPLE CURRENT FREQUENCY
CORRECTION FACTORS
Miniature Aluminum Electrolytic Capacitors
NRE-LX Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)


Similar Part No. - NRE-LX330M400V16x20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-LX330M400V16x20F NIC-NRE-LX330M400V16x20F Datasheet
95Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-LX330M400V16x20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com