Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSG562M63V16x21F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSG562M63V16x21F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSG562M63V16x21F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSG562M63V16x21F Datasheet HTML 1Page - NIC-Components Corp. NRSG562M63V16x21F Datasheet HTML 2Page - NIC-Components Corp. NRSG562M63V16x21F Datasheet HTML 3Page - NIC-Components Corp. NRSG562M63V16x21F Datasheet HTML 4Page - NIC-Components Corp. NRSG562M63V16x21F Datasheet HTML 5Page - NIC-Components Corp. NRSG562M63V16x21F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
STANDARD PRODUCT AND CASE SIZE TABLE D
Φ x L (mm)
NRSG Series
Miniature Aluminum Electrolytic Capacitors
Cap (
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
5.6
5R6
-
-
-
-
-
4x7
--
6.8
6R8
-
-
-
-
-
-
-
5x11
10
100
-
-
-
-
4x7
5x7
--
15
150
-
-
-
4x7
-
-
5x11
6.3x11
18
180
-
-
4x7
-
5x7
---
22
220
-
-
-
-
-
5x11
--
6.3x7
27
270
-
4x7
-
5x7
-
-
-
8x11.5
33
330
-
-
5x7
-
5x11
8x7
6.3x11
-
39
390
4x7
--
-
6.3x7
-
-
8x16
47
470
-
-
-
5x11
-
6.3x11
-
10x12.5
56
560
-
5x7
5x11
6.3x7
6.3x11
6.3x11
8x11.5
8x20
8x7
68
680
5x7
-
6.3x7
-
-
-
-
10x16
82
820
-
-
-
-
-
-
8x16
10x20
10x12.5 12.5x16
100
101
-
5x11
-
6.3x11
-
8x12.5
-
10x23
8x7
120
121
-
6.3x7
6.3x11
-
-
8x16
8x20
12.5x20
8x7
10x16
150
151
5x11
-
-
-
8x12.5
10x12.5
-
-
6.3x7
180
181
-
8x7
-
-
-
8x20
10x20
12.5x25
12.5x16
220
221
8x7
6.3x11
-
8x11.5
8x16
10x16
10x23
12.5x30
10x12.5
16x20
270
271
-
-
-
-
8x20
10x20
12.5x20
12.5x35
16x25
18x20
330
331
6.3x11
-
8x11.5
8x16
10x16
10x23
12.5x25 12.5x40
10x12.5
390
391
-
-
-
-
-
-
-
16x31.5
18x25
470
471
-
8x11.5
8x16
8x20
10x20
12.5x20
12.5x30 16x35.5
10x12.5
10x16
16x20
18x31.5
560
561
8x11.5
-
-
-
10x23
12.5x25
12.5x35
16x40
16x25
18x35.5
680
681
-
8x16
8x20
10x20
12.5x20 12.5x30
12.5x40
18x40
10x12.5
10x16
18x20
820
821
8x16
-
-
10x20
-
12.5x35 16x31.5
-
10x23
16x21
18x25
1000
102
10x12.5
8x20
10x20
12.5x20 12.5x25
16x25
16x35.5
-
10x16
18x31.5
1200
122
8x20
10x20
10x20
-
12.5x30
-
16x40
-
10x16
10x23
16x21
18x35.5
1500
152
10x20
10x20
12.5x20 12.5x25 12.5x35
-
18x40
-
10x23
1800
182
-
-
-
12.5x30
16x25
-
-
-
16x21
2200
222
10x20
12.5x20 12.5x25 12.5x35
-
-
-
-
10x23
2700
272
-
-
12.5x30
16x25
-
-
-
-
16x21
3300
332
12.5x20 12.5x25 12.5x35
-
-
-
-
-
3900
392
12.5x25
12.5x30
16x25
-
-
-
-
-
16x21
4700
472
12.5x30 12.5x35
-
-
-
-
-
-
5600
562
12.5x35
16x25
-
-
-
-
-
-
16x21
6800
682
16x25
-
-
-
-
-
-
-
Denotes New Value


Similar Part No. - NRSG562M63V16x21F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSG562M63V16X21TRF NIC-NRSG562M63V16X21TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSG562M63V16x21F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com