Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSZ331M63V8x115F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSZ331M63V8x115F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ331M63V8x115F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSZ331M63V8x115F Datasheet HTML 1Page - NIC-Components Corp. NRSZ331M63V8x115F Datasheet HTML 2Page - NIC-Components Corp. NRSZ331M63V8x115F Datasheet HTML 3Page - NIC-Components Corp. NRSZ331M63V8x115F Datasheet HTML 4Page - NIC-Components Corp. NRSZ331M63V8x115F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
Miniature Aluminum Electrolytic Capacitors
NRSZ Series
LEAD SPACING AND DIAMETER (mm)
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Max.
Tan
δ
Max. LC
(
μA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
Load Life Hours
@ +105°C
100KHz/20°C 100KHz/-10°C
NRSZ101M6.3V5x11F
100
6.3
0.22
6.3
0.90
1.8
100
2,500
NRSZ221M6.3V6.3x11F
220
0.22
13.9
0.30
0.60
280
3,000
NRSZ331M6.3V6.3x11F
330
0.22
20.8
0.22
0.44
300
2,000
NRSZ331M6.3V8x11.5F
0.22
20.8
0.19
0.38
410
3,500
NRSZ471M6.3V8x11.5F
470
0.22
296
0.11
0.22
560
3,500
NRSZ681M6.3V8x15F
680
0.22
42.8
0.985
0.17
730
4,500
NRSZ821M6.3V10x12.5F
820
0.22
51.7
0.085
0.17
800
5,000
NRSZ102M6.3V8x20F
1000
0.22
63.0
0.069
0.14
800
4,500
NRSZ122M6.3V10x16F
1200
0.22
75.6
0.062
0.13
1050
5,000
NRSZ152M6.3V10x20F
1500
0.23
94.5
0.044
0.088
1250
5,000
NRSZ152M6.3V12.5X16F
0.23
94.5
0.063
0.14
1150
5,000
NRSZ222M6.3V12.5x20F
2200
0.24
138
0.048
0.096
1400
7,000
NRSZ272M6.3V12.5x20F
2700
0.25
170
0.038
0.076
1600
7,000
NRSZ392M6.3V12.5x25F
3900
0.28
245
0.029
0.058
1800
7,000
NRSZ472M6.3V12.5x25F
4700
0.29
296
0.029
0.058
1800
5,000
NRSZ562M6.3V16x25F
5600
0.31
353
0.022
0.044
2100
10,000
NRSZ123M6.3V18x35.5F
12000
0.44
756
0.018
0.036
2800
10,000
NRSZ680M10V5x11F
68
10
0.19
6.8
0.90
1.8
160
2,500
NRSZ820M10V5x11F
82
0.19
8.2
0.65
1.3
175
2,500
NRSZ101M10V5x11F
100
0.19
10.0
0.42
0.84
190
2,500
NRSZ151M10V6.3x11F
150
0.19
150.0
0.31
0.62
280
3,000
NRSZ181M10V6.3x11F
180
0.19
18.0
0.31
0.62
280
3,000
NRSZ221M10V6.3x11F
220
0.19
22.0
0.22
0.44
300
3,000
NRSZ331M10V8x11.5F
330
0.19
33.0
0.11
0.28
560
3,500
NRSZ471M10V8x15F
470
0.19
47.0
0.085
0.17
610
4,500
NRSZ471M10V10x12.5F
0.19
47.0
0.12
0.24
730
5,000
NRSZ561M10V10x16F
560
0.19
56.0
0.095
0.19
735
5,000
NRSZ681M10V8x20F
680
0.19
68.0
0.069
0.14
800
4,500
NRSZ681M10V10x12.5F
0.19
68.0
0.085
0.17
800
5,000
NRSZ102M10V10x20F
1000
0.19
100
0.050
0.10
1200
5,000
NRSZ102M10V12.5X16F
0.19
100
0.063
0.14
1150
5,000
NRSZ122M10V10x20F
1200
0.19
120
0.044
0.088
1250
5,000
NRSZ152M10V10x22F
1500
0.20
150
0.039
0.078
1450
5,000
NRSZ222M10V12.5x20F
2200
0.22
220
0.038
0.076
1400
7,000
NRSZ222M10V12.5x25F
0.22
220
0.037
0.074
1700
7,000
NRSZ272M10V12.5x25F
2700
0.22
270
0.029
0.058
1800
7,000
NRSZ332M10V12.5x25F
3300
0.23
330
0.035
0.070
1700
5,000
NRSZ392M10V16x25F
3900
0.25
390
0.028
0.056
2070
10,000
NRSZ472M10V16x31.5F
4700
0.26
470
0.024
0.048
2350
10,000
NRSZ562M10V16x31.5F
5600
0.18
560
0.024
0.048
2350
10,000
NRSZ682M10V16x35.5F
6800
0.30
680
0.022
0.044
2550
10,000
NRSZ822M10V18x35.5F
8200
0.33
820
0.020
0.040
2800
10,000
Case Dia. (D
φ)
5
6.3
8
10
12.5
16
18
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
Dim.
β
1.0
2.0
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRSZ331M63V8x115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZ331M6.3V10X12.5TBF NIC-NRSZ331M6.3V10X12.5TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ331M6.3V10X20TBF NIC-NRSZ331M6.3V10X20TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ331M6.3V12.5X20TBF NIC-NRSZ331M6.3V12.5X20TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ331M6.3V16X25TBF NIC-NRSZ331M6.3V16X25TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSZ331M6.3V5X11TBF NIC-NRSZ331M6.3V5X11TBF Datasheet
566Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSZ331M63V8x115F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com