Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLRW563M10V35X45SF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NRLRW563M10V35X45SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW563M10V35X45SF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NRLRW563M10V35X45SF Datasheet HTML 3Page - NIC-Components Corp. NRLRW563M10V35X45SF Datasheet HTML 4Page - NIC-Components Corp. NRLRW563M10V35X45SF Datasheet HTML 5Page - NIC-Components Corp. NRLRW563M10V35X45SF Datasheet HTML 6Page - NIC-Components Corp. NRLRW563M10V35X45SF Datasheet HTML 7Page - NIC-Components Corp. NRLRW563M10V35X45SF Datasheet HTML 8Page - NIC-Components Corp. NRLRW563M10V35X45SF Datasheet HTML 9Page - NIC-Components Corp. NRLRW563M10V35X45SF Datasheet HTML 10Page - NIC-Components Corp. NRLRW563M10V35X45SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLRW181M385V22X35SF
180
385
22x45
1.382
1.063
0.92
1.28
NRLRW181M385V25X35SF
25x35
1.382
1.063
0.92
1.28
NRLRW181M385V30X30SF
30x30
1.382
1.063
0.89
1.24
NRLRW221M385V22X50SF
220
22x50
1.131
0.870
1.03
1.44
NRLRW221M385V25X40SF
25x40
1.131
0.870
1.03
1.44
NRLRW221M385V30X30SF
30x30
1.131
0.870
1.01
1.41
NRLRW221M385V35X25SF
35x25
1.131
0.870
1.03
1.44
NRLRW271M385V25X45SF
270
25x45
0.922
0.709
1.14
1.59
NRLRW271M385V30X35SF
30x35
0.922
0.709
1.15
1.61
NRLRW271M385V35X30SF
35x30
0.922
0.709
1.13
1.58
NRLRW331M385V30X40SF
330
30x40
0.754
0.580
1.32
1.84
NRLRW331M385V35X30SF
35x30
0.754
0.580
1.35
1.89
NRLRW391M385V30X45SF
390
30x45
0.638
0.491
1.46
2.04
NRLRW391M385V35X35SF
35x35
0.638
0.491
1.50
2.10
NRLRW471M385V30X50SF
470
30x50
0.530
0.408
1.72
2.40
NRLRW471M385V35X40SF
35x40
0.530
0.408
1.79
2.50
NRLRW561M385V35X45SF
560
35x45
0.445
0.342
1.99
2.78
NRLRW560M400V20X25SF
56
400
20x25
4.441
3.416
0.51
0.71
NRLRW680M400V20X30SF
68
20x30
3.658
2.814
0.56
0.78
NRLRW680M400V22X25SF
22x25
3.658
2.814
0.52
0.72
NRLRW820M400V20X30SF
82
20x30
3.033
2.333
0.64
0.89
NRLRW820M400V22X25SF
22x25
3.033
2.333
0.64
0.89
NRLRW101M400V20X35SF
100
20x35
2.487
1.913
0.70
0.98
NRLRW101M400V22X30SF
22x30
2.487
1.913
0.70
0.98
NRLRW101M400V25X25SF
25x25
2.487
1.913
0.70
0.98
NRLRW121M400V20X40SF
120
20x40
2.073
1.595
0.75
1.05
NRLRW121M400V22X35SF
22x35
2.073
1.595
0.75
1.05
NRLRW121M400V25X25SF
25x25
2.073
1.595
0.75
1.05
NRLRW151M400V20X45SF
150
20x45
1.658
1.276
0.83
1.16
NRLRW151M400V22X40SF
22x40
1.658
1.276
0.88
1.23
NRLRW151M400V25X30SF
25x30
1.658
1.276
0.88
1.23
NRLRW151M400V30X25SF
30x25
1.658
1.276
0.82
1.14
NRLRW181M400V22X45SF
180
22x45
1.382
1.063
0.98
1.37
NRLRW181M400V25X35SF
25x35
1.382
1.063
0.98
1.37
NRLRW181M400V30X30SF
30x30
1.382
1.063
0.95
1.33
NRLRW221M400V22X50SF
220
22x50
1.131
0.870
1.10
1.54
NRLRW221M400V25X40SF
25x40
1.131
0.870
1.10
1.54
NRLRW221M400V30X30SF
30x30
1.131
0.870
1.10
1.54
NRLRW221M400V35X25SF
35x25
1.131
0.870
1.10
1.54
NRLRW271M400V25X45SF
270
25x45
0.922
0.709
1.21
1.69
NRLRW271M400V30X35SF
30x35
0.922
0.709
1.22
1.70
NRLRW271M400V35X30SF
35x30
0.922
0.709
1.22
1.70
NRLRW331M400V30X40SF
330
30x40
0.754
0.580
1.44
2.01
NRLRW331M400V35X30SF
35x30
0.754
0.580
1.44
2.01
NRLRW391M400V30X45SF
390
30x45
0.638
0.491
1.55
2.17
NRLRW391M400V35X35SF
35x35
0.638
0.491
1.60
2.24
NRLRW471M400V35X40SF
470
35x40
0.530
0.408
1.90
2.66
NRLRW561M400V35X45SF
560
35x45
0.445
0.342
2.12
2.96
NRLRW560M420V20X25SF
56
420
20x25
5.921
4.555
0.44
0.61
NRLRW680M420V20X30SF
68
20x30
4.877
3.751
0.49
0.68
NRLRW680M420V22X25SF
22x25
4.877
3.751
0.51
0.71
NRLRW820M420V20X35SF
82
20x35
4.044
3.111
0.54
0.75
NRLRW820M420V22X30SF
22x30
4.044
3.111
0.65
0.91
NRLRW820M420V25X25SF
25x25
4.044
3.111
0.65
0.91
420Vdc continued on next page


Similar Part No. - NRLRW563M10V35X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW563M10V35X30F NIC-NRLRW563M10V35X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW563M10V35X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com