Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-HS220M450V16x20F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRE-HS220M450V16x20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-HS220M450V16x20F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRE-HS220M450V16x20F Datasheet HTML 1Page - NIC-Components Corp. NRE-HS220M450V16x20F Datasheet HTML 2Page - NIC-Components Corp. NRE-HS220M450V16x20F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Frequency (Hz)
60
120
500
1K
10K >
1.5 ~ 6.8
μF
0.65
1.00
1.20
1.30
1.50
10 ~ 68
μF
0.80
1.00
1.20
1.30
1.50
100 ~ 1000
μF
0.80
1.00
1.10
1.15
1.20
2200 ~ 10000
μF
0.80
1.00
1.05
1.10
1.15
RIPPLE CURRENT FREQUENCY
CORRECTION FACTORS
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Load Life Hours
@+105°C
NRE-HS4R7M250V8x9F
4.7
250
0.20
54
2,000
NRE-HS6R8M250V10x9F
6.8
0.20
69
2,000
NRE-HS220M250V12.5x16F
22
0.20
156
2,000
NRE-HS330M250V16x16F
33
0.20
238
2,000
NRE-HS470M250V18x16F
47
0.20
309
2,000
NRE-HS680M250V16x20F
68
0.20
397
2,000
NRE-HS101M250V18x25F
100
0.20
451
2,000
NRE-HS3R3M350V8x9F
3.3
350
0.20
37
2,000
NRE-HS4R7M350V10x9F
4.7
0.20
49
2,000
NRE-HS6R8M350V12.5x16F
6.8
0.20
94
2,000
NRE-HS100M350V12.5x16F
10
0.20
100
2,000
NRE-HS220M350V18x16F
22
0.20
183
2,000
NRE-HS330M350V16x20F
33
0.20
238
2,000
NRE-HS470M350V18x20F
47
0.20
309
2,000
NRE-HS680M350V18x25F
68
0.20
397
2,000
NRE-HS2R2M400V8x9F
2.2
400
0.20
35
2,000
NRE-HS3R3M400V10x9F
3.3
0.20
40
2,000
NRE-HS4R7M400V10x9F
4.7
0.20
49
2,000
NRE-HS6R8M400V12.5x16F
6.8
0.20
94
2,000
NRE-HS100M400V12.5x16F
10
0.20
100
2,000
NRE-HS220M400V16x20F
22
0.20
187
2,000
NRE-HS330M400V16x20F
33
0.20
238
2,000
NRE-HS470M400V18x20F
47
0.20
309
2,000
NRE-HS1R5M450V8x9F
1.5
450
0.25
19
2,000
NRE-HS2R2M450V10x9F
2.2
0.25
29
2,000
NRE-HS6R8M450V12.5x16F
6.8
0.25
77
2,000
NRE-HS100M450V16x16F
10
0.25
109
2,000
NRE-HS220M450V16x20F
22
0.25
170
2,000
NRE-HS330M450V18x25F
33
0.25
238
2,000
NRE-HS470M450V18x25F
47
0.25
275
2,000
Miniature Aluminum Electrolytic Capacitors
NRE-HS Series
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
NRE-HS 331 M 35V 10X9 TB F...
RoHS Compliant
TB = Tape & Box*
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
*see taping specifications for details
β max. L< 16mm = 1.5mm, L> 20mm = 2.0mm
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRE-HS220M450V16x20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-HS220M250V12.5x16F NIC-NRE-HS220M250V12.5x16F Datasheet
92Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRE-HS220M350V18x16F NIC-NRE-HS220M350V18x16F Datasheet
92Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-HS220M450V16x20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com