Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSG222M63V10x20F Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRSG222M63V10x20F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSG222M63V10x20F Datasheet(HTML) 6 Page - NIC-Components Corp.

  NRSG222M63V10x20F Datasheet HTML 1Page - NIC-Components Corp. NRSG222M63V10x20F Datasheet HTML 2Page - NIC-Components Corp. NRSG222M63V10x20F Datasheet HTML 3Page - NIC-Components Corp. NRSG222M63V10x20F Datasheet HTML 4Page - NIC-Components Corp. NRSG222M63V10x20F Datasheet HTML 5Page - NIC-Components Corp. NRSG222M63V10x20F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
4
5
6.3
8
10
12.5
16
18
L=7 Lead Dia. (D
φ) 0.45 0.45 0.45 0.45
-
-
-
-
Lead Dia. (D
φ)
-
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
1.5
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
Dim.
β
L=7: 1.0, L < 20mm: 1.5mm, L > 20mm: 2.0mm
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+
NRSG Series
Miniature Aluminum Electrolytic Capacitors


Similar Part No. - NRSG222M63V10x20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSG222M63V10X20TRF NIC-NRSG222M63V10X20TRF Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSG222M63V10x20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com