Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-JL471M63V125X25F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRE-JL471M63V125X25F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-JL471M63V125X25F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRE-JL471M63V125X25F Datasheet HTML 1Page - NIC-Components Corp. NRE-JL471M63V125X25F Datasheet HTML 2Page - NIC-Components Corp. NRE-JL471M63V125X25F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mArms)
+105°C/100KHz
Max. Z (
Ω) 100KHz
Load Life Hours
@+105°C
+20°C
-10°C
NRE-JL221M50V10X16F
220
50
0.10
1050
0.084
0.34
10,000
NRE-JL331M50V10X20F
330
0.10
1220
0.06
0.24
10,000
NRE-JL471M50V12.5X20F
470
0.10
1660
0.045
0.15
10,000
NRE-JL102M50V16X25F
1000
0.10
2730
0.032
0.096
10,000
NRE-JL222M50V16X35.5F
2200
0.12
3150
0.019
0.057
10,000
NRE-JL100M63V5X11F
10
63
0.09
173
0.88
3.5
5,000
NRE-JL220M63V5X11F
22
0.09
173
0.88
3.5
5,000
NRE-JL330M63V6.3X11F
33
0.09
278
0.35
1.4
7,000
NRE-JL470M63V6.3X11F
47
0.09
278
0.35
1.4
7,000
NRE-JL101M63V10X12.5F
100
0.09
725
0.15
0.60
10,000
NRE-JL221M63V10X20F
220
0.09
1200
0.078
0.31
10,000
NRE-JL331M63V12.5X20F
330
0.09
1570
0.060
0.19
10,000
NRE-JL471M63V12.5X25F
470
0.09
1990
0.043
0.14
10,000
NRE-JL102M63V16X25F
1000
0.09
2730
0.032
0.096
10,000
NRE-JL1R0M100V5X11F
1.0
100
0.08
20
4.5
15.0
5,000
NRE-JL2R2M100V5X11F
2.2
0.08
30
3.0
13.0
5,000
NRE-JL3R3M100V5X11F
3.3
0.08
40
2.7
11.0
5,000
NRE-JL4R7M100V5X11F
4.7
0.08
65
2.5
10.0
5,000
NRE-JL100M100V6.3X11F
10
0.08
267
0.57
2.3
7,000
NRE-JL220M100V6.3X11F
22
0.08
267
0.57
2.3
7,000
NRE-JL330M100V8X11.5F
33
0.08
462
0.36
1.4
7,000
NRE-JL470M100V8X16F
47
0.08
585
0.25
1.0
7,000
NRE-JL101M100V10X20F
100
0.08
1040
0.12
0.52
10,000
NRE-JL221M100V12.5X25F
220
0.08
1620
0.060
0.23
10,000
NRE-JL331M100V16X25F
330
0.08
2210
0.044
0.16
10,000
NRE-JL Series
DIAMETER AND LEADSPACE (mm)
Case Dia. (D
φ)
5
6.3
8
10
12.5
16
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
0.5
β = L < 16mm = 1.5mm, L > 20mm = 2.0mm
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+
Frequency (Hz)
6.3V ~ 50V
120
1K
10K
<100K
1.0 ~ 10
0.42
0.60
0.80
1.00
22 ~ 33
0.55
0.75
0.90
1.00
47 ~ 330
0.70
0.85
0.95
1.00
470 ~ 1,000
0.75
0.90
0.98
1.00
2,200 ~ 1,5000
0.80
0.95
1.00
1.00
Frequency (Hz)
63V ~ 100V
120
1K
10K
<100K
All Cap Values
0.42
0.60
0.80
1.00
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)


Similar Part No. - NRE-JL471M63V125X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-JL471M63V12.5X25F NIC-NRE-JL471M63V12.5X25F Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRE-JL471M63V125X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com