Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLR392M10V25X45SF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLR392M10V25X45SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR392M10V25X45SF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLR392M10V25X45SF Datasheet HTML 1Page - NIC-Components Corp. NRLR392M10V25X45SF Datasheet HTML 2Page - NIC-Components Corp. NRLR392M10V25X45SF Datasheet HTML 3Page - NIC-Components Corp. NRLR392M10V25X45SF Datasheet HTML 4Page - NIC-Components Corp. NRLR392M10V25X45SF Datasheet HTML 5Page - NIC-Components Corp. NRLR392M10V25X45SF Datasheet HTML 6Page - NIC-Components Corp. NRLR392M10V25X45SF Datasheet HTML 7Page - NIC-Components Corp. NRLR392M10V25X45SF Datasheet HTML 8Page - NIC-Components Corp. NRLR392M10V25X45SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR562M25V20X25SF
5,600
25
20x25
0.134
0.103
2.33
2.67
NRLR682M25V20X30SF
6,800
20x30
0.110
0.085
2.56
2.94
NRLR682M25V22X25SF
22x25
0.110
0.085
2.56
2.94
NRLR822M25V20X35SF
8,200
20x35
0.091
0.070
2.91
3.34
NRLR822M25V22X30SF
22x30
0.091
0.070
2.91
3.34
NRLR103M25V20X40SF
10,000
20x40
0.075
0.058
3.18
3.65
NRLR103M25V22X35SF
22x35
0.075
0.058
3.18
3.65
NRLR103M25V25X25SF
25x25
0.075
0.058
3.18
3.65
NRLR123M25V22X40SF
12,000
22x40
0.063
0.048
3.53
4.05
NRLR123M25V25X30SF
25x30
0.063
0.048
3.53
4.05
NRLR153M25V22X45SF
15,000
22x45
0.050
0.039
4.08
4.69
NRLR153M25V25X35SF
25x35
0.050
0.039
4.08
4.69
NRLR153M25V30X25SF
30x25
0.050
0.039
4.08
4.69
NRLR183M25V22X50SF
18,000
22x50
0.042
0.032
4.68
5.38
NRLR183M25V25X40SF
25x40
0.042
0.032
4.68
5.38
NRLR183M25V30X30SF
30x30
0.042
0.032
4.68
5.38
NRLR223M25V25X45SF
22,000
25x45
0.034
0.027
5.19
5.96
NRLR223M25V30X35SF
30x35
0.034
0.027
5.19
5.96
NRLR223M25V35X30SF
35x30
0.034
0.027
5.19
5.96
NRLR273M25V25X50SF
27,000
25x50
0.028
0.022
6.02
6.92
NRLR273M25V30X40SF
30x40
0.028
0.022
6.02
6.92
NRLR273M25V35X35SF
35x35
0.028
0.022
6.02
6.92
NRLR333M25V30X45SF
33,000
30x45
0.023
0.018
6.75
7.76
NRLR333M25V35X40SF
35x40
0.023
0.018
6.75
7.76
NRLR393M25V30X50SF
39,000
30x50
0.020
0.015
7.56
8.69
NRLR393M25V35X45SF
35x45
0.020
0.015
7.56
8.69
NRLR473M25V35X50SF
47,000
35x50
0.016
0.013
8.30
9.54
NRLR332M35V20X25SF
3,300
35
20x25
0.201
0.155
2.14
2.46
NRLR392M35V20X30SF
3,900
20x30
0.171
0.131
2.28
2.62
NRLR472M35V20X35SF
4,700
20x35
0.142
0.109
2.46
2.82
NRLR472M35V22X25SF
22x25
0.142
0.109
2.46
2.82
NRLR562M35V20X40SF
5,600
20x40
0.119
0.092
2.79
3.20
NRLR562M35V22X30SF
22x30
0.119
0.092
2.79
3.20
NRLR562M35V25X25SF
25x25
0.119
0.092
2.79
3.20
NRLR682M35V22X35SF
6,800
22x35
0.098
0.076
2.89
3.32
NRLR682M35V25X30SF
25x30
0.098
0.076
2.89
3.32
NRLR822M35V22X40SF
8,200
22x40
0.081
0.063
3.47
3.99
NRLR822M35V25X30SF
25x30
0.081
0.063
3.47
3.99
NRLR822M35V30X25SF
30x25
0.081
0.063
3.47
3.99
NRLR103M35V22X45SF
10,000
22x45
0.067
0.052
3.59
4.12
NRLR103M35V25X35SF
25x35
0.067
0.052
3.59
4.12
NRLR103M35V30X30SF
30x30
0.067
0.052
3.59
4.12
NRLR123M35V22X50SF
12,000
22x50
0.056
0.043
4.51
5.18
NRLR123M35V25X40SF
25x40
0.056
0.043
4.51
5.18
NRLR123M35V30X30SF
30x30
0.056
0.043
4.51
5.18
NRLR153M35V25X45SF
15,000
25x45
0.045
0.035
4.80
5.52
NRLR153M35V30X35SF
30x35
0.045
0.035
4.80
5.52
NRLR153M35V35X30SF
35x30
0.045
0.035
4.80
5.52
NRLR183M35V30X40SF
18,000
30x40
0.037
0.029
5.70
6.55
NRLR183M35V35X35SF
35x35
0.037
0.029
5.70
6.55
NRLR223M35V30X45SF
22,000
30x45
0.031
0.024
6.38
7.33
NRLR223M35V35X40SF
35x40
0.031
0.024
6.38
7.33
NRLR273M35V35X45SF
27,000
35x45
0.025
0.019
6.90
7.93
NRLR333M35V35X50SF
33,000
35x50
0.021
0.016
7.49
8.61
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLR392M10V25X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR393M100V20X25F NIC-NRLR393M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR393M100V20X30F NIC-NRLR393M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR393M100V22X25X30X40F NIC-NRLR393M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR393M100V35X30F NIC-NRLR393M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR393M10V20X25F NIC-NRLR393M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR392M10V25X45SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com