Electronic Components Datasheet Search |
|
382LX184M016N102 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
382LX184M016N102 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 14 page Temperature Range –40 °C to +85 °C ≤ 250 Vdc –25 °C to +85 °C ≥ 315 Vdc Rated Voltage Range 16 Vdc to 500 Vdc Capacitance Range 33 µF to 270,000 µF Capacitance Tolerance ± 20% Leakage Current ≤3√CV µA at 5 min Ripple Current Multipliers Low Temperature Characteristics Impedance ratio: Z –20⁰C ∕ Z+25⁰C ≤ 8 (16–50 Vdc) ≤ 4 (63–100 Vdc) ≤ 3 (150–500 Vdc) Endurance Life Test 3,000 h @ full load at +85 °C ∆ Capacitance ±20% ESR 200% of limit DCL 100% of limit Shelf Life Test 1,000 h @ 85 °C ∆ Capacitance ±20% ESR 200% of limit DCL 100% of limit Vibration 10 to 55 Hz, 0.06” and 10 g max, 2 h in each plane RoHS Compliant The excellent value of Type 380L/LX capacitors finds application in switching power supply input and output circuits and even motor drives where the high surface area of multiple units in parallel approaches the ripple capability of our Type 520C computer-grade capacitor. Type 380LX delivers more capacitance per can size while Type 380L available in the largest case sizes gives lower ESR for the same capacitance. Types 382L and 382LX give the choice of 4 or 5 leads for stable, reverse proof mounting. Highlights - Latest available ratings, worldwide - Top performance in power supplies and motor drives - Big selection of 46 case sizes - 2, 4 and 5 leads available Specifications Frequency 45 ºC 60 ºC 70 ºC 85 ºC 1.5 1.4 1.3 1.0 50 Hz 60 Hz 120 Hz 500 kHz 1 kHz 10 kHz & Up 16 - 100 WV 0.93 0.95 1.00 1.05 1.08 1.15 160 - 450 WV 0.75 0.80 1.00 1.20 1.25 1.40 Ambient Temperature Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum 2, 4 and 5 pin styles available CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 |
Similar Part No. - 382LX184M016N102 |
|
Similar Description - 382LX184M016N102 |