Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-HS331M25V10x9F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-HS331M25V10x9F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-HS331M25V10x9F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-HS331M25V10x9F Datasheet HTML 1Page - NIC-Components Corp. NRE-HS331M25V10x9F Datasheet HTML 2Page - NIC-Components Corp. NRE-HS331M25V10x9F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-HS Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Load Life Hours
@+105°C
NRE-HS471M6.3V8x9F
470
6.3
0.30
270
2,000
NRE-HS681M6.3V8x9F
680
0.30
300
2,000
NRE-HS102M6.3V10x9F
1000
0.30
460
2,000
NRE-HS222M6.3V12.5x16F
2200
0.28
770
2,000
NRE-HS332M6.3V16x16F
3300
0.30
930
2,000
NRE-HS472M6.3V18x16F
4700
0.32
1000
2,000
NRE-HS682M6.3V16x20F
6800
0.36
1200
2,000
NRE-HS103M6.3V18x20F
10000
0.44
1430
2,000
NRE-HS471M10V8x9F
470
10
0.26
295
2,000
NRE-HS681M10V10x9F
680
0.26
350
2,000
NRE-HS102M10V10x9F
1000
0.26
460
2,000
NRE-HS222M10V12.5x16F
2200
0.24
770
2,000
NRE-HS332M10V16x16F
3300
0.26
930
2,000
NRE-HS472M10V16x20F
4700
0.28
1200
2,000
NRE-HS682M10V18x20F
6800
0.32
1330
2,000
NRE-HS103M10V18x25F
10000
0.40
1680
2,000
NRE-HS331M16V8x9F
330
16
0.20
270
2,000
NRE-HS471M16V8x9F
470
0.20
310
2,000
NRE-HS681M16V10x9F
680
0.20
370
2,000
NRE-HS222M16V16x16F
2200
0.20
930
2,000
NRE-HS332M16V16x20F
3300
0.22
1200
2,000
NRE-HS472M16V18x20F
4700
0.24
1330
2,000
NRE-HS682M16V18x25F
6800
0.28
1680
2,000
NRE-HS221M25V8x9F
220
25
0.18
240
2,000
NRE-HS331M25V10x9F
330
0.18
310
2,000
NRE-HS471M25V10x9F
470
0.18
370
2,000
NRE-HS681M25V12.5x16F
680
0.16
640
2,000
NRE-HS102M25V12.5x16F
1000
0.16
670
2,000
NRE-HS222M25V16x20F
2200
0.18
1100
2,000
NRE-HS332M25V18x20F
3300
0.20
1200
2,000
NRE-HS472M25V18x25F
4700
0.22
1490
2,000
NRE-HS151M35V8x9F
150
35
0.14
250
2,000
NRE-HS221M35V10x9F
220
0.14
300
2,000
NRE-HS331M35V10x9F
330
0.14
360
2,000
NRE-HS681M35V12.5x16F
680
0.14
640
2,000
NRE-HS102M35V16x16F
1000
0.14
850
2,000
NRE-HS222M35V18x20F
2200
0.16
1200
2,000
NRE-HS332M35V18x25F
3300
0.18
1490
2,000
NRE-HS101M50V8x9F
100
50
0.12
200
2,000
NRE-HS151M50V10x9F
150
0.12
300
2,000
NRE-HS471M50V12.5x16F
470
0.12
570
2,000
NRE-HS681M50V16x16F
680
0.12
710
2,000
NRE-HS102M50V16x20F
1000
0.12
890
2,000
NRE-HS222M50V18x25F
2200
0.14
1320
2,000
NRE-HS4R7M160V8x9F
4.7
160
0.20
54
2,000
NRE-HS6R8M160V8x9F
6.8
0.20
60
2,000
NRE-HS100M160V10x9F
10
0.20
85
2,000
NRE-HS330M160V12.5x16F
33
0.20
175
2,000
NRE-HS470M160V16x16F
47
0.20
245
2,000
NRE-HS680M160V18x16F
68
0.20
305
2,000
NRE-HS101M160V16x20F
100
0.20
381
2,000
NRE-HS151M160V18x20F
150
0.20
464
2,000
NRE-HS221M160V18x25F
220
0.20
602
2,000
NRE-HS4R7M200V8x9F
4.7
200
0.20
54
2,000
NRE-HS6R8M200V8x9F
6.8
0.20
60
2,000
NRE-HS100M200V10x9F
10
0.20
85
2,000
NRE-HS220M200V12.5x16F
22
0.20
156
2,000
NRE-HS330M200V12.5x16F
33
0.20
175
2,000
NRE-HS470M200V16x16F
47
0.20
250
2,000
NRE-HS680M200V16x20F
68
0.20
355
2,000
NRE-HS101M200V16x20F
100
0.20
381
2,000
NRE-HS151M200V18x25F
150
0.20
532
2,000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRE-HS331M25V10x9F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-HS331M25V10x9F NIC-NRE-HS331M25V10x9F Datasheet
92Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-HS331M25V10x9F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com