Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35-185 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 35-185
Description  HEAVY DUTY TOGGLES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

35-185 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  35-185 Datasheet HTML 1Page - List of Unclassifed Manufacturers 35-185 Datasheet HTML 2Page - List of Unclassifed Manufacturers 35-185 Datasheet HTML 3Page - List of Unclassifed Manufacturers 35-185 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SWITCHES
Phone (815)316-9080•Fax (815)316-9081
All quantities are single; BU’s are packages of 10 Unless otherwise noted.
HEAVY DUTY TOGGLES
35
DP
Fig. 10
Fig. 1
Notes: (On)/(O)=Momentary On/O
*Rated @ 277VAC
**1&2 On
***Rated 20A @ 12VDC
FN=Face Nut
†=Progressive Two Circuit
Retail
Bulk
Fig.
Circuit
Poles/
Part No.
Part No.
No. Function
Throws
35-078
35-143
35-145
35-3080
35-3135
35-126
35-3070
35-139
35-140
35-141
35-080
35-110
35-130
35-144
35-146
35-148
35-149
35-150
35-151
35-153
35-155
35-185
35-3005
35-3010
35-3015
35-3020
35-3025
35-3045
35-3055
35-3056
35-3060
35-3075
35-3170
Fig. 4
Fig. 11
Fig. 2
35-3
Pro g
Fig. 3
Fig. 12
Fig. 6
ID=ID Plate
KN=Knurled Nut
N=Nut
QC=Quick Connect
Sc=Screw
Note: All gures are for illustration purpose only, and the number/type of terminals may vary.
Spec. Drawing
Page No.
277-A
277-B
277-B
277-B
277-C
277-D
277-E
277-F
277-F
277-F
277-G
277-H
277-H
277-I
277-I
277-I
277-I
277-I
277-I
277-H
277-H
277-J
277-K
277-K
277-K
277-L
277-L
277-M
277-K
277-K
277-N
277-E
277-O
276
Fig. 7
Fig. 5
Fig. 9
Fig. 8
On
On
On
On
**
On
On
On
On
On
On
On
On
On
On
On
On
(On)
On
On
(On)
On
On
On
On
On
On
On
O
On
On
On
On
O
1On
O
O
O
O
O
O
O
O
O
O
O
On
O
On
O
O
O
O
On
On
O
On
On
On
On
On
On
(On)
(On)
(On)
(On)
O
O
On
On
On
On
O
(On)
O
O
O
O
SPST
4PDT
4PST
4PDT
DPST
SPST
3PST
3PDT
3PDT
SPST
SPDT
SPDT
DPDT
DPDT
DPDT
DPDT
DPDT
DPDT
SPDT
SPDT
DPST
SPST
SPDT
SPDT
DPDT
DPDT
DPST
SPST
SPST
DPST
DPST
SPST
AMPS
125VAC
15
15
15
15
15
16
16
17
17
17
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
***
AMPS
250VAC
10
10
10
10
10
8
8
12
12
12
10*
10*
10*
10*
10*
10*
10
10*
10*
10*
10*
10*
10
10
10
10*
10*
10
10
10
10*
10
***
HP 125-
250VAC
3/4
3/4
3/4
3/4
1/2
1
1
1-1/2
1-1/2
1-1/2
3/4
3/4
3/4
1-1/2
1-1/2
1-1/2
3/4
1-1/2
1-1/2
3/4
3/4
1-1/2
3/4
3/4
3/4
1-1/2
1-1/2
3/4
3/4
3/4
1-1/2
1-1/2
1/2
Actuator
Style
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Bat
Actuator
Material
Metal
Metal
Metal
Metal
Brass
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Metal
Brass
Metal
Brass
Brass
Brass
Brass
Brass
Brass
Brass
Brass
Brass
Brass
Brass
Bushing
Length
0.465
0.465
0.465
0.465
0.468
0.465
0.465
0.465
0.465
0.465
0.470
0.470
0.470
0.465
0.470
0.470
0.465
0.470
0.470
0.470
0.325
0.465
0.325
0.325
0.325
0.468
0.468
0.468
0.468
0.325
0.468
0.465
0.500
Mounting
Hole
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.500
0.438
Terminal
Type
Solder
Screw
Screw
Screw
Screw
Screw
Screw
Screw
Screw
Screw
Screw
Screw
Screw
Solder
Screw
Screw
Solder
Screw
Screw
Screw
Screw
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
Solder
Screw
Screw
Screw
Hardware
N, KN
N, FN, Sc
N, FN, Sc
N, FN, Sc
N, FN, Sc
N, FN
N, Sc
N, FN, Sc
N, FN, Sc
N, FN, Sc
N, KN, Sc, ID
N, KN, Sc
N, KN, Sc
N, KN
N, KN, Sc
N, KN, Sc
N, KN
N, KN, Sc
N, KN, Sc
N, KN, Sc
N, KN, Sc
N, KN
N, KN
N, KN
N, KN
N, KN
N, KN
N, KN
N, KN
N.KN
N, KN, Sc
N, Sc
KN, Sc
35-078-BU
35-143-BU
35-145-BU
35-3080-BU
35-3135-BU
35-126-BU
35-3070-BU
35-139-BU
35-140-BU
35-141-BU
35-080-BU
35-110-BU
35-130-BU
35-144-BU
35-146-BU
35-148-BU
35-149-BU
35-150-BU
35-151-BU
35-153-BU
35-155-BU
35-185-BU
35-3005-BU
35-3010-BU
35-3015-BU
35-3020-BU
35-3025-BU
35-3045-BU
35-3055-BU
35-3056-BU
35-3060-BU
35-3075-BU
35-3170-BU
1
2
2
2
3
4
4
5
5
5
6
6
6
7
6
6
7
6
6
8
8
3
10
9
9
7
7
10
9
9
3
11
12


Similar Part No. - 35-185

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
35-0016-05 ZILOG-35-0016-05 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
35-0016-06 ZILOG-35-0016-06 Datasheet
581Kb / 22P
   Real-time clock support
logo
Aries Electronics, Inc.
35-002-171PTLHT ARIES-35-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
35-002-172PTLHT ARIES-35-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
35-002-173PTLHT ARIES-35-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 35-185

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
E2011-BA NKK-E2011-BA Datasheet
159Kb / 6P
   Light Duty Miniature Toggles
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
   Heavy Duty Clip
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
OEN India Limited
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
   Heavy Duty Flashlight
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
   SUPER HEAVY DUTY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com