Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W170-01 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # W170-01
Description  Spread Aware?? Frequency Multiplier and Zero Delay Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W170-01 Datasheet(HTML) 4 Page - Cypress Semiconductor

  W170-01 Datasheet HTML 1Page - Cypress Semiconductor W170-01 Datasheet HTML 2Page - Cypress Semiconductor W170-01 Datasheet HTML 3Page - Cypress Semiconductor W170-01 Datasheet HTML 4Page - Cypress Semiconductor W170-01 Datasheet HTML 5Page - Cypress Semiconductor W170-01 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
W170-01
4
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
PD
Power Dissipation
0.5
W
DC Electrical Characteristics: TA =0°C to 70°C, VDD = 3.3V ±5%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
IDD
Supply Current
Unloaded, 133 MHz
17
35
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 8 mA
0.4
V
VOH
Output High Voltage
IOH = 8 mA
2.4
V
IIL
Input Low Current
VIN = 0V
5
µA
IIH
Input High Current
VIN = VDD
5
µA
DC Electrical Characteristics: TA =0°C to 70°C, VDD = 5V ±10%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
IDD
Supply Current
Unloaded, 133 MHz
31
50
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 8 mA
0.4
V
VOH
Output High Voltage
IOH = 8 mA
2.4
V
IIL
Input Low Current
VIN = 0V
5
µA
IIH
Input High Current
VIN = VDD
5
µA


Similar Part No. - W170-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W170-01 CYPRESS-W170-01 Datasheet
108Kb / 6P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
W170-01G CYPRESS-W170-01G Datasheet
108Kb / 6P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
More results

Similar Description - W170-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
CY23S02 CYPRESS-CY23S02_05 Datasheet
168Kb / 7P
   Spread Aware?? Frequency Multiplier and Zero Delay Buffer
CY23S02 CYPRESS-CY23S02_12 Datasheet
268Kb / 10P
   Spread Aware?? Frequency Multiplier, and Zero Delay Buffer
W170-01G CYPRESS-W170-01G Datasheet
108Kb / 6P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
   Spread Aware?? Eight Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com