Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W170-01 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W170-01
Description  Spread Aware?? Frequency Multiplier and Zero Delay Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W170-01 Datasheet(HTML) 5 Page - Cypress Semiconductor

  W170-01 Datasheet HTML 1Page - Cypress Semiconductor W170-01 Datasheet HTML 2Page - Cypress Semiconductor W170-01 Datasheet HTML 3Page - Cypress Semiconductor W170-01 Datasheet HTML 4Page - Cypress Semiconductor W170-01 Datasheet HTML 5Page - Cypress Semiconductor W170-01 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W170-01
5
Document #: 38-00795
AC Electrical Characteristics: T
A = 0°C to +70°C, VDD = 3.3V±5%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency[1]
OUT2 = REF
MHz
fOUT
Output Frequency
OUT1
20
133
MHz
tR
Output Rise Time
0.8V to 2.0V, 15-pF load
3.5
ns
tF
Output Fall Time
2.0V to 0.8V, 15-pF load
2.5
ns
tICLKR
Input Clock Rise Time[2]
10
ns
tICLKF
Input Clock Fall Time[2]
10
ns
tPD
FBIN to IN (Reference Input) Skew[3, 4]
Note 4
300
ps
tD
Duty Cycle
Note 5
405060
%
tLOCK
PLL Lock Time
Power supply stable
1.0
ms
tJC
Jitter, Cycle-to-Cycle
Note 6
200
ps
AC Electrical Characteristics: T
A = 0°C to +70°C, VDD = 5V±10%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency[1]
OUT2 = REF
MHz
fOUT
Output Frequency
OUT1
20
133
MHz
tR
Output Rise Time
0.8V to 2.0V, 15-pF load
3.5
ns
tF
Output Fall Time
2.0V to 0.8V, 15-pF load
2.5
ns
tICLKR
Input Clock Rise Time[2]
10
ns
tICLKF
Input Clock Fall Time[2]
10
ns
tPD
FBIN to IN (Reference Input) Skew[3, 4]
Note 4
300
ps
tD
Duty Cycle
Note 7, 8
40
50
60
%
tLOCK
PLL Lock Time
Power supply stable
1.0
ms
tJC
Jitter, Cycle-to-Cycle
Note 6
200
ps
Notes:
1.
Input frequency is limited by output frequency range and input to output frequency multiplication factor (which is determined by circuit configuration).
2.
Longer input rise and fall time will degrade skew and jitter performance.
3.
All AC specifications are measured with a 50
Ω transmission line, load terminated with 50Ω to 1.4V.
4.
Skew is measured at 1.4V on rising edges.
5.
Duty cycle is measured at 1.4V.
6.
Jitter is measured on 133-MHz signal at 1.4V.
7.
Duty cycle is measured at 1.4V, 120 MHz.
8.
Duty cycle at 133 MHz is 35/65 worst case.
Ordering Information
Ordering Code
Option
Package
Name
Package Type
W170
-01
G
8-pin SOIC (150 mil)


Similar Part No. - W170-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W170-01 CYPRESS-W170-01 Datasheet
108Kb / 6P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
W170-01G CYPRESS-W170-01G Datasheet
108Kb / 6P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
More results

Similar Description - W170-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S02 CYPRESS-CY23S02 Datasheet
103Kb / 7P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
CY23S02 CYPRESS-CY23S02_05 Datasheet
168Kb / 7P
   Spread Aware?? Frequency Multiplier and Zero Delay Buffer
CY23S02 CYPRESS-CY23S02_12 Datasheet
268Kb / 10P
   Spread Aware?? Frequency Multiplier, and Zero Delay Buffer
W170-01G CYPRESS-W170-01G Datasheet
108Kb / 6P
   Spread Aware, Frequency Multiplier and Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
   Spread Aware?? Eight Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com