Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4825FVE-TR Datasheet(PDF) 4 Page - Rohm

Part # BU4825FVE-TR
Description  Low Voltage Standard CMOS Voltage Detector ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4825FVE-TR Datasheet(HTML) 4 Page - Rohm

  BU4825FVE-TR Datasheet HTML 1Page - Rohm BU4825FVE-TR Datasheet HTML 2Page - Rohm BU4825FVE-TR Datasheet HTML 3Page - Rohm BU4825FVE-TR Datasheet HTML 4Page - Rohm BU4825FVE-TR Datasheet HTML 5Page - Rohm BU4825FVE-TR Datasheet HTML 6Page - Rohm BU4825FVE-TR Datasheet HTML 7Page - Rohm BU4825FVE-TR Datasheet HTML 8Page - Rohm BU4825FVE-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Datasheet
4/13
BU48xx series
BU49xx series
TSZ02201-0R7R0G300060-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.010
www.rohm.com
TSZ22111・15・001
●Lineup
Output Type
Open Drain
CMOS
Detection Voltage Marking
Part Number
Marking
Part Number
4.8V
JR
BU4848
LH
BU4948
4.7V
JQ
BU4847
LG
BU4947
4.6V
JP
BU4846
LF
BU4946
4.5V
JN
BU4845
LE
BU4945
4.4V
JM
BU4844
LD
BU4944
4.3V
JL
BU4843
LC
BU4943
4.2V
JK
BU4842
LB
BU4942
4.1V
JJ
BU4841
LA
BU4941
4.0V
JH
BU4840
KZ
BU4940
3.9V
JG
BU4839
KY
BU4939
3.8V
JF
BU4838
KX
BU4938
3.7V
JE
BU4837
KW
BU4937
3.6V
JD
BU4836
KV
BU4936
3.5V
JC
BU4835
KU
BU4935
3.4V
JB
BU4834
KT
BU4934
3.3V
JA
BU4833
KS
BU4933
3.2V
HZ
BU4832
KR
BU4932
3.1V
HY
BU4831
KQ
BU4931
3.0V
HX
BU4830
KP
BU4930
2.9V
HW
BU4829
KN
BU4929
2.8V
HV
BU4828
KM
BU4928
2.7V
HU
BU4827
KL
BU4927
2.6V
HT
BU4826
KK
BU4926
2.5V
HS
BU4825
KJ
BU4925
2.4V
HR
BU4824
KH
BU4924
2.3V
HQ
BU4823
KG
BU4923
2.2V
HP
BU4822
KF
BU4922
2.1V
HN
BU4821
KE
BU4921
2.0V
HM
BU4820
KD
BU4920
1.9V
HL
BU4819
KC
BU4919
1.8V
HK
BU4818
KB
BU4918
1.7V
HJ
BU4817
KA
BU4917
1.6V
HH
BU4816
JZ
BU4916
1.5V
HG
BU4815
JY
BU4915
1.4V
HF
BU4814
JX
BU4914
1.3V
HE
BU4813
JW
BU4913
1.2V
HD
BU4812
JV
BU4912
1.1V
HC
BU4811
JU
BU4911
1.0V
HB
BU4810
JT
BU4910
0.9V
HA
BU4809
JS
BU4909


Similar Part No. - BU4825FVE-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4825FVE-TR ROHM-BU4825FVE-TR Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825FVE-TR ROHM-BU4825FVE-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825FVE-TR ROHM-BU4825FVE-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825FVE-TR ROHM-BU4825FVE-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Similar Description - BU4825FVE-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com