Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBMH3216HM221NT Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # FBMH3216HM221NT
Description  Notice for TAIYO YUDEN products?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FBMH3216HM221NT Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button FBMH3216HM221NT Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FBMH3216HM221NT Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FBMH3216HM221NT Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FBMH3216HM221NT Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FBMH3216HM221NT Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc FBMH3216HM221NT Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc FBMH3216HM221NT Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc FBMH3216HM221NT Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc FBMH3216HM221NT Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
chipbeads_pack_e-E02R01
Type
Chip Cavity
Insertion Pitch
Tape Thickness
A
B
F
T
FBMJ1608
FBMH1608
(0603)
1.0±0.2
(0.039±0.008)
1.8±0.2
(0.071±0.008)
4.0±0.2
(0.157±0.008)
1.1max
(0.043max)
FBMJ2125
FBMH2012
(0805)
1.5±0.2
(0.059±0.008)
2.3±0.2
(0.091±0.008)
4.0±0.2
(0.157±0.008)
1.1max
(0.043max)
Unit : mm(inch)
Embossed tape (0.315 inches wide)
Type
Chip Cavity
Insertion Pitch
Tape Thickness
A
B
F
K
T
FBMH2016
(0806)
1.8±0.2
(0.071±0.008)
2.2±0.2
(0.087±0.008)
4.0±0.2
(0.157±0.008)
2.6max
(0.102max)
0.6max
(0.024max)
FBMJ3216
(1206)
1.9±0.2
(0.075±0.008)
3.5±0.2
(0.138±0.008)
4.0±0.2
(0.157±0.008)
1.5max
(0.059max)
0.3max
(0.012max)
FBMH3216
(1206)
1.9±0.2
(0.075±0.008)
3.5±0.2
(0.138±0.008)
4.0±0.2
(0.157±0.008)
2.6max
(0.102max)
0.6max
(0.024max)
FBMH3225
(1210)
2.8±0.2
(0.110±0.008)
3.5±0.2
(0.138±0.008)
4.0±0.2
(0.157±0.008)
4.0max
(0.157max)
0.6max
(0.024max)
Unit : mm(inch)
Embossed tape (0.472 inches wide)
Type
Chip Cavity
Insertion Pitch
Tape Thickness
A
B
F
K
T
FBMJ4516
(1806)
1.9±0.2
(0.075±0.008)
4.9±0.2
(0.193±0.008)
4.0±0.2
(0.157±0.008)
1.5max
(0.059max)
0.3max
(0.012max)
FBMH4516
(1806)
1.9±0.2
(0.075±0.008)
4.9±0.2
(0.193±0.008)
4.0±0.2
(0.157±0.008)
2.6max
(0.102max)
0.6max
(0.024max)
FBMH4525
(1810)
2.9±0.2
(0.114±0.008)
4.9±0.2
(0.193±0.008)
4.0±0.2
(0.157±0.008)
4.0max
(0.157max)
0.6max
(0.024max)
FBMH4532
(1812)
3.6±0.2
(0.142±0.008)
4.9±0.2
(0.193±0.008)
8.0±0.2
(0.315±0.008)
4.0max
(0.157max)
0.6max
(0.024max)
Unit : mm(inch)


Similar Part No. - FBMH3216HM221NT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH3216HM221NT TAIYO-YUDEN-FBMH3216HM221NT Datasheet
4Mb / 15P
   CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
FBMH3216HM221NT TAIYO-YUDEN-FBMH3216HM221NT Datasheet
266Kb / 2P
   Chip Bead Inductors for Power Lines (FB series M type)[FBMH]
FBMH3216HM221NTV TAIYO-YUDEN-FBMH3216HM221NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH3216HM221NTV TAIYO-YUDEN-FBMH3216HM221NTV Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMH]
FBMH3216HM221NTV TAIYO-YUDEN-FBMH3216HM221NTV_V01 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMH]
More results

Similar Description - FBMH3216HM221NT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com