Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2509 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN2509
Description  50 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2509 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2509 Datasheet HTML 2Page - Fairchild Semiconductor FAN2509 Datasheet HTML 3Page - Fairchild Semiconductor FAN2509 Datasheet HTML 4Page - Fairchild Semiconductor FAN2509 Datasheet HTML 5Page - Fairchild Semiconductor FAN2509 Datasheet HTML 6Page - Fairchild Semiconductor FAN2509 Datasheet HTML 7Page - Fairchild Semiconductor FAN2509 Datasheet HTML 8Page - Fairchild Semiconductor FAN2509 Datasheet HTML 9Page - Fairchild Semiconductor FAN2509 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PRODUCT SPECIFICATION
FAN2508/FAN2509
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
2/14/03 0.0m 005
Stock#DS30002508
 2000 Fairchild Semiconductor Corporation
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
Tape and Reel Information
Product Number
VOUT
Pin 4 Function
Package Marking
FAN2508SX
Adj.
Adjust
AAA
FAN2508S25X
2.5
Bypass
AAE
FAN2508S26X
2.6
Bypass
AAG
FAN2508S27X
2.7
Bypass
AAJ
FAN2508S28X
2.8
Bypass
AAM
FAN2508S285X
2.85
Bypass
AAN
FAN2508S30X
3.0
Bypass
AAW
FAN2508S33X
3.3
Bypass
AA3
FAN2509S25X
2.5
Error output
ABE
FAN2509S26X
2.6
Error output
ABG
FAN2509S27X
2.7
Error output
ABJ
FAN2509S28X
2.8
Error output
ABM
FAN2509S285X
2.85
Error output
ABN
FAN2509S30X
3.0
Error output
ABW
FAN2509S33X
3.3
Error output
AB3
Quantity
Reel Size
Width
3000
7"
8mm


Similar Part No. - FAN2509

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2509 FAIRCHILD-FAN2509 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
More results

Similar Description - FAN2509

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com