Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4804A-G Datasheet(PDF) 10 Page - Power-One

Part # F4804A-G
Description  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

F4804A-G Datasheet(HTML) 10 Page - Power-One

Back Button F4804A-G Datasheet HTML 6Page - Power-One F4804A-G Datasheet HTML 7Page - Power-One F4804A-G Datasheet HTML 8Page - Power-One F4804A-G Datasheet HTML 9Page - Power-One F4804A-G Datasheet HTML 10Page - Power-One F4804A-G Datasheet HTML 11Page - Power-One F4804A-G Datasheet HTML 12Page - Power-One F4804A-G Datasheet HTML 13Page - Power-One F4804A-G Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 10 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F2410 & F4810, 0-45V/0-80V, 10 Amps, SMT Mount
The F4810 and F2410 filters contain input and output
capacitors, plus differential and common mode
inductors. Shown in Fig. 1, the schematic diagrams
of both filters are similar, the only difference are
changes in C1, C2 capacitor values. The separate
differential inductor, L2, allows a 50 Ω differential
attenuation of 60 dB across the stated frequency
range, a value substantially higher in comparison
with other available off-the-shelf filters (typically
25-30 dB).
The F4810 can be used in 24 V or 48 V systems
without any limitations; however, in 24 V systems the
F2410 differential attenuation is better. At low
frequencies around 100-200 kHz the difference is
20dB, but at high frequencies the plots are close to
identical.
Absolute maximum voltage and maximum operating
voltage in Electrical Specifications Table are for the
filter itself; check maximum rating for corresponding
dc-dc converters. The filter will not be damaged by
reversed input voltage, or by applying voltage to the
output pins.
C2
L1-1
V
OUT+
V
OUT-
L1-2
L2
C1
4.2
H
V
IN-
V
IN+
R1
49.9
4
F
3
F
Fig. 1: Schematic diagram for F4810, F2410. The Capacitor
values shown are for F4810; for F2410 C1=10 μF; C2=13 μF.
Fig. 2: F4810 - Differential mode attenuation, 0.2-100 MHz.
Source and load resistances are 50 Ω. Vertical scale: 10
dB/div, with zero level marked by arrow. No load, 25 ºC.
Fig. 3: F2410 - Differential mode attenuation, 0.2-100 MHz.
Source and load resistance 50 Ω. Vertical scale: 10 dB/div,
with zero level marked by arrow. No load, 25 ºC.
Differential attenuation plots for the F4810 and
F2410 filters in the extended frequency range of
20 kHz-100 MHz are shown in Fig. 2 and Fig. 3,
respectively, and can be seen to be flat (around
55-60 dB) from 0.35 MHz to 40 MHz.
Fig. 4 shows Common mode attenuation with 50 Ω
source and load. The attenuation is the same for
both filters, and depends on the value of external
Y-capacitors, connected between input pins and
frame or a reference ground.
Fig. 4: F4810/F2410 - Common Mode attenuation, 0.2-100
MHz. Source and load resistances are 50 Ω. Two 0.1uF Y-
caps to common line. Vertical scale: 10 dB/div, with zero dB
level marked by arrow.


Similar Part No. - F4804A-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F48-023 ETC2-F48-023 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F48-023 TRIAD-F48-023 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F48-023-C2 TRIAD-F48-023-C2 Datasheet
49Kb / 1P
   CLASS 3 TRANSFORMER
logo
List of Unclassifed Man...
F48-050 ETC2-F48-050 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F48-050 TRIAD-F48-050 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
More results

Similar Description - F4804A-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com