Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B994V-2AI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7B994V-2AI
Description  High-Speed Multi-Phase PLL Clock Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B994V-2AI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7B994V-2AI Datasheet HTML 6Page - Cypress Semiconductor CY7B994V-2AI Datasheet HTML 7Page - Cypress Semiconductor CY7B994V-2AI Datasheet HTML 8Page - Cypress Semiconductor CY7B994V-2AI Datasheet HTML 9Page - Cypress Semiconductor CY7B994V-2AI Datasheet HTML 10Page - Cypress Semiconductor CY7B994V-2AI Datasheet HTML 11Page - Cypress Semiconductor CY7B994V-2AI Datasheet HTML 12Page - Cypress Semiconductor CY7B994V-2AI Datasheet HTML 13Page - Cypress Semiconductor CY7B994V-2AI Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RoboClock
CY7B994V
CY7B993V
Document #: 38-07127 Rev. *E
Page 11 of 14
AC Timing Diagrams[13]
Ordering Information
Propagation
Delay (ps)
Max. Speed
(MHz)
Ordering Code
Package Name
Package Type
Operating Range
250
100
CY7B993V-2AC
A100
100-lead Thin Quad Flat Pack
Commercial
250
100
CY7B993V-2AI
A100
100-lead Thin Quad Flat Pack
Industrial
250
200
CY7B994V-2AC
A100
100-lead Thin Quad Flat Pack
Commercial
250
200
CY7B994V-2BBC
BB100
100-ball Thin Ball Grid Array
Commercial
250
200
CY7B994V-2AI
A100
100-lead Thin Quad Flat Pack
Industrial
250
200
CY7B994V-2BBI
BB100
100-ball Thin Ball Grid Array
Industrial
500
100
CY7B993V-5AC
A100
100-lead Thin Quad Flat Pack
Commercial
500
100
CY7B993V-5AI
A100
100-lead Thin Quad Flat Pack
Industrial
500
200
CY7B994V-5AC
A100
100-lead Thin Quad Flat Pack
Commercial
500
200
CY7B994V-5BBC
BB100
100-ball Thin Ball Grid Array
Commercial
500
200
CY7B994V-5BBI
BB100
100-ball Thin Ball Grid Array
Industrial
500
200
CY7B994V-5AI
A100
100-lead Thin Quad Flat Pack
Industrial
tPWL
tPWH
REF
FB
Q
Q
INVERTED Q
tREFpwh
tREFpwl
tPD
tCCJ1-3,4-12
COMPLEMENTARY B
COMPLEMENTARY A
tSKEWCPR
tSKEW2
[1:4]Q[A:B]0
[1:4]Q[A:B]1
tSKEWPR
[1:4]QA[0:1]
[1:4]QB[0:1]
tSKEWBNK
tSKEWPR
tSKEWBNK
tSKEW2
Q
Other Q
tSKEW0,1
tSKEW0,1
2.0V
0.8V
QFA0 or
QFA1 or
tODCV
tODCV
REF TO DEVICE 1 and 2
FB DEVICE1
FB DEVICE2
tPD
tPDELTA
tPDELTA
crossing
crossing


Similar Part No. - CY7B994V-2AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B994V-2AI CYPRESS-CY7B994V-2AI Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V-2AIT CYPRESS-CY7B994V-2AIT Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
More results

Similar Description - CY7B994V-2AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com