Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF4754MB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWF4754MB
Description  Metallized Polypropylene Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4754MB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWF4754MB Datasheet HTML 1Page - Panasonic Semiconductor ECWF4754MB Datasheet HTML 2Page - Panasonic Semiconductor ECWF4754MB Datasheet HTML 3Page - Panasonic Semiconductor ECWF4754MB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
ECWF2223MB( )
0.022
15.5
5.5
12.5
17.5
12.5
7.5
0.80
ECWF2243MB( )
0.024
15.5
5.5
12.5
17.5
12.5
7.5
0.80
ECWF2273MB( )
0.027
15.5
6.0
12.5
17.5
12.5
7.5
0.80
ECWF2303MB( )
0.030
15.5
6.0
13.0
17.5
12.5
7.5
0.80
ECWF2333MB( )
0.033
15.5
5.5
12.5
17.5
12.5
7.5
0.80
ECWF2363MB( )
0.036
15.5
6.0
12.5
17.5
12.5
7.5
0.80
ECWF2393MB( )
0.039
15.5
6.0
12.5
17.5
12.5
7.5
0.80
ECWF2433MB( )
0.043
15.5
6.0
13.0
17.5
12.5
7.5
0.80
ECWF2473MB( )
0.047
15.5
6.5
13.0
17.5
12.5
7.5
0.80
ECWF2513MB( )
0.051
15.5
6.5
13.5
17.5
12.5
7.5
0.80
ECWF2563MB( )
0.056
15.5
6.5
13.5
17.5
12.5
7.5
0.80
ECWF2623MB( )
0.062
15.5
7.0
14.0
17.5
12.5
7.5
0.80
ECWF2683MB( )
0.068
18.0
6.0
13.0
18.0
15.0
10.0
0.80
ECWF2753MB( )
0.075
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWF2823MB( )
0.082
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWF2913MB( )
0.091
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWF2104MB( )
0.10
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWF2114MB( )
0.11
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWF2124MB( )
0.12
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWF2134MB( )
0.13
18.0
8.0
14.5
19.5
15.0
10.0
0.80
ECWF2154MB( )
0.15
18.0
8.5
15.0
20.0
15.0
10.0
0.80
ECWF2164MB( )
0.16
18.0
6.0
13.0
18.0
15.0
10.0
0.80
ECWF2184MB( )
0.18
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWF2204MB( )
0.20
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWF2224MB( )
0.22
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWF2244MB( )
0.24
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWF2274MB( )
0.27
18.0
8.0
14.5
19.5
15.0
10.0
0.80
ECWF2304MB( )
0.30
18.0
8.0
15.0
20.0
15.0
10.0
0.80
ECWF2334MB( )
0.33
18.0
8.5
15.0
20.0
15.0
10.0
0.80
ECWF2364MB( )
0.36
18.0
8.5
15.0
20.0
15.0
10.0
0.80
ECWF2394MB( )
0.39
18.0
9.0
16.0
21.0
15.0
10.0
0.80
ECWF2434MB( )
0.43
18.0
9.5
16.0
21.0
15.0
10.0
0.80
ECWF2474MB( )
0.47
23.0
8.0
15.0
20.0
20.0
12.5
0.80
ECWF2514MB( )
0.51
23.0
8.5
15.0
20.0
20.0
12.5
0.80
ECWF2564MB( )
0.56
23.0
8.5
15.5
20.5
20.0
12.5
0.80
ECWF2624MB( )
0.62
23.0
9.0
16.0
21.0
20.0
12.5
0.80
ECWF2684MB( )
0.68
23.0
9.5
16.5
21.5
20.0
12.5
0.80
ECWF2754MB( )
0.75
23.0
10.0
16.5
21.5
20.0
12.5
0.80
ECWF2824MB( )
0.82
23.0
10.5
17.0
22.0
20.0
12.5
0.80
ECWF2914MB( )
0.91
23.0
11.0
17.5
22.5
20.0
12.5
0.80
ECWF2105MB( )
1.0
23.0
11.5
18.0
23.0
20.0
12.5
0.80
ECWF2115MB( )
1.1
23.0
12.0
19.0
24.0
20.0
12.5
0.80
ECWF2125MB( )
1.2
23.0
12.5
19.5
24.5
20.0
12.5
0.80
ECWF2135MB( )
1.3
23.0
13.0
20.0
25.0
20.0
12.5
0.80
ECWF2155MB( )
1.5
23.0
14.0
21.0
26.0
20.0
12.5
0.80
ECWF2165MB( )
1.6
28.0
11.5
20.5
25.5
25.0
17.5
0.80
ECWF2185MB( )
1.8
28.0
12.5
21.0
26.0
25.0
17.5
0.80
ECWF2205MB( )
2.0
28.0
13.0
22.0
27.0
25.0
17.5
0.80
ECWF2225MB( )
2.2
28.0
14.0
22.5
27.5
25.0
17.5
0.80
ECWF2245MB( )
2.4
28.0
14.5
23.0
28.0
25.0
17.5
0.80
ECWF2275MB( )
2.7
28.0
15.5
24.0
29.0
25.0
17.5
0.80
ECWF2305MB( )
3.0
28.0
16.5
25.5
30.5
25.0
17.5
0.80
ECWF2335MB( )
3.3
28.0
17.0
26.0
31.0
25.0
17.5
0.80
ECWF2365MB( )
3.6
33.0
16.0
25.0
30.0
30.0
22.5
0.80
ECWF2395MB( )
3.9
33.0
16.5
25.5
30.5
30.0
22.5
0.80
ECWF2435MB( )
4.3
33.0
17.5
26.5
31.5
30.0
22.5
0.80
ECWF2475MB( )
4.7
33.0
18.0
27.0
32.0
30.0
22.5
0.80
Plastic Film Capacitors
IRating & Dimensions
GRated voltage : 250 VDC(150 Vrms, 250 Vo-p) Cap. tolerance : ±3 %(H), ±5 %(J)
Part No.
Cap.
(µF)
Quantity
Ammo
7.5mm
Dimensions (mm)
300
400
-
L max
T max
ød
Type 1
Type 2
Type 1
Type 2
H max
FS
500
400
400
300
Suffix for lead crimped or taped type
Cap. tol. code
L
L
500
Mar. 2006


Similar Part No. - ECWF4754MB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4754ML PANASONIC-ECWF4754ML Datasheet
326Kb / 10P
   Metallized polyoropylene Film Capacitor
ECWF4754ML PANASONIC-ECWF4754ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4754ML PANASONIC-ECWF4754ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4754MLB PANASONIC-ECWF4754MLB Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4754MLL PANASONIC-ECWF4754MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4754MB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com