Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGBR40L100CL-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR40L100CL-TA3-T
Description  DUAL MOS GATED BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR40L100CL-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR40L100CL-TA3-T Datasheet HTML 1Page - Unisonic Technologies MGBR40L100CL-TA3-T Datasheet HTML 2Page - Unisonic Technologies MGBR40L100CL-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR40L100C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-173.a
ABSOLUTE MAXIMUM RATINGS (PER LEG) (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Peak Repetitive Reverse Voltage
VRRM
100
V
Average Rectified Output Current Per Device
Per Leg
IO
20
A
Total
40
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
280
A
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
2
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
100
V
Forward Voltage Drop
VFM
IF=20A, TJ=25°C
0.80
V
IF=20A, TJ=125°C
0.75
V
Leakage Current (Note 1)
IRM
VR=100V, TJ=25°C
100
μA
VR=100V, TJ=125°C
10
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.


Similar Part No. - MGBR40L100CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR40L100CL-TA3-T UTC-MGBR40L100CL-TA3-T Datasheet
156Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
More results

Similar Description - MGBR40L100CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR10L60C UTC-MGBR10L60C Datasheet
154Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR20V50C UTC-MGBR20V50C Datasheet
128Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR30S45C UTC-MGBR30S45C Datasheet
120Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR30S60C UTC-MGBR30S60C Datasheet
111Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40L60C UTC-MGBR40L60C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40S100C UTC-MGBR40S100C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40V60C UTC-MGBR40V60C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40V100C UTC-MGBR40V100C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR10U100C UTC-MGBR10U100C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR10V100C UTC-MGBR10V100C_15 Datasheet
133Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40L45C UTC-MGBR40L45C_15 Datasheet
129Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com