Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRBXW390M250V8X30F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRBXW390M250V8X30F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBXW390M250V8X30F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRBXW390M250V8X30F Datasheet HTML 1Page - NIC-Components Corp. NRBXW390M250V8X30F Datasheet HTML 2Page - NIC-Components Corp. NRBXW390M250V8X30F Datasheet HTML 3Page - NIC-Components Corp. NRBXW390M250V8X30F Datasheet HTML 4Page - NIC-Components Corp. NRBXW390M250V8X30F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRB-XW Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (Arms)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRB-XW391M35V8X25F
390
35
0.12
0.951
0.51
10000
NRB-XW471M35V8X30F
470
0.12
1.11
0.42
10000
NRB-XW681M35V8X40F
680
0.12
1.41
0.29
10000
NRB-XW821M35V8X50F
820
0.12
1.82
0.24
10000
NRB-XW821M35V10X30F
820
0.12
1.48
0.24
10000
NRB-XW122M35V10X40F
1200
0.12
1.87
0.17
10000
NRB-XW152M35V10X50F
1500
0.12
2.21
0.13
10000
NRB-XW221M50V8X25F
220
50
0.10
0.74
0.75
10000
NRB-XW271M50V8X30F
270
0.10
0.87
0.61
10000
NRB-XW391M50V8X40F
390
0.10
1.22
0.43
10000
NRB-XW471M50V8X50F
470
0.10
1.45
0.35
10000
NRB-XW471M50V10X30F
470
0.10
1.22
0.35
10000
NRB-XW681M50V10X40F
680
0.10
1.55
0.24
10000
NRB-XW821M50V10X50F
820
0.10
2.02
0.20
10000
NRB-XW181M63V8X25F
180
63
0.09
0.665
0.83
10000
NRB-XW221M63V8X30F
220
0.09
0.785
0.68
10000
NRB-XW331M63V8X40F
330
0.09
1.11
0.45
10000
NRB-XW391M63V8X50F
390
0.09
1.32
0.38
10000
NRB-XW391M63V10X30F
390
0.09
1.16
0.38
10000
NRB-XW561M63V10X40F
560
0.09
1.43
0.27
10000
NRB-XW681M63V10X50F
680
0.09
1.71
0.22
10000
NRB-XW101M80V8X25F
100
80
0.08
0.665
1.33
10000
NRB-XW121M80V8X30F
120
0.08
0.785
1.11
10000
NRB-XW181M80V8X40F
180
0.08
1.01
0.74
10000
NRB-XW221M80V8X50F
220
0.08
1.20
0.60
10000
NRB-XW221M80V10X30F
220
0.08
1.05
0.60
10000
NRB-XW271M80V10X40F
270
0.08
1.30
0.49
10000
NRB-XW391M80V10X50F
390
0.08
1.71
0.34
10000
NRB-XW820M100V8X25F
82
100
0.08
0.665
1.62
10000
NRB-XW101M100V8X30F
100
0.08
0.785
1.33
10000
NRB-XW121M100V8X40F
120
0.08
1.01
1.11
10000
NRB-XW151M100V8X50F
150
0.08
1.20
0.88
10000
NRB-XW151M100V10X30F
150
0.08
1.05
0.88
10000
NRB-XW221M100V10X40F
220
0.08
1.30
0.60
10000
NRB-XW271M100V10X50F
270
0.08
1.56
0.49
10000
NRB-XW560M160V8X25F
56
160
0.20
0.32
5.92
10000
NRB-XW680M160V8X30F
68
0.20
0.37
4.88
10000
NRB-XW820M160V10X25F
82
0.20
0.43
4.05
10000
NRB-XW101M160V8X40F
100
0.20
0.49
3.32
10000
NRB-XW121M160V10x30F
120
0.20
0.54
2.76
10000
NRB-XW151M160V10X40F
150
0.20
0.67
2.21
10000
NRB-XW151M160V12.5X25F
150
0.20
0.66
2.21
10000
NRB-XW181M160V10X50F
180
0.20
0.80
1.84
10000
NRB-XW181M160V12.5X30F
180
0.20
0.77
1.84
10000
NRB-XW221M160V12.5X35F
220
0.20
0.89
1.51
10000
NRB-XW221M160V16X25F
220
0.20
0.93
1.51
10000
NRB-XW271M160V12.5X40F
270
0.20
1.01
1.23
10000
NRB-XW331M160V12.5X50F
330
0.20
1.20
1.01
10000
NRB-XW331M160V16X30F
330
0.20
1.20
1.01
10000
NRB-XW331M160V18X25F
330
0.20
1.18
1.01
10000
NRB-XW391M160V12.5X55F
390
0.20
1.35
0.85
10000
NRB-XW391M160V16X35F
390
0.20
1.34
0.85
10000
NRB-XW391M160V18X30F
390
0.20
1.40
0.85
10000
NRB-XW471M160V16X40F
470
0.20
1.52
0.71
10000
NRB-XW471M160V18X35F
470
0.20
1.58
0.71
10000
NRB-XW561M160V16X50F
560
0.20
1.79
0.59
10000
NRB-XW561M160V18X40F
560
0.20
1.78
0.59
10000
NRB-XW681M160V18X45F
680
0.20
2.00
0.49
10000
NRB-XW821M160V18X50F
820
0.20
2.23
0.40
10000
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRBXW390M250V8X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBXW NIC-NRBXW Datasheet
132Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRBXW390M250V8X30F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com