Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZT221M63V125X14JLBF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NAZT221M63V125X14JLBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZT221M63V125X14JLBF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NAZT221M63V125X14JLBF Datasheet HTML 1Page - NIC-Components Corp. NAZT221M63V125X14JLBF Datasheet HTML 2Page - NIC-Components Corp. NAZT221M63V125X14JLBF Datasheet HTML 3Page - NIC-Components Corp. NAZT221M63V125X14JLBF Datasheet HTML 4Page - NIC-Components Corp. NAZT221M63V125X14JLBF Datasheet HTML 5Page - NIC-Components Corp. NAZT221M63V125X14JLBF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Impedance (
Ω)
100KHz, +20°C
Max. Ripple Current (mA rms)
+105°C, 100KHz
Load Life Hours
@ +105°C
NAZT100M25V4X6.3NBF
10
25
0.14
1.45
90
2,000
NAZT150M25V5X6.3NBF
15
0.14
0.70
170
2,000
NAZT220M25V5X6.3NBF
22
0.14
0.70
170
2,000
NAZT270M25V6.3X6.3NBF
27
0.14
0.39
250
2,000
NAZT330M25V6.3X6.3NBF
33
0.14
0.39
250
2,000
NAZT470M25V6.3X6.3NBF
47
0.14
0.39
250
2,000
NAZT560M25V6.3X6.3NBF
56
0.14
0.39
250
2,000
NAZT680M25V6.3X6.3NBF
68
0.14
0.39
250
2,000
NAZT101M25V6.3X8NBF
100
0.14
0.30
300
2,000
NAZT151M25V8X10.5NBF
150
0.16
0.17
600
5,000
NAZT221M25V8X10.5NBF
220
0.16
0.17
600
5,000
NAZT221M25V10X8JBF
220
0.16
0.17
600
2,000
NAZT331M25V8X10.5NBF
330
0.16
0.17
600
5,000
NAZT471M25V10X10.5LBF
470
0.16
0.09
850
5,000
NAZT681M25V10X14LLBF
680
0.16
0.07
950
5,000
NAZT681M25V12.5X14KLBF
680
0.16
0.066
1100
5,000
NAZT102M25V12.5X14KLBF
1000
0.16
0.066
1100
5,000
NAZT152M25V16X17JLSF
1500
0.16
0.035
1800
5,000
NAZT222M25V16X17JLSF
2200
0.18
0.035
1800
5,000
NAZT332M25V18X17.5JLSF
3300
0.20
0.033
2060
5,000
NAZT392M25V18X22JLSF
3900
0.20
0.028
2260
5,000
NAZT4R7M35V4X6.3NBF
4.7
35
0.12
1.45
90
2,000
NAZT100M35V5X6.3NBF
10
0.12
0.70
170
2,000
NAZT150M35V5X6.3NBF
15
0.12
0.70
170
2,000
NAZT220M35V5X6.3NBF
22
0.12
0.70
170
2,000
NAZT270M35V6.3X6.3NBF
27
0.12
0.39
250
2,000
NAZT330M35V6.3X6.3NBF
33
0.12
0.39
250
2,000
NAZT470M35V6.3X6.3NBF
47
0.12
0.39
250
2,000
NAZT560M35V6.3X8NBF
56
0.12
0.30
300
2,000
NAZT680M35V6.3X8NBF
68
0.12
0.30
300
2,000
NAZT101M35V6.3X8NBF
100
0.12
0.30
300
2,000
NAZT101M35V8X10.5NBF
100
0.14
0.17
600
5,000
NAZT151M35V8X10.5NBF
150
0.14
0.17
600
5,000
NAZT151M35V10X8JBF
150
0.14
0.17
600
2,000
NAZT221M35V8X10.5NBF
220
0.14
0.17
600
5,000
NAZT331M35V10X10.5LBF
330
0.14
0.09
850
5,000
NAZT471M35V10X14LLBF
470
0.14
0.07
950
5,000
NAZT471M35V12.5X14KLBF
470
0.14
0.066
1100
5,000
NAZT681M35V12.5X14KLBF
680
0.14
0.066
1100
5,000
NAZT102M35V16X17JLSF
1000
0.14
0.035
1800
5,000
NAZT152M35V16X17JLSF
1500
0.14
0.035
1800
5,000
NAZT222M35V18X17.5JLSF
2200
0.16
0.033
2060
5,000
NAZT272M35V18X22JLSF
2700
0.16
0.028
2260
5,000
NAZT4R7M50V4X6.3NBF
4.7
50
0.12
2.90
60
2,000
NAZT100M50V6.3X6.3NBF
10
0.12
0.88
165
2,000
NAZT150M50V6.3X6.3NBF
15
0.12
0.88
165
2,000
NAZT220M50V6.3X6.3NBF
22
0.12
0.88
165
2,000
NAZT270M50V6.3X8NBF
27
0.12
0.68
195
2,000
NAZT330M50V6.3X8NBF
33
0.12
0.68
195
2,000
NAZT470M50V6.3X8NBF
47
0.12
0.68
195
2,000
NAZT560M50V8X10.5NBF
56
0.14
0.34
350
5,000
NAZT680M50V8X10.5NBF
68
0.14
0.34
350
5,000
NAZT101M50V8X10.5NBF
100
0.14
0.34
350
5,000
NAZT101M50V10X8JBF
100
0.14
0.34
330
2,000
NAZT151M50V10X10.5LBF
150
0.14
0.18
670
5,000
NAZT221M50V10X10.5LBF
220
0.14
0.18
670
5,000
NAZT331M50V12.5X14KLBF
330
0.14
0.12
900
5,000
NAZT471M50V16X17JLSF
470
0.14
0.073
1610
5,000
NAZT681M50V16X17JLSF
680
0.14
0.073
1610
5,000
NAZT102M50V16X17JLSF
1000
0.14
0.073
1610
5,000
NAZT122M50V18X17.5JLSF
1200
0.14
0.068
1900
5,000
NAZT152M50V18X22JLSF
1500
0.14
0.042
2180
5,000
Surface Mount Aluminum Electrolytic Capacitors
NAZT Series
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment, see part number system


Similar Part No. - NAZT221M63V125X14JLBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZT221M6.3V6.3X6.3NBF NIC-NAZT221M6.3V6.3X6.3NBF Datasheet
55Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZT221M63V125X14JLBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com