Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZT151M63V125X14JLBF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NAZT151M63V125X14JLBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZT151M63V125X14JLBF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NAZT151M63V125X14JLBF Datasheet HTML 1Page - NIC-Components Corp. NAZT151M63V125X14JLBF Datasheet HTML 2Page - NIC-Components Corp. NAZT151M63V125X14JLBF Datasheet HTML 3Page - NIC-Components Corp. NAZT151M63V125X14JLBF Datasheet HTML 4Page - NIC-Components Corp. NAZT151M63V125X14JLBF Datasheet HTML 5Page - NIC-Components Corp. NAZT151M63V125X14JLBF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
DIMENSIONS (mm) AND REEL QUANTITIES
Case Size
φD±0.5 L max. A±0.2 B±0.2 I±0.3
W
P±0.3
Qty/Reel
TR13 (330mm) TR15 (380mm)
4x6.3
4.0
6.3
4.3
4.3
1.8 0.5~0.8
1.0
1,200
2,000
5x6.3
5.0
6.3
5.3
5.3
2.2 0.5~0.8
1.4
800
1,000
6.3x6.3
6.3
6.3
6.6
6.6
2.5 0.5~0.8
2.2
800
1,000
6.3X8
6.3
8.0
6.6
6.6
2.5 0.5~0.8
2.2
500
900
8x10.5
8.0
10.5
8.3
8.3
2.9 0.7~1.0
3.2
300
500
10x8
10.0
8.0
10.3
10.3
3.2 1.0~1.4
4.6
400
500
10x10.5
10.0
10.5
10.3
10.3
3.2 1.0~1.4
4.6
300
500
10x14
10.0
14
10.3
10.3
3.2 1.0~1.4
4.6
-
400
12.5x14
12.5
14.0
12.8
12.8
4.5 1.0~1.4
4.6
-
250
16x17
16.0
17.0
16.3
16.3
5.2 1.8~2.1
7.0
-
200
18x17.5
18
17.5
19.0
19.0
6.5 1.7~2.1
7.0
-
175
18x22
18
22.0
19.0
19.0
6.5 1.7~2.1
7.0
-
125
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
NAZT 101 M 16V 6.3x6.3 N B W Y F
RoHS Compliant
Wide Terminations (Opt.)
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Impedance (
Ω)
100KHz, +20°C
Max. Ripple Current (mA rms)
+105°C, 100KHz
Load Life Hours
@ +105°C
NAZT100M63V6.3X6.3LBF
10
63
0.08
1.50
80
2,000
NAZT220M63V6.3X8LBF
22
0.08
1.20
120
2,000
NAZT470M63V10X8JBF
47
0.08
0.70
200
2,000
NAZT101M63V12.5X14JLBF
100
0.08
0.16
800
5,000
NAZT151M63V12.5X14JLBF
150
0.08
0.16
800
5,000
NAZT221M63V12.5X14JLBF
220
0.08
0.16
800
5,000
NAZT331M63V16X17HLSF
330
0.08
0.082
1410
5,000
NAZT471M63V16X17HLSF
470
0.08
0.082
1410
5,000
NAZT681M63V18X17.5HLSF
680
0.08
0.080
1690
5,000
NAZT102M63V18X22HLSF
1000
0.08
0.055
1960
5,000
NAZT470M80V10X10.5JBF
47
80
0.08
0.65
200
5,000
NAZT101M80V12.5X14HLBF
100
0.08
0.32
500
5,000
NAZT151M80V12.5X14HLBF
150
0.08
0.32
500
5,000
NAZT331M80V16X17HLSF
330
0.08
0.17
793
5,000
NAZT471M80V18X17.5HLSF
470
0.08
0.153
917
5,000
NAZT330M100V10X10.5JBF
33
100
0.07
0.65
200
5,000
NAZT470M100V12.5X14HLBF
47
0.07
0.32
500
5,000
NAZT680M100V12.5X14HLBF
68
0.07
0.32
500
5,000
NAZT101M100V16X17HLSF
100
0.07
0.17
793
5,000
NAZT151M100V16X17HLSF
150
0.07
0.17
793
5,000
NAZT221M100V18X17.5HLSF
220
0.07
0.153
917
5,000
NAZT331M100V18X22HLSF
330
0.07
0.083
1230
5,000
Surface Mount Aluminum Electrolytic Capacitors
NAZT Series
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment, see part number system


Similar Part No. - NAZT151M63V125X14JLBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZT151M6.3V6.3X6.3NBF NIC-NAZT151M6.3V6.3X6.3NBF Datasheet
55Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZT151M63V125X14JLBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com