Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF4104MB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWF4104MB
Description  Metallized Polypropylene Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4104MB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWF4104MB Datasheet HTML 1Page - Panasonic Semiconductor ECWF4104MB Datasheet HTML 2Page - Panasonic Semiconductor ECWF4104MB Datasheet HTML 3Page - Panasonic Semiconductor ECWF4104MB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box
GType ECWF(B), Rated voltage : 400 VDC, Capacitance tolerance : ±3 %(H), ±5 %(J)
Part No.
Cap.
(µF)
Quantity
Ammo
7.5mm
Dimensions (mm)
300
-
L max
T max
ød
Type 1
Type 2
Type 1
Type 2
H max
FS
ECWF4223MB( )
0.022
15.5
5.5
12.5
17.5
12.5
7.5
0.80
ECWF4243MB( )
0.024
15.5
5.5
12.5
17.5
12.5
7.5
0.80
ECWF4273MB( )
0.027
15.5
6.0
12.5
17.5
12.5
7.5
0.80
ECWF4303MB( )
0.030
15.5
6.0
13.0
18.0
12.5
7.5
0.80
ECWF4333MB( )
0.033
15.5
5.5
12.5
17.5
12.5
7.5
0.80
ECWF4363MB( )
0.036
15.5
6.0
12.5
17.5
12.5
7.5
0.80
ECWF4393MB( )
0.039
15.5
6.0
12.5
17.5
12.5
7.5
0.80
ECWF4433MB( )
0.043
15.5
6.0
13.0
18.0
12.5
7.5
0.80
ECWF4473MB( )
0.047
15.5
6.5
13.0
18.0
12.5
7.5
0.80
ECWF4513MB( )
0.051
15.5
6.5
13.5
18.5
12.5
7.5
0.80
ECWF4563MB( )
0.056
15.5
6.5
13.5
18.5
12.5
7.5
0.80
ECWF4623MB( )
0.062
15.5
7.0
14.0
19.0
12.5
7.5
0.80
ECWF4683MB( )
0.068
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWF4753MB( )
0.075
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWF4823MB( )
0.082
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWF4913MB( )
0.091
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWF4104MB( )
0.10
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWF4114MB( )
0.11
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWF4124MB( )
0.12
18.0
8.0
15.0
20.0
15.0
10.0
0.80
ECWF4134MB( )
0.13
18.0
8.0
15.0
20.0
15.0
10.0
0.80
ECWF4154MB( )
0.15
18.0
8.5
15.5
20.5
15.0
10.0
0.80
ECWF4164MB( )
0.16
18.0
9.0
16.0
21.0
15.0
10.0
0.80
ECWF4184MB( )
0.18
18.0
9.5
16.5
21.5
15.0
10.0
0.80
ECWF4204MB( )
0.20
20.0
9.0
16.0
21.0
17.0
10.0
0.80
ECWF4224MB( )
0.22
20.0
9.5
16.5
21.5
17.0
10.0
0.80
ECWF4244MB( )
0.24
20.0
10.0
16.5
21.5
17.0
10.0
0.80
ECWF4274MB( )
0.27
20.0
10.5
17.0
22.0
17.0
10.0
0.80
ECWF4304MB( )
0.30
20.0
11.0
17.5
22.5
17.0
10.0
0.80
ECWF4334MB( )
0.33
20.0
11.5
18.0
23.0
17.0
10.0
0.80
ECWF4364MB( )
0.36
23.0
12.5
20.0
25.0
20.0
12.5
0.80
ECWF4394MB( )
0.39
23.0
13.5
20.5
25.5
20.0
12.5
0.80
ECWF4434MB( )
0.43
23.0
14.0
21.0
26.0
20.0
12.5
0.80
ECWF4474MB( )
0.47
23.0
14.5
21.5
26.5
20.0
12.5
0.80
ECWF4514MB( )
0.51
23.0
12.5
19.5
24.5
20.0
12.5
0.80
ECWF4564MB( )
0.56
23.0
13.0
20.0
25.0
20.0
12.5
0.80
ECWF4624MB( )
0.62
23.0
14.0
21.0
26.0
20.0
12.5
0.80
ECWF4684MB( )
0.68
23.0
14.5
21.5
26.5
20.0
12.5
0.80
ECWF4754MB( )
0.75
28.0
13.0
20.0
25.0
25.0
17.5
0.80
ECWF4824MB( )
0.82
28.0
14.0
20.5
25.5
25.0
17.5
0.80
ECWF4914MB( )
0.91
28.0
14.5
21.5
26.5
25.0
17.5
0.80
ECWF4105MB( )
1.0
28.0
15.0
22.0
27.0
25.0
17.5
0.80
ECWF4115MB( )
1.1
28.0
16.0
22.5
27.5
25.0
17.5
0.80
ECWF4125MB( )
1.2
28.0
16.5
23.5
28.5
25.0
17.5
0.80
ECWF4135MB( )
1.3
28.0
17.0
24.0
29.0
25.0
17.5
0.80
ECWF4155MB( )
1.5
28.0
18.5
25.5
30.5
25.0
17.5
0.80
ECWF4165MB( )
1.6
28.0
19.5
26.5
31.5
25.0
17.5
0.80
500
400
200
300
200
Suffix for lead crimped or taped type
Cap. tol. code
L
L
Lead crimped type last Suffix is P
Mar. 2006


Similar Part No. - ECWF4104MB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4104ML PANASONIC-ECWF4104ML Datasheet
326Kb / 10P
   Metallized polyoropylene Film Capacitor
ECWF4104ML PANASONIC-ECWF4104ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4104ML PANASONIC-ECWF4104ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4104ML PANASONIC-ECWF4104ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4104MLB PANASONIC-ECWF4104MLB Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4104MB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com