Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRBXS100M400V10X20F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRBXS100M400V10X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBXS100M400V10X20F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRBXS100M400V10X20F Datasheet HTML 1Page - NIC-Components Corp. NRBXS100M400V10X20F Datasheet HTML 2Page - NIC-Components Corp. NRBXS100M400V10X20F Datasheet HTML 3Page - NIC-Components Corp. NRBXS100M400V10X20F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Cap.
(
μF) Code
Working Voltage (Vdc)
160
200
250
350
400
450
500
1.0
1R0
-
-
-
-
8X11.5
--
10X12.5
1.5
1R5
-
-
-
-
8X11.5
--
10X12.5
1.8
1R8
-
-
-
-
8X11.5
--
10X12.5
2.2
2R2
-
-
-
-
8X11.5
--
10X12.5
3.3
3R3
-
-
-
-
10X12.5
--
10X16
4.7
4R7
-
-
8X11.5 10X12.5 10X16
10X16
-
10X20
5.6
5R6
-
-
-
10X12.5 10X16
10X16
10X20
-
6.8
6R8
-
-
10X12.5 10X16
10X16
10X16
10X20
-
8.2
8R2
-
-
-
-
-
10X20
--
10
100
10X16
10X16
10X16
10X20
10X20
10X20
12.5X20
12.5X20
12.5X16
12.5X20
15
150
-
-
-
-
12.5X20
12.5X20 12.5X25
12.5X25
12.5X25
16X20
16X20
16X16
22
220
10X20
10X20
10X16
12.5X20
12.5X25 12.5X25 12.5X35
12.5X35
16X25
16X25
10X20
16X20
16X20
18X20
18X20
33
330
10X20
10X20
12.5X16
16X20
16X20
16X20
16X31.5
16X31.5
16X25
12.5X20
18X25
18X25
18X20
47
470
10X20 12.5X20 12.5X20 16X20
16X25
18X25
18X31.5
18X31.5
18X20
56
560
-
-
12.5X20
--
-
-
18X16
68
680
12.5x20
12.5x25 12.5X25
18x25
18x25
-
-
16x20
16x20
82
820
-
16x20
12.5X30
18x25
-
-
-
16x20
100
101
12.5x25
16x20
16x25
--
-
-
16x20
18X20
120
121
-
-
18X20
-
-
-
-
150
151
16x25
16x25
18x25
-
-
-
-
220
221
18x25
-
-
-
-
-
-
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
8
10 12.5 16
18
Lead Dia. (D
φ)
0.6 0.6 0.6 0.8 0.8
Lead Spacing (F) 3.5 5.0 5.0 7.5 7.5
Dim.
α
0.5 0.5 0.5 0.5 0.5
Dim.
β
2.0 2.0 2.0 2.0 2.0
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+
Expanded Values
Miniature Aluminum Electrolytic Capacitors
NRB-XS Series
Special items, 100uF @ 400VDC / 10x16mm and 100uF @ 450VDC / 10x16mm
Special items, 100uF @ 400VDC / 10x16mm and 100uF @ 450VDC / 10x16mm
are available under special order, contact NIC to review your requirements
are available under special order, contact NIC to review your requirements


Similar Part No. - NRBXS100M400V10X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBXS NIC-NRBXS Datasheet
89Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRBXS100M400V10X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com