Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRBXS121M250V18X20F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRBXS121M250V18X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBXS121M250V18X20F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRBXS121M250V18X20F Datasheet HTML 1Page - NIC-Components Corp. NRBXS121M250V18X20F Datasheet HTML 2Page - NIC-Components Corp. NRBXS121M250V18X20F Datasheet HTML 3Page - NIC-Components Corp. NRBXS121M250V18X20F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRB-XS100M400V10X20F
10
400
0.20
350
33.2
10,000
NRB-XS150M400V12.5X20F
15
0.20
550
22.1
12,000
NRB-XS220M400V12.5X25F
22
0.20
760
15.1
12,000
NRB-XS220M400V16X20F
0.20
760
15.1
12,000
NRB-XS330M400V16X20F
33
0.20
900
10.1
12,000
NRB-XS470M400V16X25F
47
0.20
1180
7.06
12,000
NRB-XS470M400V18X20F
0.20
1180
7.06
12,000
NRB-XS680M400V18x25F
68
0.20
1470
4.88
12,000
NRB-XS4R7M450V10X16F
4.7
450
0.20
180
70.6
10,000
NRB-XS4R7M450V10X20F
4.7
0.20
220
70.6
10,000
NRB-XS5R6M450V10X16F
5.6
0.20
200
59.2
10,000
NRB-XS5R6M450V10X20F
5.6
0.20
250
59.2
10,000
NRB-XS6R8M450V10X16F
6.8
0.20
230
48.8
10,000
NRB-XS6R8M450V10X20F
6.8
0.20
280
48.8
10,000
NRB-XS8R2M450V10X20F
8.2
0.20
280
40.5
10,000
NRB-XS100M450V10X20F
10
0.20
330
33.2
10,000
NRB-XS100M450V12.5X16F
10
0.20
360
33.2
12,000
NRB-XS100M450V12.5X20F
10
0.20
450
33.2
12,000
NRB-XS150M450V12.5X20F
15
0.20
450
22.1
12,000
NRB-XS150M450V12.5X25F
15
0.20
600
22.1
12,000
NRB-XS150M450V16X16F
15
0.20
600
22.1
12,000
NRB-XS220M450V12.5X25F
22
0.20
600
15.1
12,000
NRB-XS220M450V16X20F
22
0.20
730
15.1
12,000
NRB-XS330M450V16X20F
33
0.20
730
10.1
12,000
NRB-XS330M450V16X25F
33
0.20
980
10.1
12,000
NRB-XS330M450V18X20F
33
0.20
780
10.1
12,000
NRB-XS470M450V18X25F
47
0.20
1200
7.06
12,000
NRB-XS100M500V12.5X20F
10
500
0.24
320
39.8
10,000
NRB-XS150M500V12.5X25F
15
0.24
440
26.6
10,000
NRB-XS150M500V16X20F
15
0.24
440
26.6
10,000
NRB-XS220M500V12.5X35F
22
0.24
560
18.1
10,000
NRB-XS220M500V16X25F
22
0.24
560
18.1
10,000
NRB-XS220M500V18X20F
22
0.24
560
18.1
10,000
NRB-XS330M500V16X31.5F
33
0.24
700
12.1
10,000
NRB-XS330M500V18X25F
33
0.24
700
12.1
10,000
NRB-XS470M500V18X31.5F
47
0.24
880
8.47
10,000
Miniature Aluminum Electrolytic Capacitors
NRB-XS Series
Cap. (
μF)
120Hz
1KHz
10KHz
100KHz ~ up
1 ~ 4.7
0.2
0.4
0.8
1.0
6.8 ~ 15
0.3
0.6
0.9
1.0
22 ~ 82
0.4
0.7
0.9
1.0
100 ~ 220
0.45
0.75
0.9
1.0
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
Expanded Values


Similar Part No. - NRBXS121M250V18X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBXS NIC-NRBXS Datasheet
89Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRBXS121M250V18X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com