Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZK470M35V63X8NBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAZK470M35V63X8NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZK470M35V63X8NBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAZK470M35V63X8NBF Datasheet HTML 1Page - NIC-Components Corp. NAZK470M35V63X8NBF Datasheet HTML 2Page - NIC-Components Corp. NAZK470M35V63X8NBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
62
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Impedance (
Ω)
+20°C/100KHz
Max. Ripple Current (mA)
+105°C/100KHz
Load Life Hours
@ +105°C
NAZK220M6.3V4X6.1NBF
22
6.3
0.26
1.35
90
2,000
NAZK470M6.3V4X6.1NBF
47
0.26
1.35
90
2,000
NAZK470M6.3V5X6.1NBF
47
0.26
0.70
170
2,000
NAZK101M6.3V5X6.1NBF
100
0.26
0.70
170
2,000
NAZK101M6.3V6.3X6.1NBF
100
0.26
0.36
250
2,000
NAZK221M6.3V6.3X6.1NBF
220
0.26
0.36
250
2,000
NAZK221M6.3V6.3X8NBF
220
0.26
0.34
300
2,000
NAZK331M6.3V6.3X8NBF
330
0.26
0.34
300
2,000
NAZK102M6.3V8X10.5LBF
1000
0.26
0.16
600
2,000
NAZK330M10V4X6.1NBF
33
10
0.19
1.35
90
2,000
NAZK221M10V6.3X8NBF
220
0.19
0.34
300
2,000
NAZK471M10V8X10.5LBF
470
0.19
0.16
600
2,000
NAZK681M10V8X10.5LBF
680
0.19
0.16
600
2,000
NAZK102M10V10X10.5LBF
1000
0.19
0.08
850
2,000
NAZK100M16V4X6.1NBF
10
16
0.16
1.35
90
2,000
NAZK220M16V4X6.1NBF
22
0.16
1.35
90
2,000
NAZK220M16V5X6.1NBF
22
0.16
0.70
170
2,000
NAZK330M16V5X6.1NBF
33
0.16
0.70
170
2,000
NAZK470M16V5X6.1NBF
47
0.16
0.70
170
2,000
NAZK470M16V6.3X6.1NBF
47
0.16
0.36
250
2,000
NAZK101M16V6.3X6.1NBF
100
0.16
0.36
250
2,000
NAZK101M16V6.3X8NBF
100
0.16
0.34
300
2,000
NAZK221M16V6.3X8NBF
220
0.16
0.34
300
2,000
NAZK331M16V8X10.5LBF
330
0.16
0.16
600
2,000
NAZK471M16V8X10.5LBF
470
0.16
0.16
600
2,000
NAZK681M16V10X10.5LBF
680
0.16
0.08
850
2,000
NAZK330M25V5X6.1NBF
33
25
0.14
0.70
170
2,000
NAZK330M25V6.3X6.1NBF
33
0.14
0.36
250
2,000
NAZK470M25V6.3X6.1NBF
47
0.14
0.36
250
2,000
NAZK101M25V6.3X8NBF
100
0.14
0.34
300
2,000
NAZK221M25V8X10.5LBF
220
0.14
0.16
600
2,000
NAZK331M25V8X10.5LBF
330
0.14
0.16
600
2,000
NAZK471M25V10X10.5LBF
470
0.14
0.09
850
2,000
NAZK4R7M35V4X6.1NBF
4.7
35
0.12
1.45
90
2,000
NAZK100M35V4X6.1NBF
10
0.12
1.45
90
2,000
NAZK100M35V5X6.1NBF
10
0.12
0.70
170
2,000
NAZK220M35V5X6.1NBF
22
0.12
0.70
170
2,000
NAZK220M35V6.3X6.1NBF
22
0.12
0.36
250
2,000
NAZK330M35V6.3X6.1NBF
33
0.12
0.36
250
2,000
NAZK470M35V6.3X6.1NBF
47
0.12
0.36
250
2,000
NAZK470M35V6.3X8NBF
47
0.12
0.34
300
2,000
NAZK101M35V6.3X8NBF
100
0.12
0.34
300
2,000
NAZK101M35V8X10.5LBF
100
0.12
0.16
600
2,000
NAZK221M35V8X10.5LBF
220
0.12
0.16
600
2,000
NAZK331M35V10X10.5LBF
330
0.12
0.09
850
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Frequency
120Hz
500Hz
1KHz
10KHz
4.7
μF
0.42
0.60
0.80
1.00
10 ~ 33
μF
0.45
0.75
0.90
1.00
47 ~ 100
μF
0.50
0.80
0.95
1.00
220 ~ 1000
μF
0.60
0.85
0.95
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Surface Mount Aluminum Electrolytic Capacitors NAZK Series
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL


Similar Part No. - NAZK470M35V63X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZK470M35V6.3X6.1NBF NIC-NAZK470M35V6.3X6.1NBF Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAZK470M35V6.3X8NBF NIC-NAZK470M35V6.3X8NBF Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZK470M35V63X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com