Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAWU3R3M400V10X108JBF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NAWU3R3M400V10X108JBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWU3R3M400V10X108JBF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NAWU3R3M400V10X108JBF Datasheet HTML 1Page - NIC-Components Corp. NAWU3R3M400V10X108JBF Datasheet HTML 2Page - NIC-Components Corp. NAWU3R3M400V10X108JBF Datasheet HTML 3Page - NIC-Components Corp. NAWU3R3M400V10X108JBF Datasheet HTML 4Page - NIC-Components Corp. NAWU3R3M400V10X108JBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
CARRIER TAPE DIMENSIONS (mm)
Case Size A ±0.5 B ±0.2 C ±0.3 D ±0.1 P ±0.1 T ±0.2 t max. S ± 0.1
4 x 6.3(6.1)
4.7
4.7
12.0
5.5
8.0
6.2
0.6
-
5 x 6.3
5.7
5.7
12.0
5.5
12.0
6.2
0.6
-
6.3 x 6.3
7.0
7.0
16.0
7.5
12.0
6.2
0.6
-
6.3 x 8
7.0
7.0
16.0
7.5
12.0
8.2
0.6
-
8 x 10.8
8.7
8.7
24.0
11.5
16.0
11.1
0.6
-
10 x 10.8
10.7
10.7
24.0
11.5
16.0
11.2
0.6
-
12.5 x 14
13.2
13.2
32.0
14.2
24.0
14.3
0.6
28.4
16 x 17
17.5
17.5
44.0
20.2
28.0
17.3
0.6
40.4
18X17.5
19.5
17.5
44.0
20.2
32.0
17.8
0.6
40.4
18X22
19.5
17.5
44.0
20.2
32.0
22.5
0.6
40.4
3.0
± 0.5
21
2.0
W
REEL
Case Size
W ± 1
Quantity per reel
TR13 (330mm)
TR15 (380mm)
4 x 6.3(6.1)
14
1200
2000
5 x 6.3
14
800
1000
6.3 x 6.3
18
800
1000
6.3 x 8
18
500
900
8 x 10.8
26
300
500
10 x 10.8
26
300
500
12.5 x 14
34
-
250
16 x 17
46
-
200
18X17.5
46
-
175
18X22
46
-
125
Surface Mount Aluminum Electrolytic Capacitors NAWU Series
T
A
P
Feeding
1.5
φ+0.1/-0
1.75 + 0.15
t
4 + 0.1
REEL QUANTITIES


Similar Part No. - NAWU3R3M400V10X108JBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWU3R3M50V4X6.1JBF NIC-NAWU3R3M50V4X6.1JBF Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWU3R3M400V10X108JBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com