Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSNL1206 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSNL1206
Description  Metal Foil Current Sensing Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSNL1206 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSNL1206 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSNL1206 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSNL1206 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev Date: 05/28/2013
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSNL Series
Metal Foil Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
0.126 ± 0.010
0.063 ± 0.010
0.025 ± 0.010
0.020 ± 0.010
0.020 ± 0.010
inches
3.20 ± 0.25
1.60 ± 0.25
0.65 ± 0.25
0.51 ± 0.25
0.51 ± 0.25
mm
0.200 ± 0.010
0.100 ± 0.010
0.031 ± 0.010
0.051 ± 0.010
0.051 ± 0.010
inches
5.08 ± 0.25
2.54 ± 0.25
0.79 ± 0.25
1.30 ± 0.25
1.30 ± 0.25
mm
0.200 ± 0.010
0.100 ± 0.010
0.025 ± 0.010
0.031 ± 0.010
0.031 ± 0.010
inches
5.08 ± 0.25
2.54 ± 0.25
0.65 ± 0.25
0.79 ± 0.25
0.79 ± 0.25
mm
0.250 ± 0.010
0.125 ± 0.010
0.049 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
1.25 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.030 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.75 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.026 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.65 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.018 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.45 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.014 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.35 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.026 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.65 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.022 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.55 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.018 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.45 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.014 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.35 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.013 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.32 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.012 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.30 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.011 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.27 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
0.250 ± 0.010
0.125 ± 0.010
0.010 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
inches
6.35 ± 0.25
3.18 ± 0.25
0.25 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
mm
CSNL2512 (1.5mΩ)
Type / Code
Unit
CSNL1206
L
Body Length
W
Body Width
H
Body Height
a
Top Termination
b
Bottom
CSNL2010 (≤3mΩ)
CSNL2010 (≥3.1mΩ)
CSNL2512 (0.5mΩ)
CSNL2512 (0.75mΩ)
CSNL2512 (1.0mΩ)
CSNL2512 (2.0mΩ)
CSNL2512 (2.5mΩ)
CSNL2512 (6.5mΩ)
CSNL2512 (7mΩ)
CSNL2512 (10mΩ)
CSNL2512 (3mΩ)
CSNL2512 (4mΩ)
CSNL2512 (5mΩ)
CSNL2512 (6mΩ)
Mechanical Specifications


Similar Part No. - CSNL1206

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSNL1206 SEI-CSNL1206 Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL1206FT10L0 SEI-CSNL1206FT10L0 Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL1206FT1L00 SEI-CSNL1206FT1L00 Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL1206FTL500 SEI-CSNL1206FTL500 Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL1206FTR100 SEI-CSNL1206FTR100 Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results

Similar Description - CSNL1206

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MFSA EATON-MFSA Datasheet
722Kb / 7P
   SMD current sensing resistor-metal foil
June 2022
logo
Bourns Electronic Solut...
CFN-A BOURNS-CFN-A Datasheet
591Kb / 6P
   CFN-A Series Metal Foil, Current Sensing Chip Resistor
CFN0402A BOURNS-CFN0402A Datasheet
591Kb / 6P
   CFN-A Series Metal Foil, Current Sensing Chip Resistor
logo
NIC-Components Corp.
NCLS NIC-NCLS Datasheet
276Kb / 6P
   Metal Foil Current Sensing Chip Resistors
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSRF SEI-CSRF Datasheet
452Kb / 11P
   Foil on Ceramic Current Sensing Chip Resistor
6/28/2022
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL2512-3W SEI-CSNL2512-3W Datasheet
327Kb / 5P
   Metal Plate Current Sensing Chip Resistor
4/18/2022
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
   Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com