Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRBXW221M50V8X25F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRBXW221M50V8X25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBXW221M50V8X25F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRBXW221M50V8X25F Datasheet HTML 1Page - NIC-Components Corp. NRBXW221M50V8X25F Datasheet HTML 2Page - NIC-Components Corp. NRBXW221M50V8X25F Datasheet HTML 3Page - NIC-Components Corp. NRBXW221M50V8X25F Datasheet HTML 4Page - NIC-Components Corp. NRBXW221M50V8X25F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (Arms)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRB-XW221M250V12.5X55F
220
250
0.20
1.13
1.51
10000
NRB-XW221M250V16X35F
220
0.20
1.11
1.51
10000
NRB-XW221M250V18X30F
220
0.20
1.10
1.51
10000
NRB-XW271M250V16X40F
270
0.20
1.27
1.23
10000
NRB-XW271M250V18X35F
270
0.20
1.23
1.23
10000
NRB-XW331M250V16X50F
330
0.20
1.48
1.01
10000
NRB-XW331M250V18X40F
330
0.20
1.42
1.01
10000
NRB-XW391M250V18X45F
390
0.20
1.59
0.85
10000
NRB-XW471M250V18X50F
470
0.20
1.83
0.71
10000
NRB-XW220M350V8X30F
22
350
0.20
0.25
15.08
10000
NRB-XW330M350V8X40F
33
0.20
0.33
10.05
10000
NRB-XW330M350V10X25F
33
0.20
0.31
10.05
10000
NRB-XW390M350V8X45F
39
0.20
0.37
8.51
10000
NRB-XW390M350V10X30F
39
0.20
0.36
8.51
10000
NRB-XW470M350V10X35F
47
0.20
0.41
7.06
10000
NRB-XW560M350V10X40F
56
0.20
0.47
5.92
10000
NRB-XW120M400V8X25F
12
400
0.20
0.17
27.65
10000
NRB-XW150M400V8X30F
15
0.20
0.20
22.12
10000
NRB-XW220M400V8X40F
22
0.20
0.26
15.08
10000
NRB-XW220M400V10X25F
22
0.20
0.24
15.08
10000
NRB-XW270M400V8X45F
27
0.20
0.30
12.29
10000
NRB-XW270M400V10X30F
27
0.20
0.29
12.29
10000
NRB-XW330M400V10X35F
33
400
0.20
0.33
10.0
10000
NRB-XW390M400V10X40F
39
0.20
0.40
8.51
10000
NRB-XW390M400V12.5X25F
39
0.20
0.36
8.51
10000
NRB-XW470M400V10X45F
47
0.20
0.45
7.06
10000
NRB-XW470M400V12.5X30F
47
0.20
0.44
7.06
10000
NRB-XW560M400V10X50F
56
0.20
0.52
5.92
10000
NRB-XW560M400V12.5X35F
56
0.20
0.50
5.92
10000
NRB-XW680M400V12.5X40F
68
0.20
0.58
4.88
10000
NRB-XW680M400V16X25F
68
0.20
0.51
4.88
10000
NRB-XW820M400V12.5X45F
82
0.20
0.65
4.05
10000
NRB-XW820M400V16X30F
82
0.20
0.61
4.05
10000
NRB-XW820M400V18X25F
82
0.20
0.61
4.05
10000
NRB-XW101M400V12.5X60F
100
0.20
0.75
3.32
10000
NRB-XW101M400V16X35F
100
0.20
0.74
3.32
10000
NRB-XW101M400V18X30F
100
0.20
0.74
3.32
10000
NRB-XW121M400V16X40F
120
0.20
0.8
2.76
10000
NRB-XW121M400V18X35F
120
0.20
0.79
2.76
10000
NRB-XW151M400V16X50F
150
0.20
0.95
2.21
10000
NRB-XW151M400V18X40F
150
0.20
0.91
2.21
10000
NRB-XW181M400V18X45F
180
0.20
1.04
1.84
10000
NRB-XW120M420V8X30F
12
420
0.25
0.13
34.6
10000
NRB-XW180M420V8X40F
18
0.25
0.2
23.0
10000
NRB-XW220M420V8X50F
22
0.25
0.25
18.8
10000
NRB-XW330M420V10X40F
33
0.25
0.37
12.6
10000
NRB-XW390M420V10X45F
39
0.25
0.41
10.6
10000
NRB-XW390M420V12.5X30F
39
0.25
0.39
10.6
10000
NRB-XW470M420V12.5X35F
47
0.25
0.45
8.82
10000
NRB-XW560M420V12.5X40F
56
0.25
0.52
7.40
10000
NRB-XW560M420V16X25F
56
0.25
0.46
7.40
10000
NRB-XW680M420V12.5X45F
68
0.25
0.58
6.10
10000
NRB-XW680M420V16X30F
68
0.25
0.55
6.10
10000
NRB-XW820M420V12.5X50F
82
0.25
0.66
5.06
10000
NRB-XW820M420V16X35F
82
0.25
0.63
5.06
10000
NRB-XW820M420V18X25F
82
0.25
0.56
5.06
10000
NRB-XW101M420V16X40F
100
0.25
0.73
4.15
10000
NRB-XW101M420V18X30F
100
0.25
0.67
4.15
10000
NRB-XW121M420V18X35F
120
0.25
0.77
3.46
10000
NRB-XW151M420V18X40F
150
0.25
0.90
2.76
10000
Miniature Aluminum Electrolytic Capacitors
NRB-XW Series


Similar Part No. - NRBXW221M50V8X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBXW NIC-NRBXW Datasheet
132Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRBXW221M50V8X25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com