Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACK151M25V8x105TR13F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NACK151M25V8x105TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK151M25V8x105TR13F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NACK151M25V8x105TR13F Datasheet HTML 1Page - NIC-Components Corp. NACK151M25V8x105TR13F Datasheet HTML 2Page - NIC-Components Corp. NACK151M25V8x105TR13F Datasheet HTML 3Page - NIC-Components Corp. NACK151M25V8x105TR13F Datasheet HTML 4Page - NIC-Components Corp. NACK151M25V8x105TR13F Datasheet HTML 5Page - NIC-Components Corp. NACK151M25V8x105TR13F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RECOMMENDED LAND PATTERN (mm)
STANDARD TERMINAL
e
e
d
+
-
f
Support Terminals
Solder Pads
+
-
b
b
a
c
Solder Pads
Case Dia.
a
b
c
4x6.1
1.0
2.6
1.8
5x6.1
1.4
3.0
1.8
6.3x6.1
2.1
3.5
1.8
6.3x8
2.1
3.5
1.8
8x6.5
2.2
4.5
1.6
8x10.5
2.8
4.1
2.2
10x10.5
4.5
4.5
2.5
12.5x14
4.3
5.8
2.5
16x17
6.6
6.5
4.0
18x17
6.0
7.5
2.5
Surface Mount Aluminum Electrolytic Capacitors NACK Series
STANDARD TERMINATION
WT STYLE TERMINATION
RECOMMENDED LAND PATTERN (mm)
WIDE TERMINAL
Case Dia.
d
e
f
8x6.5WT
1.8
4.1
5.0
8x10.5WT
2.7
4.0
4.7
10x10.5 WT
3.9
4.4
4.7
12.5x14WT
3.9
6.0
2.5
16x17WT
4.7
8.4
9.6
18x17WT
4.7
8.4
9.6
Case Size
D
φ ±0.5 L max.
A, B
H max.
I ±0.3
P ±0.3
W
K
R
S
T
4 x 6.1
4.0
6.1
4.3 ± 0.2
5.5
1.8
1.0
0.65 ± 0.15
0.35 ± 0.2
-
-
-
5 x 6.1
5.0
6.1
5.3 ± 0.2
6.5
2.2
1.5
0.65 ± 0.15
0.35 ± 0.2
-
-
-
6.3 6.1
6.3
6.1
6.6 ± 0.2
7.8
2.6
1.8
0.65 ± 0.15
0.35 ± 0.2
-
-
-
6.3 x 8
6.3
8.0
6.6 ± 0.2
7.8
2.6
1.8
0.65 ± 0.15
0.35 ± 0.2
-
-
-
8 x 6.5
8.0
6.5
8.3 ± 0.2
9.5
3.4
2.2
0.65 ± 0.15
0.35 ± 0.2
-
-
-
8 x 6.5WT
8.0
6.8
8.3 ± 0.2
9.5
3.4
2.2
0.70 ± 0.10
0.35 ± 0.2
0.70 ± 0.2
5.3 ± 0.2
1.7 ± 0.2
8 x 10.5
8.0
10.5
8.3 ± 0.2
10.0
3.1
3.1
0.90 ± 0.20
0.70 +0.2/-0.5
-
-
-
8 x 10.5WT
8.0
10.8
8.3 ± 0.2
10.0
3.4
3.1
1.20 ± 0.20
0.70 ± 0.2
0.70 ± 0.2
5.3 ± 0.2
1.3 ± 0.2
10 x 10.5
10.0
10.5
10.3 ± 0.2
12.0
3.2
4.6
1.05 ± 0.35
0.70 +0.2/-0.5
-
-
-
10 x 10.5WT
10.0
10.8
10.3 ± 0.2
12.0
3.5
4.6
1.20 ± 0.20
0.70 ± 0.2
0.70 ± 0.2
6.9 ± 0.2
1.3 ± 0,.2
12.5 x 14
12.5
14.0
13.2 ± 0.6
15.0
4.5
4.6
1.00 ± 0.40
0.70 +0.3/-0.5
-
-
-
12.5 x 14WT
12.5
14.3
13.5 ± 0.2
15.0
4.7
4.4
1.20 ± 0.30
0.70 ± 0.3
2.2 ± 0.2
7.1 ± 0.2
2.4 ± 0.2
16 x 17
16.0
17.0
16.7 ± 0.6
19.0
5.2
6.9
1.50 ± 0.60
0.70 +0.3/-0.4
-
-
-
16 x 17WT
16.0
17.5
17.0 ± 0.2
20.0
5.5
6.9
1.65 ± 0.45
0.70 +0.3/-0.4
3.0 ± 0.2
9.0 ± 0.2
1.9 ± 0.2
18 x 17
18.0
17.0
19.0 ± 0.2
21.0
6.7
6.7
1.20 ± 0.30
0.70 ± 0.3
-
-
-
18 x 17WT
18.0
17.3
19.0 ± 0.2
21.0
6.7
6.7
1.40 ± 0.20
0.70 ± 0.3
3.0 ± 0.2
11.0 ± 0.2
1.9 ± 0.2
DIMENSIONS (mm)
B
W
P
A
W
P
A
R
R
S
B
Termination deflection:
Standard = ±0.30mm
WT = +0.15mm/-0.05mm
D
φ
L
K
K
H
STANDARD
I
I
+
-
I
I
T
WT STYLE
+
-
Anti-Vibration Skirt
on WT Style
8mm ~ 18mm Dia.


Similar Part No. - NACK151M25V8x105TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK100M100V4X6.1TR13T2F NIC-NACK100M100V4X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACK100M100V5X6.1TR13T2F NIC-NACK100M100V5X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACK100M10V4X6.1TR13T2F NIC-NACK100M10V4X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACK100M10V5X6.1TR13T2F NIC-NACK100M10V5X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACK100M16V4X6.1TR13T2F NIC-NACK100M16V4X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACK151M25V8x105TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com