Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAWU4R7M50V5X63LBF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NAWU4R7M50V5X63LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWU4R7M50V5X63LBF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NAWU4R7M50V5X63LBF Datasheet HTML 1Page - NIC-Components Corp. NAWU4R7M50V5X63LBF Datasheet HTML 2Page - NIC-Components Corp. NAWU4R7M50V5X63LBF Datasheet HTML 3Page - NIC-Components Corp. NAWU4R7M50V5X63LBF Datasheet HTML 4Page - NIC-Components Corp. NAWU4R7M50V5X63LBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Case Size
φD
L max.*
A ± 0.2 B ± 0.2
I ± 0.2
W
P ± 0.2
4x6.3(6.1)
4.0
6.3
4.3
4.3
1.8
0.5 ~ 0.8
1.0
5x6.3
5.0
6.3
5.3
5.3
2.2
0.5 ~ 0.8
1.3
6.3x6.3
6.3
6.3
6.6
6.6
2.5
0.5 ~ 0.8
1.8
6.3X8
6.3
8.0
6.6
6.6
2.5
0.5 ~ 0.8
2.2
8x10.5
8.0
10.5
8.3
8.3
2.9
0.7 ~ 1.1
3.2
8x10.8
8.0
10.8
8.3
8.3
2.9
0.7 ~ 1.1
3.2
10x10.8
10.0
10.8
10.3
10.3
3.2
0.8 ~ 1.4
4.6
12.5x14
12.5
14
12.8
12.8
4.5
1.0 ~ 1.4
4.6
16x17
16
17
16.3
16.3
5.5
1.8 ~ 2.1
7.0
18X17.5
18
17.5
19.0
19.0
6.5
1.7 ~ 2.1
7.0
18X22
18
*21.5 +0.5 /
-1.0
19.0
19.0
6.5
1.7 ~ 2.1
7.0
DIMENSIONS D x L (mm)
Cap
(
μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
100
160
200
400
1.0
1R0
-----
4X6.3
----
2.2
2R2
-----
4X6.3
-
-
-
8X10.8
3.3
3R3
-----
4X6.3
-
-
8X10.8
10X10.8
4.7
4R7
----
4X6.3
5X6.3
-
-
8X10.8
10X10.8
10
100
-
-
4X6.3
5X6.3
5X6.3
6.3X6.3
8X10.5
10X10.8
10X10.8
12.5X14
22
220
-
5X6.3
5X6.3
5X6.3
6.3X6.3
6.3X8
-
12.5X14
12.5X14
16X17
27
270
---------
18X17.5
33
330
5X6.3
5X6.3
6.3X6.3
6.3X6.3
6.3X8
-
-
12.5X14
12.5X14
18X22
47
470
5X6.3
6.3X6.3
6.3X6.3
6.3X8
-
-
-
16X17
16X17
-
68
680
-------
16X17
16X17
-
18X17.5
82
820
-------
16X17
-
-
100
101
6.3X6.3
6.3X8
6.3X8
----
18X17.5
18X22
-
120
121
-------
18X22
-
-
220
221
6.3X8
---------
STANDARD PRODUCTS AND CASE SIZE TABLE D x L (mm)
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
RIPPLE CURRENT
FREQUENCY CORRECTION FACTOR
Frequency Hz
100 < F < 1K 1K < F < 10K 10K < F < 100K
100K < F
0.1 ~ 1.0
μF
0.50
1.00
1.20
1.30
2.2 ~ 4.7
μF
0.65
1.00
1.20
1.30
10 ~ 47
μF
0.80
1.00
1.20
1.30
100 ~ 220
μF
0.80
1.00
1.10
1.15
All 160V ~ 400V
50
120
300
1K
10K < F
0.75
1.00
1.20
1.30
1.50
Surface Mount Aluminum Electrolytic Capacitors NAWU Series
RECOMMENDED LAND PATTERN (mm)
+
-
b
b
a
c
Solder Pads
Case Dia.
a
b
c
4
1.0
2.6
1.6
5
1.4
3.0
1.6
6.3
2.1
3.5
1.6
8
2.8
4.1
2.1
10
4.3
4.4
2.5
12.5
4.3
5.8
2.5
16
6.6
6.5
5.0
18
6.6
7.7
5.0
Represents New Value


Similar Part No. - NAWU4R7M50V5X63LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWU4R7M50V5X6.1JBF NIC-NAWU4R7M50V5X6.1JBF Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWU4R7M50V5X63LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com