Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAWU2R2M50V4X63LBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAWU2R2M50V4X63LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWU2R2M50V4X63LBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAWU2R2M50V4X63LBF Datasheet HTML 1Page - NIC-Components Corp. NAWU2R2M50V4X63LBF Datasheet HTML 2Page - NIC-Components Corp. NAWU2R2M50V4X63LBF Datasheet HTML 3Page - NIC-Components Corp. NAWU2R2M50V4X63LBF Datasheet HTML 4Page - NIC-Components Corp. NAWU2R2M50V4X63LBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
STANDARD VALUES, PART NUMBERS AND
MAXIMUM RIPPLE CURRENT
Part Number
W.V.
(Vdc)
Cap.
(
μF)
Dissipaton Factor
(Tan
δ)
Ripple Current Rating
(mA @ 105°C/120Hz)
Load Life Hours
@ +105°C
NAWU330M6.3V5X6.3LBF
6.3
33
0.30
35
5,000
NAWU470M6.3V5X6.3LBF
47
0.30
38
5,000
NAWU101M6.3V6.3X6.3LBF
100
0.30
69
5,000
NAWU221M6.3V6.3X8LBF
220
0.30
101
5,000
NAWU220M10V5X6.3LBF
10
22
0.24
30
5,000
NAWU330M10V5X6.3LBF
33
0.24
35
5,000
NAWU470M10V6.3X6.3LBF
47
0.24
50
5,000
NAWU101M10V6.3X8LBF
100
0.24
81
5,000
NAWU100M16V4X6.3LBF
16
10
0.20
18
5,000
NAWU220M16V5X6.3LBF
22
0.20
30
5,000
NAWU330M16V6.3X6.3LBF
33
0.20
48
5,000
NAWU470M16V6.3X6.3LBF
47
0.20
50
5,000
NAWU101M16V6.3X8LBF
100
0.20
81
5,000
NAWU100M25V5X6.3LBF
25
10
0.16
25
5,000
NAWU220M25V6.3X6.3LBF
22
0.16
42
5,000
NAWU330M25V6.3X6.3LBF
33
0.16
50
5,000
NAWU470M25V6.3X8LBF
47
0.16
63
5,000
NAWU4R7M35V4X6.3LBF
35
4.7
0.14
16
5,000
NAWU100M35V5X6.3LBF
10
0.14
27
5,000
NAWU220M35V6.3X6.3LBF
22
0.14
44
5,000
NAWU330M35V6.3X8LBF
33
0.14
57
5,000
NAWU1R0M50V4X6.3LBF
50
1.0
0.14
8.0
5,000
NAWU2R2M50V4X6.3LBF
2.2
0.14
11
5,000
NAWU3R3M50V4X6.3LBF
3.3
0.14
14
5,000
NAWU4R7M50V5X6.3LBF
4.7
0.14
19
5,000
NAWU100M50V6.3X6.3LBF
10
0.14
32
5,000
NAWU220M50V6.3X8LBF
22
0.14
49
5,000
NAWU100M100V8X10.5JBF
100
10
0.18
55
5,000
NAWU100M160V10X10.8JBF
160
10
0.20
43
5,000
NAWU220M160V12.5X14HLBF
22
0.20
112
5,000
NAWU330M160V12.5X14HLBF
33
0.20
137
5,000
NAWU470M160V16X17GLSF
47
0.20
180
5,000
NAWU680M160V16X17GLSF
68
0.20
215
5,000
NAWU820M160V16X17GLSF
82
0.20
235
5,000
NAWU101M160V18X17.5GLSF
100
0.20
320
5,000
NAWU121M160V18X22GLSF
120
0.20
340
5,000
NAWU3R3M200V8X10.8JBF
200
3.3
0.20
31
5,000
NAWU4R7M200V8X10.8JBF
4.7
0.20
37
5,000
NAWU100M200V10X10.8JBF
10
0.20
43
5,000
NAWU220M200V12.5X14HLBF
22
0.20
112
5,000
NAWU330M200V12.5X14HLBF
33
0.20
137
5,000
NAWU470M200V16X17GLSF
47
0.20
180
5,000
NAWU680M200V16X17GLSF
68
0.20
215
5,000
NAWU680M200V18X17.5GLSF
68
0.20
270
5,000
NAWU101M200V18X22GLSF
100
0.20
330
5,000
NAWU2R2M400V8X10.8JBF
400
2.2
0.25
25
5,000
NAWU3R3M400V10X10.8JBF
3.3
0.25
36
5,000
NAWU4R7M400V10X10.8JBF
4.7
0.25
38
5,000
NAWU100M400V12.5X14HLBF
10
0.25
57
5,000
NAWU220M400V16X17GLSF
22
0.25
115
5,000
NAWU270M400V18X17.5GLSF
27
0.25
125
5,000
NAWU330M400V18X22GLSF
33
0.25
160
5,000
Surface Mount Aluminum Electrolytic Capacitors NAWU Series
For Automotive Equipment see part number system
Represents New Value


Similar Part No. - NAWU2R2M50V4X63LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWU2R2M50V4X6.1JBF NIC-NAWU2R2M50V4X6.1JBF Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWU2R2M50V4X63LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com