Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZT102M63V8X105NBF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NAZT102M63V8X105NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZT102M63V8X105NBF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NAZT102M63V8X105NBF Datasheet HTML 1Page - NIC-Components Corp. NAZT102M63V8X105NBF Datasheet HTML 2Page - NIC-Components Corp. NAZT102M63V8X105NBF Datasheet HTML 3Page - NIC-Components Corp. NAZT102M63V8X105NBF Datasheet HTML 4Page - NIC-Components Corp. NAZT102M63V8X105NBF Datasheet HTML 5Page - NIC-Components Corp. NAZT102M63V8X105NBF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors
NAZT Series
Case Size
A
±0.2
B
±0.2
C
±0.3
D
±0.1
P
±0.1
T
±0.2
t
max.
S
±0.1
4x6.3
4.7
4.7
12.0
5.5
8.0
6.4
0.6
-
5x6.3
5.7
5.7
12.0
5.5
12.0
6.4
0.6
-
6.3x6.3
7.0
7.0
16.0
7.5
12.0
6.5
0.6
-
6.3x8
7.0
7.0
16.0
7.5
12.0
8.2
0.6
-
8x10.5
8.7
8.7
24.0
11.5
16.0
11.1
0.6
-
10x8
10.7
10.7
24.0
11.5
16.0
8.3
0.6
-
10x10.5
10.7
10.7
24.0
11.5
16.0
11.2
0.6
-
10x14
10.7
10.7
24.0
11.5
16.0
14.6
0.6
-
12.5x14
13.2
13.2
32.0
14.2
24.0
14.3
0.6
28.4
16x17
17.5
17.5
44.0
20.2
28.0
17.3
0.6
40.4
18x17
19.5
19.5
44.0
20.2
32.0
17.8
0.6
40.4
18x22
19.5
19.5
44.0
20.2
32.0
22.5
0.6
40.4
Case Size
W
±1.0
Qty per Reel
13" (330mm)
15" (380mm)
4x6.3
14
1200
2000
5x6.3
14
800
1000
6.3x6.3
18
800
1000
6.3x8
18
500
900
8x10.5
26
300
500
10x8
26
400
500
10x10.5
26
300
500
10x14
26
-
400
12.5x14
34
-
250
16x17
46
-
200
18x17
46
-
175
18x22
46
-
125
REEL DIMENSIONS (mm)
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 10 empty carrier tape pockets.
2. Connection: Maximum 3 connections (slices) per reel.
2mm ± 0.5mm
φ13mm ± 0.5mm
φ21mm ± 0.8mm
φ330mm ± 2.0mm
or
φ380mm ± 2.0mm
W
3mm
T
A
P
Feeding
1.5
∅ +0.1/-
1.75
±
1.5
φ+0.1/-0
1.75 + 0.15
t
4 + 0.1
Test Method
Characteristic
Standard
1) Direction & Duration of Vibration: Two (2) hours in X, Y, Z axis
2) Frequency: 5Hz ~ 2,000Hz reciprocation for 20 minutes
3) Peak to Peak Amplitude: 5mm
4) Peak Acceleration: 30G
5) Sweep Type: Log
6) Thickness of Solder Paste: 0.20mm ± 0.03mm
Capacitance Change
Within ± 10% of the initial measured value
Dissipation Factor (Tan
δ)
Less than specified maximum value
Leakage Current
Less than specified maximum value
WT STYLE VIBRATION SPECIFICATION
Case Size
A
±0.2
B
±0.2
C
±0.3
D
±0.1
P
±0.1
T
±0.2
t
max.
S
±0.1
8x10.5
8.7
8.7
24.0
11.5
16.0
11.1
0.6
-
10x8
10.7
10.7
24.0
11.5
16.0
8.3
0.6
-
10x10.5
10.7
10.7
24.0
11.5
16.0
11.2
0.6
-
10x14
10.7
10.7
24.0
11.5
16.0
14.6
0.6
-
12.5x14
13.9
13.9
32.0
14.2
24.0
14.7
0.6
28.4
16x17
17.5
17.5
44.0
20.2
28.0
17.8
0.6
40.4
18x17
19.5
19.5
44.0
20.2
32.0
17.8
0.6
40.4
18x22
19.5
19.5
44.0
20.2
32.0
22.5
0.6
40.4
WT TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 10 empty carrier tape pockets.
2. Connection: Maximum 3 connections (slices) per reel.
T
A
P
Feeding
1.5
∅ +0.1/-
1.75
±
1.5
φ+0.1/-0
1.75 + 0.15
t
4 + 0.1


Similar Part No. - NAZT102M63V8X105NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZT102M6.3V8X10.5NBF NIC-NAZT102M6.3V8X10.5NBF Datasheet
55Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZT102M63V8X105NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com