Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLE220M10V5x7F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NLE220M10V5x7F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLE220M10V5x7F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NLE220M10V5x7F Datasheet HTML 1Page - NIC-Components Corp. NLE220M10V5x7F Datasheet HTML 2Page - NIC-Components Corp. NLE220M10V5x7F Datasheet HTML 3Page - NIC-Components Corp. NLE220M10V5x7F Datasheet HTML 4Page - NIC-Components Corp. NLE220M10V5x7F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
199
NIC COMPONENTS CORP.
www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Taping Dimensions (mm)
SPECIAL STRAIGHT LEAD TAPING TBST
SPECIAL RADIAL TAPING (2.5mm LEAD SPACING, FORMED LEADS) TBF1
Case Dia.
(Dφ)
4
5
6.3
8
Case Size
4x5
4x7
5x5
5x7 5x11
6.3x5
6.3x7 6.3x11
8x11.5
Dim.
dφ ±0.05
0.45 0.45
0.5
0.45
0.5
0.6
H ±0.75
17.5 17.5 18.5
17.5
18.5
20.0
F +0.8 ~ -0.2
2.0*
2.0
2.0
2.5
2.5
3.5
P ±1.0
12.7 ±0.2
P0
12.7 ±0.2
P
1
5.1
5.1
5.1
5.1
5.1
4.6
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min.
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
* Parts with 4mm diameter are taped with a slight are in the
lead and a 2.0mm lead-space.
Miniature Aluminum Electrolytic Capacitors
Taping Speci cations
Case Dia.
(Dφ)
45
Case Size 4x5
4x7
5x5
5x7 5x11
Dim.
dφ ±0.05 0.45 0.45 0.5
H ±0.75
17.5 17.5 18.5
H0 ±0.5
16.0
-
-
F
2.5 -02 ~ +0.8
P
12.7 ±1.0
P0
12.7 ±0.2
P1
5.1 ±0.5
P2
6.35 ±1.0
W
18.0 ±0.5
W0
11.5 min.
W1
9.0 ±0.5
W2
0 ~ 1.5
I
1.0 max.
D0φ
4.0 ±0.2
Δh
0 ±1.0
t
0.7 ±0.2
Taping Dimensions (mm)
1max
t
Δh
P
2
P
∅D
P
1
w
2
w
0
w
0
P
0
F
S ∅D
0
∅d
W
1
H
P
2
P
∅D
P
1
w
2
w
0
w
0
P
0
F
S ∅D
0
∅d
W
H
1max
t
Δh
H0


Similar Part No. - NLE220M10V5x7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLE2R2M10 NIC-NLE2R2M10 Datasheet
144Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLE2R2M16 NIC-NLE2R2M16 Datasheet
144Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLE2R2M25 NIC-NLE2R2M25 Datasheet
144Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLE2R2M35 NIC-NLE2R2M35 Datasheet
144Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLE2R2M50 NIC-NLE2R2M50 Datasheet
144Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NLE220M10V5x7F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com